Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5018 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5018
Description  IttyBitty??High-Side MOSFET Driver Preliminary Information
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5018 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5018 Datasheet HTML 1Page - Micrel Semiconductor MIC5018 Datasheet HTML 2Page - Micrel Semiconductor MIC5018 Datasheet HTML 3Page - Micrel Semiconductor MIC5018 Datasheet HTML 4Page - Micrel Semiconductor MIC5018 Datasheet HTML 5Page - Micrel Semiconductor MIC5018 Datasheet HTML 6Page - Micrel Semiconductor MIC5018 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MIC5018
Micrel
5-158
1997
Typical Characteristics Note 4
0
0.2
0.4
0.6
0.8
1.0
02468
10
SUPPLY VOLTAGE (V)
Supply Current
vs. Supply Voltage
-40
°C
125
°C
25
°C
0
40
80
120
160
0
2468
10 12 14 16
OUTPUT VOLTAGE (V)
Gate Output Current
vs. Output Voltage
V
SUPPLY = 9V
5V
3V
0
1
2
3
4
5
6
7
8
0
1000 2000 3000 4000 5000
CAPACITANCE (pF)
Full Turn-Off Time
vs. Load Capacitance
V
SUPPLY = 3V
5V
9V
Note 6
Note 4:
T
A = 25°C, VSUPPLY = 5V unless noted.
Note 5:
Full turn-on time is the time between V
CTL rising to 2.5V and the VG rising to 90% of its steady on-state value.
Note 6:
Full turn-off time is the time between V
CTL falling to 0.5V and the VG falling to 10% of its steady on-state value.
0
5
10
15
20
0
1000 2000 3000 4000 5000
CAPACITANCE (pF)
Full Turn-On Time
vs. Load Capacitance
V
SUPPLY = 3V
5V
9V
Note 5
0
5
10
15
20
02468
10
SUPPLY VOLTAGE (V)
Gate Output Voltage
vs. Supply Voltage
25
°C
-40
°C
125
°C
0
20
40
60
80
100
120
0
2468
10 12 14 16
OUTPUT VOLTAGE (V)
Gate Output Current
vs. Output Voltage
T
A = -55°C
25
°C
125
°C


Similar Part No. - MIC5018

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5018 MICREL-MIC5018 Datasheet
209Kb / 8P
   IttyBitty??High-Side MOSFET Driver
logo
Microchip Technology
MIC5018 MICROCHIP-MIC5018 Datasheet
2Mb / 20P
   High-Side MOSFET Driver
09/14/21
logo
Micrel Semiconductor
MIC5018BM4 MICREL-MIC5018BM4 Datasheet
209Kb / 8P
   IttyBitty??High-Side MOSFET Driver
logo
Microchip Technology
MIC5018YM4-TR MICROCHIP-MIC5018YM4-TR Datasheet
2Mb / 20P
   High-Side MOSFET Driver
09/14/21
logo
Micrel Semiconductor
MIC5018 MICREL-MIC5018_06 Datasheet
209Kb / 8P
   IttyBitty??High-Side MOSFET Driver
More results

Similar Description - MIC5018

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2514 MICREL-MIC2514 Datasheet
44Kb / 5P
   IttyBitty??Integrated High-Side Switch Preliminary Information
MIC6211 MICREL-MIC6211 Datasheet
137Kb / 8P
   IttyBitty??Operational Amplifier Preliminary Information
MIC6251 MICREL-MIC6251 Datasheet
118Kb / 8P
   IttyBitty??GainBlock??Amplifiers Preliminary Information
MIC5018 MICREL-MIC5018_06 Datasheet
209Kb / 8P
   IttyBitty??High-Side MOSFET Driver
MIC4416 MICREL-MIC4416_05 Datasheet
121Kb / 10P
   IttyBitty??Low-Side MOSFET Driver
MIC5270 MICREL-MIC5270 Datasheet
42Kb / 4P
   IttyBitty??Negative Low-Dropout Regulator Preliminary Information
MIC4416 MICREL-MIC4416 Datasheet
107Kb / 9P
   IttyBitty??Low-Side MOSFET Driver
logo
MIC GROUP RECTIFIERS
MIC4416 MIC-MIC4416_11 Datasheet
122Kb / 10P
   IttyBitty??Low-Side MOSFET Driver
logo
Micrel Semiconductor
MIC7211 MICREL-MIC7211 Datasheet
75Kb / 8P
   IttyBitty??Rail-to-Rail Input Comparator Preliminary Information
MIC7111 MICREL-MIC7111 Datasheet
73Kb / 8P
   1.8V IttyBitty??Rail-to-Rail Input/Output Op Amp Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com