Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0512TQ Datasheet(PDF) 1 Page - Gennum Corporation

Part # 0512TQ
Description  Protects Two High-Speed Data Lines
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

0512TQ Datasheet(HTML) 1 Page - Gennum Corporation

  0512TQ Datasheet HTML 1Page - Gennum Corporation 0512TQ Datasheet HTML 2Page - Gennum Corporation 0512TQ Datasheet HTML 3Page - Gennum Corporation 0512TQ Datasheet HTML 4Page - Gennum Corporation 0512TQ Datasheet HTML 5Page - Gennum Corporation 0512TQ Datasheet HTML 6Page - Gennum Corporation 0512TQ Datasheet HTML 7Page - Gennum Corporation 0512TQ Datasheet HTML 8Page - Gennum Corporation 0512TQ Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RClamp0512TQ
Final Datasheet
Rev 5.0
June 12, 2015
www.semtech.com
Page 1
Semtech
RClamp0512TQ
PROTECTION PRODUCTS
Features
• TransientProtectionto
Œ
IEC61000-4-2(ESD)30kV(Air),30kV(Contact)
Œ
IEC61000-4-4(EFT)4kV(5/50ns)
Œ
IEC61000-4-5(Lightning)20A(8/20µs)
Œ
ISO-10605(ESD)30kV(Air),30kV(Contact)
• QualifiedtoAEC-Q100,Grade1
• VerySmallPCBArea:0.6mm2
• ProtectsTwoHigh-SpeedDataLines
• WorkingVoltage:5V
• LowCapacitance:3pFMaximum
• DynamicResistance:0.075Ohms(Typ)
• Solid-StateSilicon-AvalancheTechnology
Mechanical Characteristics
• SGP1006N3TPackage
• Pb-Free,HalogenFree,RoHS/WEEECompliant
• NominalDimensions:1.0x0.60x0.40mm
• LeadFinish:NiAu
• MoldingCompoundFlammabilityRating:UL94V-0
• Marking:MarkingCode+DotMatrixDateCode
• Packaging:TapeandReel
Applications
• AutomotiveApplications
• IndustrialEquipment
• IntegratedMagnetics/RJ-45Connectors
• 10/100/1000Ethernet
• 2.5GbE
• USB2.0
Nominal Dimensions in mm
Nominal Dimensions
Functional Schematic
Low Capacitance RailClamp®
2-Line Surge and ESD Protection
Device Schematic
Description
RClamp®0512TQisspecificallydesignedtoprovide
secondarysurgeandESDprotectiononhigh-speed
ports.RClamp0512TQintegrateslowcapacitance,
surge-ratedsteeringdiodeswithahighpowertransient
voltagesuppressor(TVS).TheTVSutilizessnap-back
or“crow-bar”technologytominimizedeviceclamping
voltageandfeatureshighsurgecurrentcapabilityof20A
(tp=8/20us).ESDcharacteristicsarehighlightedbyhigh
ESDwithstandvoltage(+/-30kVperIEC61000-4-2)and
extremelylowdynamicresistance(0.075Ohmstypical).
Eachdevicewillprotecttwolinesoperatingat5volts
andarequalifiedtoAEC-Q100,Grade1(-40to+125oC)
forautomotiveapplications.
RClamp0512TQisina3-pinSGP1006N3Tpackage.It
measures1.0x0.6mmwithanominalheightofonly
0.4mm.Theleadsarefinishedwithlead-freeNiAu.
Theflow-throughpackagedesignsimplifiesPCBlayout.
1.00
0.40
0.60
0.70
1
2
12
3


Similar Part No. - 0512TQ

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0512031200 MOLEX7-0512031200 Datasheet
90Kb / 3P
   HMC??Rectangular Industrial Male Housing, Multi-Module Type, 12 Circuits
0512041200 MOLEX7-0512041200 Datasheet
90Kb / 3P
   HMC??Rectangular Industrial Female Housing, Multi-Module Type, 12 Circuits
0512160200 MOLEX7-0512160200 Datasheet
116Kb / 2P
   2.00mm (.079") Pitch Wire-to-Board and Wire-to-Wire Receptacle Housing, Positive Lock, 2 Circuits
0512160300 MOLEX7-0512160300 Datasheet
116Kb / 2P
   2.00mm (.079") Pitch Wire-to-Board and Wire-to-Wire Receptacle Housing, Positive Lock, 3 Circuits
0512160400 MOLEX7-0512160400 Datasheet
116Kb / 2P
   2.00mm (.079") Pitch Wire-to-Board and Wire-to-Wire Receptacle Housing, PositiveLock, 4 Circuits
More results

Similar Description - 0512TQ

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
3324T GENNUM-3324T Datasheet
237Kb / 10P
   Protects four high-speed lines
1202P GENNUM-1202P Datasheet
231Kb / 7P
   Protects up to two lines
2451ZA GENNUM-2451ZA Datasheet
268Kb / 8P
   Protects one high speed data line
logo
Guangdong Youtai Semico...
BST23CXXXV UMW-BST23CXXXV Datasheet
480Kb / 5P
   Protects one bidirectional line or two unidirectional lines
logo
Bourns Electronic Solut...
CDNBS08-T58CC BOURNS-CDNBS08-T58CC Datasheet
340Kb / 4P
   Protects four lines
logo
Micro Commercial Compon...
ESDLC5V0T7 MCC-ESDLC5V0T7 Datasheet
322Kb / 3P
   Protect up two data lines
logo
Rhombus Industries Inc.
F-120 RHOMBUS-IND-F-120 Datasheet
27Kb / 1P
   High Frequency Data Line Filter (4 Lines - Two Coils)
logo
Gennum Corporation
3374N GENNUM-3374N Datasheet
171Kb / 9P
   Protects up to eight lines
logo
ON Semiconductor
ESD8118 ONSEMI-ESD8118 Datasheet
227Kb / 10P
   Low Capacitance Array for High Speed Data Lines
May, 2015 ??Rev. 0
logo
Infineon Technologies A...
ESD114-U1-02 INFINEON-ESD114-U1-02 Datasheet
975Kb / 14P
   ESD / Transient protection of high speed data lines exceeding
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com