Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP31C Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TIP31C
Description  NPN EXPITAXIAL PLANAR TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TIP31C Datasheet(HTML) 2 Page - Unisonic Technologies

  TIP31C_15 Datasheet HTML 1Page - Unisonic Technologies TIP31C_15 Datasheet HTML 2Page - Unisonic Technologies TIP31C_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TIP31C
NPN EXPITAXIAL TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R203-010.E
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
DC
IC
3
A
Pulse
5
A
Base Current
IB
1
A
Collector Dissipation (TC=25°C)
TO-126S
TO-126
PC
10
W
TO-220
40
W
TO-252
15
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TC=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Emitter Sustaining Voltage (Note)
BVCEO
IC=30mA, IB=0
100
V
Collector Cutoff Current
ICES
VCB=100V, VEB=0
200
μA
Collector Cutoff Current
ICEO
VCE=60V, IB=0
0.3
mA
Emitter Cutoff Current
IEBO
VBE=5V, IC=0
1
mA
Collector-Emitter Saturation Voltage (Note)
VCE(SAT) IC=3A, IB=375mA
1.2
V
Base-Emitter On Voltage (Note)
VBE(ON)
IC=3A, VCE=4V
1.8
V
DC Current Gain (Note)
hFE1
IC=1A, VCE=4V
25
hFE2
IC=3A, VCE=4V
10
50
Current Gain Bandwidth Product
fT
IC=0.5A, VCE=10V f=1MHz
3
MHz
Note: Pulse Test: PW≤300μs, Duty Cycle≤2%


Similar Part No. - TIP31C_15

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
TIP31C-BP MCC-TIP31C-BP Datasheet
190Kb / 2P
   Silicon NPN Power Transistors
logo
JILIN SINO-MICROELECTRO...
TIP31C-O-C-N-B JSMC-TIP31C-O-C-N-B Datasheet
279Kb / 4P
   NPN Epitaxial Silicon Transistor
TIP31C-O-Z-N-C JSMC-TIP31C-O-Z-N-C Datasheet
279Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
Unisonic Technologies
TIP31C-T60-B UTC-TIP31C-T60-B Datasheet
176Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
TIP31C-TA3-T UTC-TIP31C-TA3-T Datasheet
176Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - TIP31C_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BU407 UTC-BU407_15 Datasheet
140Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
TIP31C UTC-TIP31C_09 Datasheet
176Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
BU407 UTC-BU407 Datasheet
52Kb / 2P
   NPN EXPITAXIAL PLANAR TRANSISTOR
TIP41C UTC-TIP41C Datasheet
131Kb / 2P
   NPN EXPITAXIAL PLANAR TRANSISTOR
TIP41C UTC-TIP41C_15 Datasheet
217Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
TIP41C UTC-TIP41C_15 Datasheet
220Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
BU407 UTC-BU407_09 Datasheet
140Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
TIP31C UTC-TIP31C Datasheet
56Kb / 2P
   NPN EXPITAXIAL PLANAR TRANSISTOR
TIP41C UTC-TIP41C_11 Datasheet
146Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
TIP32C UTC-TIP32C Datasheet
123Kb / 2P
   PNP EXPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com