Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC4576 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC4576
Description  200kHz Simple 3A Buck Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4576 Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC4576 Datasheet HTML 1Page - Micrel Semiconductor MIC4576 Datasheet HTML 2Page - Micrel Semiconductor MIC4576 Datasheet HTML 3Page - Micrel Semiconductor MIC4576 Datasheet HTML 4Page - Micrel Semiconductor MIC4576 Datasheet HTML 5Page - Micrel Semiconductor MIC4576 Datasheet HTML 6Page - Micrel Semiconductor MIC4576 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
April 1998•
4-133
MIC4576
MIC4576
Micrel
Functional Description
The MIC4576 is a variable duty cycle switch-mode regulator
with an internal power switch. Refer to the block diagrams.
Supply Voltage
The MIC4576 operates from a +4V to +36V unregulated
input. Highest efficiency operation is from a supply voltage
around +15V.
Enable/Shutdown
The shutdown (SHDN) input is TTL compatible. Ground the
input if unused. A logic-low enables the regulator. A logic-
high shuts down the internal regulator which reduces the
current to typically 50
µA.
Feedback
Fixed versions of the regulator have an internal resistive
divider from the feedback (FB) pin. Connect FB directly to the
output line.
Adjustable versions require an external resistive voltage
divider from the output voltage to ground, connected from the
1.23V tap to FB.
Duty Cycle Control
A fixed-gain error amplifier compares the feedback signal
with a 1.23V bandgap voltage reference. The resulting error
amplifier output voltage is compared to a 200kHz sawtooth
waveform to produce a voltage controlled variable duty cycle
output.
A higher feedback voltage increases the error amplifier
output voltage. A higher error amplifier voltage (comparator
inverting input) causes the comparator to detect only the
peaks of the sawtooth, reducing the duty cycle of the com-
parator output. A lower feedback voltage increases the duty
cycle.
Output Switching
When the internal switch is on, an increasing current flows
from the supply V
IN, through external storage inductor L1, to
output capacitor C
OUT and the load. Energy is stored in the
inductor as the current increases with time.
When the internal switch is turned off, the collapse of the
magnetic field in L1 forces current to flow through fast
recovery diode D1, charging C
OUT.
Output Capacitor
External output capacitor C
OUT provides stabilization and
reduces ripple.
Return Paths
During the on portion of the cycle, the output capacitor and
load currents return to the supply ground. During the off
portion of the cycle, current is being supplied to the output
capacitor and load by storage inductor L1, which means that
D1 is part of the high-current return path.
Applications Information
The applications circuits that follow have been constructed
and tested.
Refer to Application Note 15 for additional
information, including efficiency graphs and manufacturer’s
addresses and telephone numbers for most circuits.
For a mathematical approach to component selection and
circuit design, refer to Application Note 14.
C1
470µF
35V
D1
1N5822
C2
1000µF
16V
L1
33µH
GND
FB
SW
MIC4576-3.3BT
SHDN
6V to 24V
3.3V/3A
VIN
C1 Nichicon
UPL1V471MPH, ESR = 0.046
C2 Nichicon
UPL1C221MPH, ESR = 0.047
D1 Motorola
1N5822
L1
Coiltronics PL52C-33-1000, DCR = 0.036
L1
Bi
HM77-30004, DCR = 0.045
Ω, Note 2
3
4
2
5
1
Figure 1. 6V–24V to 3.3V/3A Buck Converter
Through Hole
C1
470µF
63V
D1
MBR360
C2
1000µF
16V
L1
33µH
GND
FB
SW
MIC4576-3.3BT
SHDN
6V to 36V
3.3V/3A
VIN
C1 Nichicon
UPL1J471MRH, ESR = 0.039
C2 Nichicon
UPL1C102MPH, ESR = 0.047
D1 Motorola
MBR360
L1
Coiltronics PL52C-33-1000 DCR = 0.036
L1
Bi
HM77-30004, DCR = 0.045
Ω, Note 2
3
4
2
5
1
Figure 2. 6V–36V to 3.3V/3A Buck Converter
Through Hole
Note 2:
Surface-mount component.


Similar Part No. - MIC4576

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4576-3.3BT MICREL-MIC4576-3.3BT Datasheet
218Kb / 8P
   200kHz Simple 3A Buck Regulator
MIC4576-3.3BU MICREL-MIC4576-3.3BU Datasheet
218Kb / 8P
   200kHz Simple 3A Buck Regulator
MIC4576-3.3WT MICREL-MIC4576-3.3WT Datasheet
218Kb / 8P
   200kHz Simple 3A Buck Regulator
MIC4576-3.3WU MICREL-MIC4576-3.3WU Datasheet
218Kb / 8P
   200kHz Simple 3A Buck Regulator
MIC4576-5.0BT MICREL-MIC4576-5.0BT Datasheet
218Kb / 8P
   200kHz Simple 3A Buck Regulator
More results

Similar Description - MIC4576

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4576 MICREL-MIC4576_06 Datasheet
218Kb / 8P
   200kHz Simple 3A Buck Regulator
MIC4574 MICREL-MIC4574 Datasheet
93Kb / 6P
   200kHz Simple 0.5A Buck Voltage Regulator
MIC4575 MICREL-MIC4575 Datasheet
213Kb / 12P
   200kHz Simple 1A Buck Voltage Regulator
MIC4574 MICREL-MIC4574_05 Datasheet
462Kb / 7P
   200kHz Simple 0.5A Buck Regulator
MIC4575 MICREL-MIC4575_09 Datasheet
531Kb / 15P
   200kHz Simple 1A Buck Regulator
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
   52kHz Simple 3A Buck Voltage Regulator
logo
Alpha & Omega Semicondu...
AOZ1057AI AOSMD-AOZ1057AI Datasheet
708Kb / 15P
   EZBuck??3A Simple Buck Regulator
logo
Micrel Semiconductor
LM2576 MICREL-LM2576_05 Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
logo
Micrel Semiconductor
LM2576-5.0WU MICREL-LM2576-5.0WU Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com