Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU406G-X-TQ2-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # BU406G-X-TQ2-T
Description  SILICON NPN SWITCHING TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BU406G-X-TQ2-T Datasheet(HTML) 3 Page - Unisonic Technologies

  BU406G-X-TQ2-T Datasheet HTML 1Page - Unisonic Technologies BU406G-X-TQ2-T Datasheet HTML 2Page - Unisonic Technologies BU406G-X-TQ2-T Datasheet HTML 3Page - Unisonic Technologies BU406G-X-TQ2-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BU406
NPN PLANAR TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R203-021.F
TYPICAL CHARACTERISTICS
10
0.1
Collector-Base Voltage, VCE (V)
1
100
10
1
IC Max. (Pulsed)
IC Max. (Continuous)
60
0
Case Temperature, TC (°C)
30
150
75
0
80
70
50
40
20
10
25
50
100 125
175 200
Power Derating
Safe Operating Area
TO-220
10000
1000
10
Collector Current, IC (mA)
100
1000
10000
100
10
0
IC = 10IB
VBE(SAT)
VCE(SAT)
1000
100
1
Collector-Base Voltage, VCB (V)
10
100
10
1
f = 1MHz
Collector Output Capacitance
Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage


Similar Part No. - BU406G-X-TQ2-T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BU406G ONSEMI-BU406G Datasheet
127Kb / 3P
   NPN Power Transistors
May, 2009 ??Rev. 8
BU406G ONSEMI-BU406G Datasheet
87Kb / 3P
   NPN Power Transistors
November, 2014 ??Rev. 11
More results

Similar Description - BU406G-X-TQ2-T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJE13007 STMICROELECTRONICS-MJE13007 Datasheet
29Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
Weitron Technology
MMBT4401 WEITRON-MMBT4401 Datasheet
461Kb / 6P
   Switching Transistor NPN Silicon
logo
ON Semiconductor
BSV52LT1 ONSEMI-BSV52LT1 Datasheet
51Kb / 4P
   Switching Transistor (NPN Silicon)
March, 2001 ??Rev. 1
logo
Infineon Technologies A...
PZT3904 INFINEON-PZT3904 Datasheet
48Kb / 5P
   NPN Silicon Switching Transistor
Nov-30-2001
logo
Siemens Semiconductor G...
SXT2222A SIEMENS-SXT2222A Datasheet
155Kb / 6P
   NPN Silicon Switching Transistor
logo
ON Semiconductor
MMBT4401LT1 ONSEMI-MMBT4401LT1 Datasheet
213Kb / 8P
   Switching Transistor(NPN Silicon)
September, 2004 ??Rev. 4
logo
STMicroelectronics
BU406 STMICROELECTRONICS-BU406_03 Datasheet
56Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
New Jersey Semi-Conduct...
BUV42 NJSEMI-BUV42 Datasheet
114Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
ON Semiconductor
MMBT4401WT1 ONSEMI-MMBT4401WT1 Datasheet
119Kb / 6P
   Switching Transistor NPN Silicon
February, 2004 ??Rev. 1
logo
STMicroelectronics
MJE13007A STMICROELECTRONICS-MJE13007A Datasheet
63Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com