Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJT7872B Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJT7872B
Description  60V N-Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJT7872B Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJT7872B Datasheet HTML 1Page - Pan Jit International Inc. PJT7872B Datasheet HTML 2Page - Pan Jit International Inc. PJT7872B Datasheet HTML 3Page - Pan Jit International Inc. PJT7872B Datasheet HTML 4Page - Pan Jit International Inc. PJT7872B Datasheet HTML 5Page - Pan Jit International Inc. PJT7872B Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PPJT7872B
June 12,2015-REV.00
Page 2
Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Static
Drain-Source Breakdown Voltage
BVDSS
VGS=0V,ID=250uA
60
-
-
V
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=250uA
1.0
1.8
2.5
V
Drain-Source On-State Resistance
RDS(on)
VGS=10V,ID=600mA
-
1.3
3
Ω
VGS=4.5V,ID=200mA
-
1.7
4
Zero Gate Voltage Drain Current
IDSS
VDS=60V,VGS=0V
-
-
1
uA
Gate-Source Leakage Current
IGSS
VGS=+30V,VDS=0V
-
-
+100
nA
Dynamic
(Note 4)
Total Gate Charge
Qg
VDS=15V, ID=600mA,
VGS=4.5V
-
0.82
-
nC
Gate-Source Charge
Qgs
-
0.53
-
Gate-Drain Charge
Qgd
-
0.22
-
Input Capacitance
Ciss
VDS=25V, VGS=0V,
f=1.0MHZ
-
34
-
pF
Output Capacitance
Coss
-
11
-
Reverse Transfer Capacitance
Crss
-
3.0
-
Turn-On Delay Time
td(on)
VDD=10V, ID=600mA,
VGS=10V,
RG=6Ω
(Note 1,2)
-
2.7
-
ns
Turn-On Rise Time
tr
-
21
-
Turn-Off Delay Time
td(off)
-
3.8
-
Turn-Off Fall Time
tf
-
18
-
Drain-Source Diode
Maximum Continuous Drain-Source
Diode Forward Current
IS
---
-
-
500
mA
Diode Forward Voltage
VSD
IS=500mA, VGS=0V
-
0.9
1.5
V
NOTES :
1.
Pulse width<300us, Duty cycle<2%
2.
Essentially independent of operating temperature typical characteristics.
3.
RJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is
defined as the solder mounting surface of the drain pins. mounted on a 1 inch square pad of copper
4.
Guaranteed by design, not subject to production testing


Similar Part No. - PJT7872B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJT7800 PANJIT-PJT7800 Datasheet
300Kb / 6P
   20V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJT7800 PANJIT-PJT7800_15 Datasheet
357Kb / 6P
   20V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJT7801 PANJIT-PJT7801 Datasheet
256Kb / 6P
   20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJT7802 PANJIT-PJT7802 Datasheet
201Kb / 6P
   20V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJT7802-AU PANJIT-PJT7802-AU Datasheet
336Kb / 6P
   20V N-Channel Enhancement Mode MOSFET – ESD Protected
June 5,2017REV.
More results

Similar Description - PJT7872B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT69M8LSS DIODES-DMT69M8LSS_17 Datasheet
387Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com