Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJT7413 Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # PJT7413
Description  20V P-Channel Enhancement Mode MOSFET ??ESD Protected
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJT7413 Datasheet(HTML) 4 Page - Pan Jit International Inc.

  PJT7413 Datasheet HTML 1Page - Pan Jit International Inc. PJT7413 Datasheet HTML 2Page - Pan Jit International Inc. PJT7413 Datasheet HTML 3Page - Pan Jit International Inc. PJT7413 Datasheet HTML 4Page - Pan Jit International Inc. PJT7413 Datasheet HTML 5Page - Pan Jit International Inc. PJT7413 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PPJT7413
January 27,2015-REV.01
Page 4
TYPICAL CHARACTERISTIC CURVES
Fig.7 Gate-Charge Characteristics
Fig.8 Threshold Voltage Variation with Temperature.
Fig.9 Capacitance vs. Drain-Source Voltage.


Similar Part No. - PJT7413

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJT7002H PANJIT-PJT7002H Datasheet
301Kb / 6P
   60V N-Channel Enhancement Mode MOSFET
July 22,2016-REV.00
PJT7002H_R1_00001 PANJIT-PJT7002H_R1_00001 Datasheet
301Kb / 6P
   60V N-Channel Enhancement Mode MOSFET
July 22,2016-REV.00
PJT7002H_R2_00001 PANJIT-PJT7002H_R2_00001 Datasheet
301Kb / 6P
   60V N-Channel Enhancement Mode MOSFET
July 22,2016-REV.00
PJT7600 PANJIT-PJT7600 Datasheet
489Kb / 9P
   Advanced Trench Process Technology
PJT7600_R1_00001 PANJIT-PJT7600_R1_00001 Datasheet
489Kb / 9P
   20V Complementary Enhancement Mode MOSFET . ESD Protected
More results

Similar Description - PJT7413

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJX8803 PANJIT-PJX8803 Datasheet
337Kb / 6P
   20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJC7403 PANJIT-PJC7403 Datasheet
260Kb / 6P
   20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3419AE PANJIT-PJA3419AE Datasheet
412Kb / 6P
   20V P-Channel Enhancement Mode MOSFET – ESD Protected
March 6,2023
PJT7801 PANJIT-PJT7801 Datasheet
256Kb / 6P
   20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3419 PANJIT-PJA3419 Datasheet
335Kb / 6P
   20V P-Channel Enhancement Mode MOSFET??ESD Protected
PJS6835 PANJIT-PJS6835 Datasheet
316Kb / 6P
   20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJE8403 PANJIT-PJE8403 Datasheet
333Kb / 6P
   20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3415AE PANJIT-PJA3415AE Datasheet
327Kb / 6P
   20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3435 PANJIT-PJA3435 Datasheet
326Kb / 6P
   20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3419E PANJIT-PJA3419E Datasheet
406Kb / 6P
   20V P-Channel Enhancement Mode MOSFET– ESD Protected
July 15,2022
PJA3431 PANJIT-PJA3431 Datasheet
240Kb / 6P
   20V P-Channel Enhancement Mode MOSFET ??ESD Protected
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com