Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQS482EN Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SQS482EN
Description  Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQS482EN Datasheet(HTML) 5 Page - Vishay Siliconix

  SQS482EN_15 Datasheet HTML 1Page - Vishay Siliconix SQS482EN_15 Datasheet HTML 2Page - Vishay Siliconix SQS482EN_15 Datasheet HTML 3Page - Vishay Siliconix SQS482EN_15 Datasheet HTML 4Page - Vishay Siliconix SQS482EN_15 Datasheet HTML 5Page - Vishay Siliconix SQS482EN_15 Datasheet HTML 6Page - Vishay Siliconix SQS482EN_15 Datasheet HTML 7Page - Vishay Siliconix SQS482EN_15 Datasheet HTML 8Page - Vishay Siliconix SQS482EN_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SQS482EN
www.vishay.com
Vishay Siliconix
S12-1860-Rev. B, 13-Aug-12
5
Document Number: 67074
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Safe Operating Area
Normalized Thermal Transient Impedance, Junction-to-Ambient
0.01
0.1
1
10
0.01
0.1
1
10
100
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
Limited by R
DS(on)*
1 ms
I
DM Limited
T
C = 25 °C
Single Pulse
BVDSS Limited
10 ms
100 ms,1 s,10 s,DC
I
D Limited
100 μs
100
0.2
0.1
t1
t2
Notes:
PDM
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 81 °C/W
3. TJM -TA =PDMZthJA(t)
t1
t2
4. Surface Mounted
Duty Cycle = 0.5
Single Pulse
0.02
0.05
10-3
10-2
1
10
1000
10-1
10-4
100
Square Wave Pulse Duration (s)
1
0.1
0.01


Similar Part No. - SQS482EN_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQS482EN-T1-GE3 VISHAY-SQS482EN-T1-GE3 Datasheet
577Kb / 14P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 26-Aug-13
SQS482EN-T1-GE3 VISHAY-SQS482EN-T1-GE3 Datasheet
561Kb / 13P
   Automotive N-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
SQS482EN-T1_GE3 VISHAY-SQS482EN-T1_GE3 Datasheet
577Kb / 14P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 26-Aug-13
SQS482ENW VISHAY-SQS482ENW Datasheet
232Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 째C MOSFET
SQS482ENW VISHAY-SQS482ENW Datasheet
232Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SQS482EN_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM120N03-1M5L VISHAY-SQM120N03-1M5L Datasheet
173Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 13-Jun-11
SQ1470AEH VISHAY-SQ1470AEH Datasheet
296Kb / 13P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 17-Jun-15
SQJ840EP VISHAY-SQJ840EP Datasheet
152Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 28-Nov-11
SQM120N031M5L VISHAY-SQM120N031M5L_15 Datasheet
163Kb / 10P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 13-Jun-11
SQD100N03-3M2L VISHAY-SQD100N03-3M2L_15 Datasheet
160Kb / 10P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 04-Mar-13
SQM30010EL VISHAY-SQM30010EL_V02 Datasheet
196Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD100N03-3M4 VISHAY-SQD100N03-3M4_V02 Datasheet
161Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ1470AEH VISHAY-SQ1470AEH_V02 Datasheet
280Kb / 12P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ128ELP VISHAY-SQJ128ELP_V02 Datasheet
342Kb / 8P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3456BEV VISHAY-SQ3456BEV Datasheet
134Kb / 7P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 06-Jun-11
SQ3456EV VISHAY-SQ3456EV Datasheet
214Kb / 11P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. D, 16-Apr-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com