Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJE8401 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJE8401
Description  20V P-Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJE8401 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJE8401 Datasheet HTML 1Page - Pan Jit International Inc. PJE8401 Datasheet HTML 2Page - Pan Jit International Inc. PJE8401 Datasheet HTML 3Page - Pan Jit International Inc. PJE8401 Datasheet HTML 4Page - Pan Jit International Inc. PJE8401 Datasheet HTML 5Page - Pan Jit International Inc. PJE8401 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PPJE8401
March 10,2014-REV.00
Page 1
20V P-Channel Enhancement Mode MOSFET
Voltage
-20 V
Current
-0.9A
SOT-523
Unit : inch(mm)
Features
RDS(ON) , VGS@-4.5V, ID@-0.9A<130mΩ
RDS(ON) , VGS@-2.5V, ID@-0.6A<160mΩ
RDS(ON) , VGS@-1.8V, ID@-0.4A<210mΩ
Advanced Trench Process Technology
Specially Designed for Switch Load, PWM Application, etc.
Lead free in compliance with EU RoHS 2011/65/EU
directive.
Green molding compound as per IEC61249 Std.
(Halogen Free)
Mechanical Data
Case: SOT-523 Package
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.00007 ounces, 0.002 grams
Marking: E01
PARAMETER
SYMBOL
LIMIT
UNITS
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
+12
V
Continuous Drain Current
ID
-0.9
A
Pulsed Drain Current
IDM
-3.6
A
Power Dissipation
Ta=25
oC
PD
300
mW
Derate above 25
oC
2.4
mW/
oC
Operating Junction and Storage Temperature Range
TJ,TSTG
-55~150
oC
Typical Thermal resistance
-
Junction to Ambient
(Note 3)
RθJA
417
oC/W
Maximum Ratings and Thermal Characteristics (TA=25
o
C unless otherwise noted)


Similar Part No. - PJE8401

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJE8400 PANJIT-PJE8400 Datasheet
251Kb / 6P
   20V N-Channel Enhancement Mode MOSFET
PJE8402 PANJIT-PJE8402 Datasheet
341Kb / 6P
   20V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJE8402-AU PANJIT-PJE8402-AU Datasheet
502Kb / 6P
   20V N-Channel Enhancement Mode MOSFET – ESD Protected
August 31,2023
PJE8403 PANJIT-PJE8403 Datasheet
333Kb / 6P
   20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJE8404 PANJIT-PJE8404 Datasheet
323Kb / 6P
   30V N-Channel Enhancement Mode MOSFET ??ESD Protected
More results

Similar Description - PJE8401

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
   20V P-Channel Enhancement-Mode MOSFET
logo
WILLAS ELECTRONIC CORP
SMG2301B WILLAS-SMG2301B Datasheet
1Mb / 6P
   20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG1013TQ DIODES-DMG1013TQ Datasheet
400Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
   20V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP21D0UFB DIODES-DMP21D0UFB_17 Datasheet
376Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2006UFG DIODES-DMP2006UFG_17 Datasheet
396Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVT DIODES-DMP2035UVT_16 Datasheet
519Kb / 6P
   -20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVTQ DIODES-DMP2035UVTQ Datasheet
484Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com