Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQS460EN Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SQS460EN
Description  Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQS460EN Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SQS460EN_15 Datasheet HTML 4Page - Vishay Siliconix SQS460EN_15 Datasheet HTML 5Page - Vishay Siliconix SQS460EN_15 Datasheet HTML 6Page - Vishay Siliconix SQS460EN_15 Datasheet HTML 7Page - Vishay Siliconix SQS460EN_15 Datasheet HTML 8Page - Vishay Siliconix SQS460EN_15 Datasheet HTML 9Page - Vishay Siliconix SQS460EN_15 Datasheet HTML 10Page - Vishay Siliconix SQS460EN_15 Datasheet HTML 11Page - Vishay Siliconix SQS460EN_15 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Ordering Information
www.vishay.com
Vishay Siliconix
Revision: 25-Aug-15
1
Document Number: 66697
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PowerPAK® 1212-8 and PowerPAK 1212-8W
Ordering codes for the SQ rugged series power MOSFETs in the PowerPAK 1212-8 and PowerPAK 1212-8W packages:
Note
a. Old ordering code is obsolete and no longer valid for new orders
DATASHEET PART NUMBER
OLD ORDERING CODE a
NEW ORDERING CODE
SQ7414AEN
SQ7414AEN-T1-GE3
SQ7414AEN-T1_GE3
SQ7414AENW
-
SQ7414AENW-T1_GE3
SQ7415AEN
SQ7415AEN-T1-GE3
SQ7415AEN-T1_GE3
SQ7415AENW
-
SQ7415AENW-T1_GE3
SQS401EN
SQS401EN-T1-GE3
SQS401EN-T1_GE3
SQS401ENW
-
SQS401ENW-T1_GE3
SQS405EN
SQS405EN-T1-GE3
SQS405EN-T1_GE3
SQS405ENW
-
SQS405ENW-T1_GE3
SQS420EN
SQS420EN-T1-GE3
SQS420EN-T1_GE3
SQS423EN
SQS423EN-T1-GE3
SQS423EN-T1_GE3
SQS460EN
SQS460EN-T1-GE3
SQS460EN-T1_GE3
SQS462EN
SQS462EN-T1-GE3
SQS462EN-T1_GE3
SQS482EN
SQS482EN-T1-GE3
SQS482EN-T1_GE3
SQS484EN
SQS484EN-T1-GE3
SQS484EN-T1_GE3
SQS490EN
SQS490EN-T1-GE3
SQS490EN-T1_GE3
SQS840EN
SQS840EN-T1-GE3
SQS840EN-T1_GE3
SQS850EN
SQS850EN-T1-GE3
SQS850EN-T1_GE3


Similar Part No. - SQS460EN_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQS460EN-T1-GE3 VISHAY-SQS460EN-T1-GE3 Datasheet
577Kb / 14P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 26-Aug-13
SQS460EN-T1_GE3 VISHAY-SQS460EN-T1_GE3 Datasheet
577Kb / 14P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 26-Aug-13
SQS460ENW VISHAY-SQS460ENW Datasheet
226Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 째C MOSFET
SQS460ENW VISHAY-SQS460ENW Datasheet
227Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
SQS460ENW VISHAY-SQS460ENW Datasheet
226Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQS460EN_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD15N06-42L VISHAY-SQD15N06-42L_13 Datasheet
165Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. F, 20-May-13
SQJA62EP VISHAY-SQJA62EP Datasheet
197Kb / 7P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 14-Nov-16
SQ3426EV VISHAY-SQ3426EV Datasheet
258Kb / 12P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Sep-15
SQJ850EP VISHAY-SQJ850EP Datasheet
156Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. F, 19-Dec-11
SQJ460EP VISHAY-SQJ460EP Datasheet
187Kb / 10P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 18-Jul-11
SQ3426EV VISHAY-SQ3426EV_15 Datasheet
146Kb / 8P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Sep-15
SQD97N06-6M3L VISHAY-SQD97N06-6M3L_15 Datasheet
174Kb / 10P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 28-Oct-13
SQP120N06-06 VISHAY-SQP120N06-06_15 Datasheet
154Kb / 10P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 10-Aug-15
SQS164ELNW VISHAY-SQS164ELNW Datasheet
175Kb / 6P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2022
SQM60N06-15 VISHAY-SQM60N06-15_V01 Datasheet
198Kb / 11P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2022
SQP60N06-15 VISHAY-SQP60N06-15 Datasheet
135Kb / 8P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com