Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6630X Datasheet(PDF) 4 Page - Gamma Microelectronics Inc.

Part # GM6630X
Description  Low ground current
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6630X Datasheet(HTML) 4 Page - Gamma Microelectronics Inc.

  GM6630X Datasheet HTML 1Page - Gamma Microelectronics Inc. GM6630X Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6630X Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6630X Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6630X Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6630X Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6630X Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6630X Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6630X Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
GM6630x Series
3.0A ULTRA LOW DROPOUT VOLTAGE
REGULATORS
Ordering Information
– Green Product
Ordering Number
Output Voltage
Package
Shipping
GM66300
GM66300-1.8TA3RG
1.8V
TO-263
800 Units / Reel
GM66300-1.8TB3TG
1.8V
TO-220
50 Units/Tube
GM66300-2.5TA3RG
2.5V
TO-263
800 Units / Reel
GM66300-2.5TB3TG
2.5V
TO-220
50 Units/Tube
GM66300-3.3TA3RG
3.3V
TO-263
800 Units / Reel
GM66300-3.3TB3TG
3.3V
TO-220
50 Units/Tube
GM66300-5.0TA3RG
5.0V
TO-263
800 Units / Reel
GM66300-5.0TB3TG
5.0V
TO-220
50 Units/Tube
Ordering Information
– Green Product
Ordering Number
Output Voltage
Package
Shipping
GM66301
GM66301-1.8TA5RG
1.8V
TO-263-5
800 Units / Reel
GM66301-1.8TB5TG
1.8V
TO-220-5
50 Units/Tube
GM66301-2.5TA5RG
2.5V
TO-263-5
800 Units / Reel
GM66301-2.5TB5TG
2.5V
TO-220-5
50 Units/Tube
GM66301-3.3TA5RG
3.3V
TO-263-5
800 Units / Reel
GM66301-3.3TB5TG
3.3V
TO-220-5
50 Units/Tube
GM66301-5.0TA5RG
5.0V
TO-263-5
800 Units / Reel
GM66301-5.0TB5TG
5.0V
TO-220-5
50 Units/Tube
Ordering Information
– Green Product
Ordering Number
Output Voltage
Package
Shipping
GM66302
GM66302TA5RG
Adj
TO-263-5
800 Units / Reel
GM66302TB5TG
Adj
TO-220-5
50 Units/Tube


Similar Part No. - GM6630X

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66300 GAMMA-GM66300 Datasheet
346Kb / 11P
   3A ULTRA LOW-DROPOUT REGULATOR
GM66300-1.8TA3R GAMMA-GM66300-1.8TA3R Datasheet
346Kb / 11P
   3A ULTRA LOW-DROPOUT REGULATOR
GM66300-1.8TA3R GAMMA-GM66300-1.8TA3R Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66300-1.8TA3RG GAMMA-GM66300-1.8TA3RG Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66300-1.8TA3T GAMMA-GM66300-1.8TA3T Datasheet
346Kb / 11P
   3A ULTRA LOW-DROPOUT REGULATOR
More results

Similar Description - GM6630X

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP085-DBCM1 FSP-FSP085-DBCM1 Datasheet
119Kb / 1P
   Low safety ground leakage current
FSP105-KBAM1 FSP-FSP105-KBAM1 Datasheet
203Kb / 1P
   Low safety ground leakage current
FSP105-KEAM1 FSP-FSP105-KEAM1 Datasheet
203Kb / 1P
   Low safety ground leakage current
FSP105-KHAM1 FSP-FSP105-KHAM1 Datasheet
203Kb / 1P
   Low safety ground leakage current
FSP105-KKAM1 FSP-FSP105-KKAM1 Datasheet
203Kb / 1P
   Low safety ground leakage current
FSP085-DACM1 FSP-FSP085-DACM1 Datasheet
119Kb / 1P
   Low safety ground leakage current
FSP085-DDCM1 FSP-FSP085-DDCM1 Datasheet
119Kb / 1P
   Low safety ground leakage current
FSP105-KLAM1 FSP-FSP105-KLAM1 Datasheet
203Kb / 1P
   Low safety ground leakage current
FSP105-KAAM1 FSP-FSP105-KAAM1 Datasheet
203Kb / 1P
   Low safety ground leakage current
FSP105-KGAM1 FSP-FSP105-KGAM1 Datasheet
203Kb / 1P
   Low safety ground leakage current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com