Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQS405EN Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SQS405EN
Description  Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQS405EN Datasheet(HTML) 4 Page - Vishay Siliconix

  SQS405EN_15 Datasheet HTML 1Page - Vishay Siliconix SQS405EN_15 Datasheet HTML 2Page - Vishay Siliconix SQS405EN_15 Datasheet HTML 3Page - Vishay Siliconix SQS405EN_15 Datasheet HTML 4Page - Vishay Siliconix SQS405EN_15 Datasheet HTML 5Page - Vishay Siliconix SQS405EN_15 Datasheet HTML 6Page - Vishay Siliconix SQS405EN_15 Datasheet HTML 7Page - Vishay Siliconix SQS405EN_15 Datasheet HTML 8Page - Vishay Siliconix SQS405EN_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SQS405EN
www.vishay.com
Vishay Siliconix
S12-1845-Rev. C, 30-Jul-12
4
Document Number: 65704
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Source Drain Diode Forward Voltage
Threshold Voltage
Drain Source Breakdown vs. Junction Temperature
0.8
- 50
- 25
25
75
125
0
50
100
150
175
0.9
1.1
1.0
1.2
1.3
T
J - Junction Temperature (°C)
ID = 13 A
VGS = 4.5 V
0.00
01
3
24
5
0.08
0.06
0.04
0.02
0.10
VGS - Gate-to-Source Voltage (V)
TJ = 150 °C
TJ = 25 °C
0.001
0.0
0.2
0.6
1.0
0.4
0.8
1.2
0.01
1
0.1
10
100
TJ = 150 °C
TJ = 25 °C
V
SD - Source-to-Drain Voltage (V)
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
- 50
- 25
0
25
50
75
100
125
150
175
T
J -Temperature (°C)
I
D = 250 μA
I
D = 5 mA
- 16.0
- 50
- 25
25
75
125
0
50
100
150
175
- 14.0
- 14.5
- 15.0
- 15.5
- 13.5
- 13.0
T
J - Junction Temperature (°C)
ID = 1 mA


Similar Part No. - SQS405EN_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQS405EN-T1-GE3 VISHAY-SQS405EN-T1-GE3 Datasheet
577Kb / 14P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 26-Aug-13
SQS405EN-T1_GE3 VISHAY-SQS405EN-T1_GE3 Datasheet
577Kb / 14P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 26-Aug-13
SQS405ENW VISHAY-SQS405ENW Datasheet
241Kb / 9P
   Automotive P-Channel 12 V (D-S) 175 째C MOSFET
SQS405ENW VISHAY-SQS405ENW Datasheet
577Kb / 14P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 26-Aug-13
SQS405ENW VISHAY-SQS405ENW Datasheet
242Kb / 9P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2022
More results

Similar Description - SQS405EN_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQS405CENW VISHAY-SQS405CENW_V01 Datasheet
233Kb / 8P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA409CEJW VISHAY-SQA409CEJW Datasheet
202Kb / 6P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4005EY VISHAY-SQ4005EY_V02 Datasheet
214Kb / 9P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3461EV VISHAY-SQ3461EV_15 Datasheet
238Kb / 12P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Rev. A, 12-Oct-15
SQ2315ES VISHAY-SQ2315ES_15 Datasheet
269Kb / 11P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Rev. D, 07-Oct-15
SQS405CENW VISHAY-SQS405CENW Datasheet
233Kb / 8P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2022
SQS405ENW VISHAY-SQS405ENW_V01 Datasheet
242Kb / 9P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2022
SQS405ENW VISHAY-SQS405ENW_V02 Datasheet
241Kb / 9P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3461EV VISHAY-SQ3461EV_V02 Datasheet
294Kb / 10P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2315ES VISHAY-SQ2315ES_V02 Datasheet
202Kb / 8P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com