Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJC138L Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # PJC138L
Description  60V N-Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJC138L Datasheet(HTML) 4 Page - Pan Jit International Inc.

  PJC138L Datasheet HTML 1Page - Pan Jit International Inc. PJC138L Datasheet HTML 2Page - Pan Jit International Inc. PJC138L Datasheet HTML 3Page - Pan Jit International Inc. PJC138L Datasheet HTML 4Page - Pan Jit International Inc. PJC138L Datasheet HTML 5Page - Pan Jit International Inc. PJC138L Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PPJC138L
March 27,2015-REV.01
Page 4
TYPICAL CHARACTERISTIC CURVES
Fig.7 Gate-Charge Characteristics
Fig.8 Breakdown Voltage Variation vs. Temperature
Fig.9 Threshold Voltage Variation with Temperature.
Fig.10 Capacitance vs. Drain-Source Voltage.


Similar Part No. - PJC138L

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJC138K PANJIT-PJC138K Datasheet
316Kb / 6P
   50V N-Channel Enhancement Mode MOSFET . ESD Protected
PJC138K-AU PANJIT-PJC138K-AU Datasheet
387Kb / 6P
   50V N-Channel Enhancement Mode MOSFET – ESD Protected
May 12,2017-REV.00
PJC138K-AU_R1_000A1 PANJIT-PJC138K-AU_R1_000A1 Datasheet
387Kb / 6P
   50V N-Channel Enhancement Mode MOSFET – ESD Protected
May 12,2017-REV.00
PJC138K_R1_00001 PANJIT-PJC138K_R1_00001 Datasheet
316Kb / 6P
   50V N-Channel Enhancement Mode MOSFET . ESD Protected
PJC138K_R2_00001 PANJIT-PJC138K_R2_00001 Datasheet
316Kb / 6P
   50V N-Channel Enhancement Mode MOSFET . ESD Protected
More results

Similar Description - PJC138L

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT69M8LSS DIODES-DMT69M8LSS_17 Datasheet
387Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com