Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN8R7-80BS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PSMN8R7-80BS
Description  N-channel 80 V 8.7 m廓 standard level MOSFET in D2PAK
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN8R7-80BS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PSMN8R7-80BS_15 Datasheet HTML 3Page - NXP Semiconductors PSMN8R7-80BS_15 Datasheet HTML 4Page - NXP Semiconductors PSMN8R7-80BS_15 Datasheet HTML 5Page - NXP Semiconductors PSMN8R7-80BS_15 Datasheet HTML 6Page - NXP Semiconductors PSMN8R7-80BS_15 Datasheet HTML 7Page - NXP Semiconductors PSMN8R7-80BS_15 Datasheet HTML 8Page - NXP Semiconductors PSMN8R7-80BS_15 Datasheet HTML 9Page - NXP Semiconductors PSMN8R7-80BS_15 Datasheet HTML 10Page - NXP Semiconductors PSMN8R7-80BS_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PSMN8R7-80BS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 2 March 2012
7 of 14
NXP Semiconductors
PSMN8R7-80BS
N-channel 80 V 8.7 m
Ω standard level MOSFET in D2PAK
Fig 9.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
Fig 10. Gate-source threshold voltage as a function of
junction temperature
Fig 11. Sub-threshold drain current as a function of
gate-source voltage
Fig 12. Normalized drain-source on-state resistance
factor as a function of junction temperature
003aad457
5
10
15
20
25
4
8
12
16
20
VGS (V)
RDSon
(m
Ω)
Tj (°C)
−60
180
120
060
003aae992
2
3
1
4
5
VGS(th)
(V)
0
max
typ
min
03aa35
VGS (V)
06
4
2
10−4
10−5
10−2
10−3
10−1
ID
(A)
10−6
min
typ
max
003aae090
0
0.6
1.2
1.8
2.4
3
-60
0
60
120
180
Tj (
°C)
a


Similar Part No. - PSMN8R7-80BS_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN8R7-80BS NEXPERIA-PSMN8R7-80BS Datasheet
976Kb / 14P
   N-channel 80 V 8.7 m廓 standard level MOSFET in D2PAK
More results

Similar Description - PSMN8R7-80BS_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN8R7-80BS NEXPERIA-PSMN8R7-80BS Datasheet
976Kb / 14P
   N-channel 80 V 8.7 m廓 standard level MOSFET in D2PAK
logo
NXP Semiconductors
PSMN8R7-80PS NXP-PSMN8R7-80PS Datasheet
244Kb / 14P
   N-channel 80 V 8.7 m廓 standard level MOSFET in TO-220
Rev. 01-29 January 2010
PSMN017-80BS NXP-PSMN017-80BS Datasheet
210Kb / 14P
   N-channel 80 V 17 m廓 standard level MOSFET in D2PAK
Rev. 2-1 March 2012
logo
Nexperia B.V. All right...
PSMN050-80BS NEXPERIA-PSMN050-80BS Datasheet
976Kb / 14P
   N-channel 80 V 46 m廓 standard level MOSFET in D2PAK
logo
NXP Semiconductors
PSMN4R4-80BS PHILIPS-PSMN4R4-80BS_15 Datasheet
221Kb / 15P
   N-channel 80 V, 4.5 m廓 standard level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN012-80BS PHILIPS-PSMN012-80BS_15 Datasheet
210Kb / 14P
   N-channel 80 V 11 m廓 standard level MOSFET in D2PAK
Rev. 2-1 March 2012
PSMN050-80BS PHILIPS-PSMN050-80BS_15 Datasheet
236Kb / 14P
   N-channel 80 V 46 m廓 standard level MOSFET in D2PAK
Rev. 1-2 March 2012
PSMN5R0-80BS NXP-PSMN5R0-80BS Datasheet
220Kb / 15P
   N-channel 80 V, 5.1 m廓 standard level MOSFET in D2PAK
Rev. 1-20 March 2012
logo
Nexperia B.V. All right...
PSMN4R4-80BS NEXPERIA-PSMN4R4-80BS Datasheet
819Kb / 15P
   N-channel 80 V, 4.5 m廓 standard level MOSFET in D2PAK
PSMN012-80BS NEXPERIA-PSMN012-80BS Datasheet
805Kb / 14P
   N-channel 80 V 11 m廓 standard level MOSFET in D2PAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com