Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN8R0-40BS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PSMN8R0-40BS
Description  N-channel 40 V 7.6 m廓 standard level MOSFET in D2PAK
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN8R0-40BS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PSMN8R0-40BS_15 Datasheet HTML 5Page - NXP Semiconductors PSMN8R0-40BS_15 Datasheet HTML 6Page - NXP Semiconductors PSMN8R0-40BS_15 Datasheet HTML 7Page - NXP Semiconductors PSMN8R0-40BS_15 Datasheet HTML 8Page - NXP Semiconductors PSMN8R0-40BS_15 Datasheet HTML 9Page - NXP Semiconductors PSMN8R0-40BS_15 Datasheet HTML 10Page - NXP Semiconductors PSMN8R0-40BS_15 Datasheet HTML 11Page - NXP Semiconductors PSMN8R0-40BS_15 Datasheet HTML 12Page - NXP Semiconductors PSMN8R0-40BS_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PSMN8R0-40BS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 2 March 2012
9 of 14
NXP Semiconductors
PSMN8R0-40BS
N-channel 40 V 7.6 m
Ω standard level MOSFET in D2PAK
Fig 17. Source (diode forward) current as a function of source-drain (diode forward) voltage; typical values
003aad061
0
20
40
60
80
100
0
0.3
0.6
0.9
1.2
VSD (V)
IS
(A)
Tj = 25
°C
175
°C


Similar Part No. - PSMN8R0-40BS_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN8R0-40BS NEXPERIA-PSMN8R0-40BS Datasheet
973Kb / 14P
   N-channel 40 V 7.6 m廓 standard level MOSFET in D2PAK
More results

Similar Description - PSMN8R0-40BS_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN8R0-40BS NEXPERIA-PSMN8R0-40BS Datasheet
973Kb / 14P
   N-channel 40 V 7.6 m廓 standard level MOSFET in D2PAK
logo
NXP Semiconductors
PSMN7R6-100BSE PHILIPS-PSMN7R6-100BSE_15 Datasheet
284Kb / 13P
   N-channel 100 V 7.6 m廓 standard level MOSFET in D2PAK
18 December 2012
logo
Nexperia B.V. All right...
PSMN7R6-100BSE NEXPERIA-PSMN7R6-100BSE Datasheet
826Kb / 13P
   N-channel 100 V 7.6 m廓 standard level MOSFET in D2PAK
logo
NXP Semiconductors
PSMN8R0-40PS NXP-PSMN8R0-40PS Datasheet
227Kb / 14P
   N-channel 40 V 7.6 m廓 standard level MOSFET
Rev. 02-25 June 2009
BUK7Y7R6-40E NXP-BUK7Y7R6-40E Datasheet
312Kb / 13P
   N-channel 40 V, 7.6 m廓 standard level MOSFET in LFPAK56
20 February 2013
PSMN4R5-40BS PHILIPS-PSMN4R5-40BS_15 Datasheet
220Kb / 15P
   N-channel 40 V 4.5 m廓 standard level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN1R1-40BS PHILIPS-PSMN1R1-40BS_15 Datasheet
228Kb / 14P
   N-channel 40 V 1.3 m廓 standard level MOSFET in D2PAK
Rev. 2-29 February 2012
logo
Nexperia B.V. All right...
PSMN1R1-40BS NEXPERIA-PSMN1R1-40BS Datasheet
975Kb / 14P
   N-channel 40 V 1.3 m廓 standard level MOSFET in D2PAK
logo
NXP Semiconductors
BUK7Y7R6-40E PHILIPS-BUK7Y7R6-40E_15 Datasheet
320Kb / 13P
   N-channel 40 V, 7.6 m standard level MOSFET in LFPAK56
7 May 2013
BUK9Y7R6-40E PHILIPS-BUK9Y7R6-40E_15 Datasheet
358Kb / 13P
   N-channel 40 V, 7.6 m廓 logic level MOSFET in LFPAK56
7 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com