Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN6R0-25YLB Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PSMN6R0-25YLB
Description  N-channel 25 V 6.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN6R0-25YLB Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PSMN6R0-25YLB_15 Datasheet HTML 2Page - NXP Semiconductors PSMN6R0-25YLB_15 Datasheet HTML 3Page - NXP Semiconductors PSMN6R0-25YLB_15 Datasheet HTML 4Page - NXP Semiconductors PSMN6R0-25YLB_15 Datasheet HTML 5Page - NXP Semiconductors PSMN6R0-25YLB_15 Datasheet HTML 6Page - NXP Semiconductors PSMN6R0-25YLB_15 Datasheet HTML 7Page - NXP Semiconductors PSMN6R0-25YLB_15 Datasheet HTML 8Page - NXP Semiconductors PSMN6R0-25YLB_15 Datasheet HTML 9Page - NXP Semiconductors PSMN6R0-25YLB_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PSMN6R0-25YLB
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 31 October 2011
6 of 15
NXP Semiconductors
PSMN6R0-25YLB
N-channel 25 V 6.1 m
Ω logic level MOSFET in LFPAK using NextPower technology
6.
Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source breakdown
voltage
ID = 250 µA; VGS =0V; Tj = 25 °C
25
--V
ID = 250 µA; VGS =0V; Tj = -55 °C
22.5
-
-
V
VGS(th)
gate-source threshold voltage ID =1mA; VDS =VGS; Tj =25°C;
see Figure 10; see Figure 11
1.05
1.42
1.95
V
ID =10mA; VDS =VGS; Tj = 150 °C
0.5
-
-
V
ID =1mA; VDS =VGS; Tj = -55 °C
--2.25
V
IDSS
drain leakage current
VDS =25V; VGS =0V; Tj = 25 °C
--1
µA
VDS =25V; VGS =0V; Tj = 150 °C
-
-
100
µA
IGSS
gate leakage current
VGS =16V; VDS =0V; Tj = 25 °C
-
-
100
nA
VGS =-16 V; VDS =0V; Tj = 25 °C
-
-
100
nA
RDSon
drain-source on-state
resistance
VGS =4.5 V; ID =20A; Tj =25°C;
see Figure 12
-6.7
7.9
m
VGS =4.5 V; ID =20A; Tj =150 °C;
see Figure 12; see Figure 13
--13
m
VGS =10V; ID =20A; Tj =25°C;
see Figure 12
-5.1
6.1
m
VGS =10V; ID =20A; Tj =150 °C;
see Figure 12; see Figure 13
-
-
10.1
m
RG
internal gate resistance (AC)
f = 1 MHz
-
1.62
3.24
Dynamic characteristics
QG(tot)
total gate charge
ID =20A; VDS =12 V; VGS =10V; see
Figure 14; see Figure 15
-
19.3
-
nC
ID =20A; VDS =12V; VGS =4.5 V;
see Figure 14; see Figure 15
-9
-nC
ID =0A; VDS =0V; VGS = 10 V
-
17.7
-
nC
QGS
gate-source charge
ID =20A; VDS =12V; VGS =4.5 V;
see Figure 14; see Figure 15
-2.6
-nC
QGS(th)
pre-threshold gate-source
charge
-1.9
-nC
QGS(th-pl)
post-threshold gate-source
charge
-0.7
-nC
QGD
gate-drain charge
-
2.6
-
nC
VGS(pl)
gate-source plateau voltage
ID =20A; VDS = 12 V; see Figure 14;
see Figure 15
-2.44
-V
Ciss
input capacitance
VDS =12V; VGS =0V; f=1MHz;
Tj =25°C; see Figure 16
-
1099
-
pF
Coss
output capacitance
-
337
-
pF
Crss
reverse transfer capacitance
-
99
-
pF
td(on)
turn-on delay time
VDS =12V; RL =0.6 Ω; VGS =4.5 V;
RG(ext) =4.7 Ω
-16
-ns
tr
rise time
-
17
-
ns
td(off)
turn-off delay time
-
30
-
ns
tf
fall time
-9
-ns


Similar Part No. - PSMN6R0-25YLB_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN6R0-25YLB PHILIPS-PSMN6R0-25YLB Datasheet
308Kb / 15P
   N-channel 25 V 6.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-31 October 2011
logo
Nexperia B.V. All right...
PSMN6R0-25YLB NEXPERIA-PSMN6R0-25YLB Datasheet
915Kb / 15P
   N-channel 25 V 6.1 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 31 October 2011
More results

Similar Description - PSMN6R0-25YLB_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN6R0-25YLB PHILIPS-PSMN6R0-25YLB Datasheet
308Kb / 15P
   N-channel 25 V 6.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-31 October 2011
logo
Nexperia B.V. All right...
PSMN6R0-25YLB NEXPERIA-PSMN6R0-25YLB Datasheet
915Kb / 15P
   N-channel 25 V 6.1 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 31 October 2011
logo
NXP Semiconductors
PSMN3R7-25YLC PHILIPS-PSMN3R7-25YLC Datasheet
358Kb / 15P
   N-channel 25 V 3.9 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
PSMN9R0-25YLC_1111 PHILIPS-PSMN9R0-25YLC_1111 Datasheet
298Kb / 15P
   N-channel 25 V 9.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-1 November 2011
PSMN9R0-25YLC NXP-PSMN9R0-25YLC Datasheet
298Kb / 15P
   N-channel 25 V 9.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-12 July 2011
PSMN1R7-25YLC PHILIPS-PSMN1R7-25YLC Datasheet
349Kb / 15P
   N-channel 25 V 1.9 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
PSMN7R5-25YLC NXP-PSMN7R5-25YLC Datasheet
304Kb / 15P
   N-channel 25 V 7.4 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-12 July 2011
PSMN2R9-25YLC PHILIPS-PSMN2R9-25YLC_15 Datasheet
363Kb / 15P
   N-channel 25 V 3.15 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-2 May 2011
PSMN0R9-25YLC PHILIPS-PSMN0R9-25YLC_15 Datasheet
306Kb / 15P
   N-channel 25 V 0.99 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-4 July 2011
PSMN6R5-25YLC NXP-PSMN6R5-25YLC Datasheet
296Kb / 15P
   N-channel 25 V 6.5 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-12 July 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com