Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN5R0-100PS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PSMN5R0-100PS
Description  N-channel 100 V 5 m廓 standard level MOSFET in TO-220
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN5R0-100PS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PSMN5R0-100PS_15 Datasheet HTML 5Page - NXP Semiconductors PSMN5R0-100PS_15 Datasheet HTML 6Page - NXP Semiconductors PSMN5R0-100PS_15 Datasheet HTML 7Page - NXP Semiconductors PSMN5R0-100PS_15 Datasheet HTML 8Page - NXP Semiconductors PSMN5R0-100PS_15 Datasheet HTML 9Page - NXP Semiconductors PSMN5R0-100PS_15 Datasheet HTML 10Page - NXP Semiconductors PSMN5R0-100PS_15 Datasheet HTML 11Page - NXP Semiconductors PSMN5R0-100PS_15 Datasheet HTML 12Page - NXP Semiconductors PSMN5R0-100PS_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PSMN5R0-100PS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 26 September 2011
9 of 15
NXP Semiconductors
PSMN5R0-100PS
N-channel 100 V 5 m
Ω standard level MOSFET in TO-220
Fig 13. Drain-source on-state resistance as a function
of drain current; typical values
Fig 14. Gate charge waveform definitions
Fig 15. Gate-source voltage as a function of gate
charge; typical values
Fig 16. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
003aaf732
3
4
5
6
7
0
30
60
90
120
150
I
D(A)
R
DSon
(m
Ω)
V
GS(V) =5.5
10.0
20.0
15.0
6.0
8.0
003aaa508
VGS
VGS(th)
QGS1
QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)
003aaf729
0
2
4
6
8
10
0
50
100
150
200
Q
G (nC)
V
GS
(V)
V
DS= 20V
80V
50V
003aaf730
10
10
2
10
3
10
4
10
5
10
-1
1
10
10
2
V
DS(V)
C
(pF)
C
iss
C
rss
C
oss


Similar Part No. - PSMN5R0-100PS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN5R0-100PS PHILIPS-PSMN5R0-100PS Datasheet
208Kb / 15P
   N-channel 100 V 5 m廓 standard level MOSFET in TO-220
Rev. 3-26 September 2011
logo
Nexperia B.V. All right...
PSMN5R0-100PS NEXPERIA-PSMN5R0-100PS Datasheet
816Kb / 15P
   N-channel 100 V 5 mΩ standard level MOSFET in TO-220
Rev. 3 - 26 September 2011
More results

Similar Description - PSMN5R0-100PS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN5R0-100PS PHILIPS-PSMN5R0-100PS Datasheet
208Kb / 15P
   N-channel 100 V 5 m廓 standard level MOSFET in TO-220
Rev. 3-26 September 2011
PSMN4R3-100PS PHILIPS-PSMN4R3-100PS_15 Datasheet
202Kb / 15P
   N-channel 100 V 4.3 m廓 standard level MOSFET in TO-220
Rev. 1-27 October 2011
PSMN4R3-100PS PHILIPS-PSMN4R3-100PS Datasheet
202Kb / 15P
   N-channel 100 V 4.3 m廓 standard level MOSFET in TO-220
Rev. 1-27 October 2011
PSMN5R0-100ES PHILIPS-PSMN5R0-100ES_15 Datasheet
203Kb / 15P
   N-channel 100 V 5 m廓 standard level MOSFET in I2PAK
Rev. 3-26 September 2011
PSMN5R0-100ES PHILIPS-PSMN5R0-100ES Datasheet
203Kb / 15P
   N-channel 100 V 5 m廓 standard level MOSFET in I2PAK
Rev. 3-26 September 2011
PSMN3R3-80PS PHILIPS-PSMN3R3-80PS Datasheet
200Kb / 15P
   N-channel 80 V, 3.3 m廓 standard level MOSFET in TO-220
Rev. 1-27 October 2011
logo
Nexperia B.V. All right...
PSMN2R0-60PS NEXPERIA-PSMN2R0-60PS Datasheet
749Kb / 14P
   N-channel 60 V 2.2 m廓 standard level MOSFET in TO-220
logo
NXP Semiconductors
PSMN2R0-60PS PHILIPS-PSMN2R0-60PS_15 Datasheet
244Kb / 14P
   N-channel 60 V 2.2 m廓 standard level MOSFET in TO-220
4 October 2012
PSMN3R5-80PS PHILIPS-PSMN3R5-80PS_15 Datasheet
244Kb / 15P
   N-channel 80 V, 3.5 m廓 standard level MOSFET in TO-220
Rev. 03-19 April 2011
logo
Nexperia B.V. All right...
PSMN6R3-120PS NEXPERIA-PSMN6R3-120PS Datasheet
744Kb / 12P
   N-channel 120 V 6.7 m廓 standard level MOSFET in TO-220
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com