Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2779 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2779
Description  Voltage Monitor with Adjustable Hysteresis Preliminary Information
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2779 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2779 Datasheet HTML 1Page - Micrel Semiconductor MIC2779 Datasheet HTML 2Page - Micrel Semiconductor MIC2779 Datasheet HTML 3Page - Micrel Semiconductor MIC2779 Datasheet HTML 4Page - Micrel Semiconductor MIC2779 Datasheet HTML 5Page - Micrel Semiconductor MIC2779 Datasheet HTML 6Page - Micrel Semiconductor MIC2779 Datasheet HTML 7Page - Micrel Semiconductor MIC2779 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MIC2779
Micrel
MIC2779
4
June 2000
Functional Description
The MIC2779 monitors the voltage of a battery and detects
when it is discharged below a programmed level. Upon being
replaced, or being recharged above a second higher pro-
grammed trip point, the output remains low (MIC2779L) or
high (MIC2779H) for a minimum of 140ms and then sends a
reset signal to a microprocessor or other downstream com-
ponent. See “Timing Diagram.”
/RST, RST Low Output
The output is a push-pull logic signal which is asserted when
the MIC2779 detects a low input voltage. The MIC2779L’s
/RST output is active-low; the MIC2779H’s RST output is
active-high.
Functional Diagram
GND
VBATT
RST*
1.24V
Bandgap
Reference
Low-Voltage
Detect
High-Voltage
Detect
R
S
Q
Q
Delay
Line
LTH
HTH
VLO
VHI
MIC2779
VDD
* Pinout and polarity vary by device type.
See ordering information table.
/RST*
One Shot
Trip Points
Battery voltage is monitored by a comparator via a voltage
divider network. The divided voltage is compared to an
internal reference voltage. When the voltage at the LTH input
pin drops below the internal reference voltage, the output is
asserted. At this point, the voltage at HTH is assumed to be
below the reference voltage.
Delay
At power-on or when the battery is replaced or recharged,
and the voltage at HTH exceeds the reference voltage, the
output is deasserted after a minimum delay of 140ms.


Similar Part No. - MIC2779

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2779 MICREL-MIC2779 Datasheet
148Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
MIC2779H-1BM5 MICREL-MIC2779H-1BM5 Datasheet
148Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
MIC2779H-2BM5 MICREL-MIC2779H-2BM5 Datasheet
148Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
MIC2779L-1BM5 MICREL-MIC2779L-1BM5 Datasheet
148Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
MIC2779L-2BM5 MICREL-MIC2779L-2BM5 Datasheet
148Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
More results

Similar Description - MIC2779

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2778 MICREL-MIC2778 Datasheet
65Kb / 8P
   Voltage Monitor with Adjustable Hysteresis Preliminary Information
MIC2779 MICREL-MIC2779_06 Datasheet
148Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
MIC2778 MICREL-MIC2778_05 Datasheet
169Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
logo
Texas Instruments
TPS3806I33-Q1 TI1-TPS3806I33-Q1 Datasheet
790Kb / 15P
[Old version datasheet]   Dual Voltage Detector With Adjustable Hysteresis
TPS3806J20 TI1-TPS3806J20_16 Datasheet
805Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
TPS3806J20 TI-TPS3806J20 Datasheet
169Kb / 9P
[Old version datasheet]   DUAL VOLTAGE DETECTOR WITH ADJUSTABLE HYSTERESIS
TPS3806J20 TI1-TPS3806J20_15 Datasheet
588Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
logo
Maxim Integrated Produc...
MAX9601EVKIT MAXIM-MAX9601EVKIT Datasheet
2Mb / 6P
   Adjustable Hysteresis
Rev 0; 12/09
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
   PRELIMINARY INFORMATION
logo
Xicor Inc.
X98027 XICOR-X98027 Datasheet
105Kb / 1P
   PRELIMINARY INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com