Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN3R4-30BL Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PSMN3R4-30BL
Description  N-channel 30 V 3.3 m logic level MOSFET in D2PAK
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN3R4-30BL Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PSMN3R4-30BL_15 Datasheet HTML 7Page - NXP Semiconductors PSMN3R4-30BL_15 Datasheet HTML 8Page - NXP Semiconductors PSMN3R4-30BL_15 Datasheet HTML 9Page - NXP Semiconductors PSMN3R4-30BL_15 Datasheet HTML 10Page - NXP Semiconductors PSMN3R4-30BL_15 Datasheet HTML 11Page - NXP Semiconductors PSMN3R4-30BL_15 Datasheet HTML 12Page - NXP Semiconductors PSMN3R4-30BL_15 Datasheet HTML 13Page - NXP Semiconductors PSMN3R4-30BL_15 Datasheet HTML 14Page - NXP Semiconductors PSMN3R4-30BL_15 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
PSMN3R4-30BL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 22 March 2012
11 of 15
NXP Semiconductors
PSMN3R4-30BL
N-channel 30 V 3.3 m
Ω logic level MOSFET in D2PAK
8.
Package outline
Fig 18. Package outline SOT404 (D2PAK)
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
A1
D1
D
max.
E
eLp
HD
Q
c
2.54
2.60
2.20
15.80
14.80
2.90
2.10
11
1.60
1.20
10.30
9.70
4.50
4.10
1.40
1.27
0.85
0.60
0.64
0.46
b
DIMENSIONS (mm are the original dimensions)
SOT404
0
2.5
5 mm
scale
Plastic single-ended surface-mounted package (D2PAK); 3 leads (one lead cropped)
SOT404
e
e
E
b
D1
HD
D
Q
Lp
c
A1
A
13
2
mounting
base
05-02-11
06-03-16


Similar Part No. - PSMN3R4-30BL_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN3R4-30BLE NEXPERIA-PSMN3R4-30BLE Datasheet
739Kb / 13P
   N-channel 30 V 3.4 m廓 logic level MOSFET in D2PAK
logo
Inchange Semiconductor ...
PSMN3R4-30BLE ISC-PSMN3R4-30BLE Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
logo
NXP Semiconductors
PSMN3R4-30BLE PHILIPS-PSMN3R4-30BLE_15 Datasheet
230Kb / 13P
   N-channel 30 V 3.4 m廓 logic level MOSFET in D2PAK
12 October 2012
More results

Similar Description - PSMN3R4-30BL_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN3R4-30BL NEXPERIA-PSMN3R4-30BL Datasheet
814Kb / 15P
   N-channel 30 V 3.3 m廓 logic level MOSFET in D2PAK
logo
NXP Semiconductors
PSMN1R8-30BL PHILIPS-PSMN1R8-30BL Datasheet
215Kb / 15P
   N-channel 30 V, 1.8 m logic level MOSFET in D2PAK
Rev. 2-29 February 2012
PSMN2R7-30BL PHILIPS-PSMN2R7-30BL Datasheet
233Kb / 15P
   N-channel 30 V, 1.8 m logic level MOSFET in D2PAK
Rev. 1-21 March 2012
PSMN1R8-30BL PHILIPS-PSMN1R8-30BL_15 Datasheet
215Kb / 15P
   N-channel 30 V, 1.8 m logic level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN022-30BL PHILIPS-PSMN022-30BL Datasheet
228Kb / 14P
   N-channel 30 V 22.6 m logic level MOSFET in D2PAK
Rev. 1-21 March 2012
PSMN2R0-30BL PHILIPS-PSMN2R0-30BL_15 Datasheet
214Kb / 15P
   N-channel 30 V 2.1 m logic level MOSFET in D2PAK
Rev. 1-20 March 2012
PSMN2R7-30BL PHILIPS-PSMN2R7-30BL_15 Datasheet
233Kb / 15P
   N-channel 30 V 3.0 m logic level MOSFET in D2PAK
Rev. 1-21 March 2012
PSMN1R6-30BL PHILIPS-PSMN1R6-30BL_15 Datasheet
219Kb / 15P
   N-channel 30 V 1.9 m logic level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN4R3-30BL NXP-PSMN4R3-30BL Datasheet
212Kb / 15P
   N-channel 30 V 4.1 m廓 logic level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN1R5-30BLE PHILIPS-PSMN1R5-30BLE_15 Datasheet
229Kb / 13P
   N-channel 30 V 1.5 m廓 logic level MOSFET in D2PAK
12 October 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com