Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN3R3-80ES Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PSMN3R3-80ES
Description  N-channel 80 V, 3.3 m standard level MOSFET in I2PAK
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN3R3-80ES Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PSMN3R3-80ES_15 Datasheet HTML 6Page - NXP Semiconductors PSMN3R3-80ES_15 Datasheet HTML 7Page - NXP Semiconductors PSMN3R3-80ES_15 Datasheet HTML 8Page - NXP Semiconductors PSMN3R3-80ES_15 Datasheet HTML 9Page - NXP Semiconductors PSMN3R3-80ES_15 Datasheet HTML 10Page - NXP Semiconductors PSMN3R3-80ES_15 Datasheet HTML 11Page - NXP Semiconductors PSMN3R3-80ES_15 Datasheet HTML 12Page - NXP Semiconductors PSMN3R3-80ES_15 Datasheet HTML 13Page - NXP Semiconductors PSMN3R3-80ES_15 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
PSMN3R3-80ES
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 31 October 2011
11 of 14
NXP Semiconductors
PSMN3R3-80ES
N-channel 80 V, 3.3 m
Ω standard level MOSFET in I2PAK
8.
Revision history
Table 7.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PSMN3R3-80ES v.1
20111031
Product data sheet
-
-


Similar Part No. - PSMN3R3-80ES_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN3R3-80ES PHILIPS-PSMN3R3-80ES Datasheet
193Kb / 14P
   N-channel 80 V, 3.3 m廓 standard level MOSFET in I2PAK
Rev. 1-31 October 2011
logo
Inchange Semiconductor ...
PSMN3R3-80ES ISC-PSMN3R3-80ES Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
PSMN3R3-80ES NEXPERIA-PSMN3R3-80ES Datasheet
805Kb / 14P
   N-channel 80 V, 3.3 mΩ standard level MOSFET in I2PAK
Rev. 1 - 31 October 2011
More results

Similar Description - PSMN3R3-80ES_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN3R3-80ES PHILIPS-PSMN3R3-80ES Datasheet
193Kb / 14P
   N-channel 80 V, 3.3 m廓 standard level MOSFET in I2PAK
Rev. 1-31 October 2011
logo
Nexperia B.V. All right...
PSMN3R3-80ES NEXPERIA-PSMN3R3-80ES Datasheet
805Kb / 14P
   N-channel 80 V, 3.3 mΩ standard level MOSFET in I2PAK
Rev. 1 - 31 October 2011
logo
NXP Semiconductors
PSMN4R3-80ES PHILIPS-PSMN4R3-80ES_15 Datasheet
240Kb / 15P
   N-channel 80 V, 4.3 m standard level MOSFET in I2PAK
Rev. 02-18 April 2011
PSMN3R5-80ES PHILIPS-PSMN3R5-80ES Datasheet
238Kb / 15P
   N-channel 80 V, 3.5 m standard level MOSFET in I2PAK
Rev. 02-19 April 2011
PSMN4R3-80ES PHILIPS-PSMN4R3-80ES Datasheet
240Kb / 15P
   N-channel 80 V, 4.3 m廓 standard level MOSFET in I2PAK
Rev. 02-18 April 2011
PSMN3R5-80ES PHILIPS-PSMN3R5-80ES_15 Datasheet
238Kb / 15P
   N-channel 80 V, 3.5 m廓 standard level MOSFET in I2PAK
Rev. 02-19 April 2011
logo
Nexperia B.V. All right...
PSMN4R3-80ES NEXPERIA-PSMN4R3-80ES Datasheet
825Kb / 15P
   N-channel 80 V, 4.3 mΩ standard level MOSFET in I2PAK
Rev. 02 - 18 April 2011
logo
NXP Semiconductors
PSMN3R3-80PS PHILIPS-PSMN3R3-80PS_15 Datasheet
200Kb / 15P
   N-channel 80 V, 3.3 m standard level MOSFET in TO-220
Rev. 1-27 October 2011
logo
Nexperia B.V. All right...
PSMN3R5-80ES NEXPERIA-PSMN3R5-80ES Datasheet
823Kb / 15P
   N-channel 80 V, 3.5 mΩ standard level MOSFET in I2PAK
Rev. 02 - 19 April 2011
logo
NXP Semiconductors
PSMN3R3-80PS PHILIPS-PSMN3R3-80PS Datasheet
200Kb / 15P
   N-channel 80 V, 3.3 m廓 standard level MOSFET in TO-220
Rev. 1-27 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com