Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQM60N20-35 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SQM60N20-35
Description  Automotive N-Channel 200 V (D-S) 175 °C MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQM60N20-35 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SQM60N20-35_15 Datasheet HTML 3Page - Vishay Siliconix SQM60N20-35_15 Datasheet HTML 4Page - Vishay Siliconix SQM60N20-35_15 Datasheet HTML 5Page - Vishay Siliconix SQM60N20-35_15 Datasheet HTML 6Page - Vishay Siliconix SQM60N20-35_15 Datasheet HTML 7Page - Vishay Siliconix SQM60N20-35_15 Datasheet HTML 8Page - Vishay Siliconix SQM60N20-35_15 Datasheet HTML 9Page - Vishay Siliconix SQM60N20-35_15 Datasheet HTML 10Page - Vishay Siliconix SQM60N20-35_15 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SQM60N20-35
www.vishay.com
Vishay Siliconix
S15-1874-Rev. B, 10-Aug-15
7
Document Number: 62744
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
a. As of April 2014
REVISION HISTORY a
REVISION
DATE
DESCRIPTION OF CHANGE
B
04-Aug-15
• Revised Rg minimum limit


Similar Part No. - SQM60N20-35_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM60N20-35-GE3 VISHAY-SQM60N20-35-GE3 Datasheet
180Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 MOSFET
Rev. B, 30-Jul-12
SQM60N20-35 VISHAY-SQM60N20-35_V01 Datasheet
228Kb / 10P
   Automotive N-Channel 200 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SQM60N20-35_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM60N20-35 VISHAY-SQM60N20-35 Datasheet
227Kb / 10P
   Automotive N-Channel 200 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA20EP VISHAY-SQJA20EP_V02 Datasheet
314Kb / 10P
   Automotive N-Channel 200 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ454EP VISHAY-SQJ454EP_V02 Datasheet
308Kb / 10P
   Automotive N-Channel 200 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM90142E VISHAY-SQM90142E_V02 Datasheet
226Kb / 9P
   Automotive N-Channel 200 V (D-S) 175 °C MOSFET
01-Jan-2023
SUM90220E VISHAY-SUM90220E Datasheet
166Kb / 7P
   N-Channel 200 V (D-S) 175 °C MOSFET
Rev. A, 14-Nov-16
SUM65N20-30 VISHAY-SUM65N20-30_08 Datasheet
113Kb / 6P
   N-Channel 200-V (D-S) 175 °C MOSFET
Rev. D, 11-Feb-08
SUM90330E VISHAY-SUM90330E_V01 Datasheet
191Kb / 8P
   N-Channel 200 V (D-S) 175 °C MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBM1202N VBSEMI-VBM1202N Datasheet
416Kb / 8P
   N-Channel 200 V (D-S) 175 °C MOSFET
logo
Vishay Siliconix
SUM27N20-78 VISHAY-SUM27N20-78 Datasheet
52Kb / 5P
   N-Channel 200-V (D-S) 175C MOSFET
Rev. A, 27-Jan-03
SUM33N20-60P VISHAY-SUM33N20-60P Datasheet
93Kb / 6P
   N-Channel 200-V (D-S) 175 C MOSFET
Rev. A, 30-Oct-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com