Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN2R7-30BL Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PSMN2R7-30BL
Description  N-channel 30 V 3.0 m logic level MOSFET in D2PAK
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN2R7-30BL Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PSMN2R7-30BL_15 Datasheet HTML 2Page - NXP Semiconductors PSMN2R7-30BL_15 Datasheet HTML 3Page - NXP Semiconductors PSMN2R7-30BL_15 Datasheet HTML 4Page - NXP Semiconductors PSMN2R7-30BL_15 Datasheet HTML 5Page - NXP Semiconductors PSMN2R7-30BL_15 Datasheet HTML 6Page - NXP Semiconductors PSMN2R7-30BL_15 Datasheet HTML 7Page - NXP Semiconductors PSMN2R7-30BL_15 Datasheet HTML 8Page - NXP Semiconductors PSMN2R7-30BL_15 Datasheet HTML 9Page - NXP Semiconductors PSMN2R7-30BL_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PSMN2R7-30BL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 21 March 2012
6 of 15
NXP Semiconductors
PSMN2R7-30BL
N-channel 30 V 3.0 m
Ω logic level MOSFET in D2PAK
7.
Characteristics
Table 7.
Characteristics
Tested to JEDEC standards where applicable.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID =250 µA; VGS =0V; Tj = 25 °C
30
--V
ID =250 µA; VGS =0V; Tj = -55 °C
27
-
-
V
VGS(th)
gate-source threshold
voltage
ID =1mA; VDS =VGS; Tj =25°C;
see Figure 10; see Figure 11
1.3
1.7
2.15
V
ID =1mA; VDS =VGS; Tj = 175 °C;
see Figure 11
0.5
--V
ID =1mA; VDS =VGS; Tj =-55 °C;
see Figure 11
--2.45
V
IDSS
drain leakage current
VDS =30V; VGS =0V; Tj = 25 °C
-
0.3
5
µA
VDS =30V; VGS =0V; Tj = 125 °C
-
-
100
µA
IGSS
gate leakage current
VGS =16V; VDS =0V; Tj = 25 °C
-
10
100
nA
VGS =-16 V; VDS =0V; Tj = 25 °C
-
10
100
nA
RDSon
drain-source on-state
resistance
VGS =4.5 V; ID =25A; Tj =25°C;
see Figure 12
-
3.16
3.7
m
VGS =10V; ID =25A; Tj = 175 °C;
see Figure 13; see Figure 12
-
4.88
5.7
m
VGS =10V; ID =25A; Tj = 100 °C;
see Figure 13; see Figure 12
-3.6
4.2
m
VGS =10V; ID =25A; Tj =25°C;
see Figure 12
-2.57
3
m
RG
gate resistance
f = 1 MHz
-
1
-
Dynamic characteristics
QG(tot)
total gate charge
ID =25A; VDS =15V; VGS =10V;
see Figure 14; see Figure 15
-66
-nC
ID =0A; VDS =0V; VGS =10V
-
60
-
nC
ID =25A; VDS =15V; VGS =4.5 V;
see Figure 14; see Figure 15
-32
-nC
QGS
gate-source charge
-
12
-
nC
QGS(th)
pre-threshold
gate-source charge
-6.4
-nC
QGS(th-pl)
post-threshold
gate-source charge
-5.6
-nC
QGD
gate-drain charge
ID =25A; VDS =15V; VGS =4.5 V
-
8
-
nC
VGS(pl)
gate-source plateau
voltage
ID =25A; VDS =15V;
see Figure 14; see Figure 15
-2.6
-V
Ciss
input capacitance
VDS =15V; VGS = 0 V; f = 1 MHz;
Tj =25°C; see Figure 16
-
3954
-
pF
Coss
output capacitance
-
822
-
pF
Crss
reverse transfer
capacitance
-
356
-
pF
td(on)
turn-on delay time
VDS =12V; RL =0.5 Ω; VGS =4.5 V;
RG(ext) =4.7 Ω
-46
-ns


Similar Part No. - PSMN2R7-30BL_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN2R7-30BL PHILIPS-PSMN2R7-30BL Datasheet
233Kb / 15P
   N-channel 30 V, 1.8 m logic level MOSFET in D2PAK
Rev. 1-21 March 2012
logo
Inchange Semiconductor ...
PSMN2R7-30BL ISC-PSMN2R7-30BL Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
PSMN2R7-30BL NEXPERIA-PSMN2R7-30BL Datasheet
984Kb / 15P
   N-channel 30 V 3.0 mΩ logic level MOSFET in D2PAK
Rev. 1 - 21 March 2012
More results

Similar Description - PSMN2R7-30BL_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN2R7-30BL NEXPERIA-PSMN2R7-30BL Datasheet
984Kb / 15P
   N-channel 30 V 3.0 mΩ logic level MOSFET in D2PAK
Rev. 1 - 21 March 2012
logo
NXP Semiconductors
PSMN1R8-30BL PHILIPS-PSMN1R8-30BL Datasheet
215Kb / 15P
   N-channel 30 V, 1.8 m logic level MOSFET in D2PAK
Rev. 2-29 February 2012
PSMN2R7-30BL PHILIPS-PSMN2R7-30BL Datasheet
233Kb / 15P
   N-channel 30 V, 1.8 m logic level MOSFET in D2PAK
Rev. 1-21 March 2012
PSMN1R8-30BL PHILIPS-PSMN1R8-30BL_15 Datasheet
215Kb / 15P
   N-channel 30 V, 1.8 m logic level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN022-30BL PHILIPS-PSMN022-30BL Datasheet
228Kb / 14P
   N-channel 30 V 22.6 m logic level MOSFET in D2PAK
Rev. 1-21 March 2012
PSMN2R0-30BL PHILIPS-PSMN2R0-30BL_15 Datasheet
214Kb / 15P
   N-channel 30 V 2.1 m logic level MOSFET in D2PAK
Rev. 1-20 March 2012
PSMN1R6-30BL PHILIPS-PSMN1R6-30BL_15 Datasheet
219Kb / 15P
   N-channel 30 V 1.9 m logic level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN3R4-30BL PHILIPS-PSMN3R4-30BL_15 Datasheet
215Kb / 15P
   N-channel 30 V 3.3 m logic level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN4R3-30BL NXP-PSMN4R3-30BL Datasheet
212Kb / 15P
   N-channel 30 V 4.1 m廓 logic level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN1R5-30BLE PHILIPS-PSMN1R5-30BLE_15 Datasheet
229Kb / 13P
   N-channel 30 V 1.5 m廓 logic level MOSFET in D2PAK
12 October 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com