Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN2R0-60ES Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PSMN2R0-60ES
Description  N-channel 60 V 2.2 m standard level MOSFET in I2PAK
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN2R0-60ES Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PSMN2R0-60ES_15 Datasheet HTML 2Page - NXP Semiconductors PSMN2R0-60ES_15 Datasheet HTML 3Page - NXP Semiconductors PSMN2R0-60ES_15 Datasheet HTML 4Page - NXP Semiconductors PSMN2R0-60ES_15 Datasheet HTML 5Page - NXP Semiconductors PSMN2R0-60ES_15 Datasheet HTML 6Page - NXP Semiconductors PSMN2R0-60ES_15 Datasheet HTML 7Page - NXP Semiconductors PSMN2R0-60ES_15 Datasheet HTML 8Page - NXP Semiconductors PSMN2R0-60ES_15 Datasheet HTML 9Page - NXP Semiconductors PSMN2R0-60ES_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PSMN2R0-60ES
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 02 — 19 April 2011
6 of 15
NXP Semiconductors
PSMN2R0-60ES
N-channel 60 V 2.2 m
Ω standard level MOSFET in I2PAK
6.
Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source breakdown
voltage
ID = 250 µA; VGS =0V; Tj = -55 °C
54
-
-
V
ID = 250 µA; VGS =0V; Tj = 25 °C
60
--V
VGS(th)
gate-source threshold voltage
ID =1mA; VDS =VGS; Tj =-55 °C;
see Figure 10
--4.6
V
ID =1mA; VDS =VGS; Tj = 175 °C;
see Figure 10
1
--V
ID =1mA; VDS =VGS; Tj =25 °C;
see Figure 11; see Figure 10
234V
IDSS
drain leakage current
VDS =60V; VGS =0V; Tj = 25 °C
-
0.03
10
µA
VDS =60V; VGS =0V; Tj = 175 °C
-
-
500
µA
IGSS
gate leakage current
VGS =-20 V; VDS =0V; Tj = 25 °C
-
-
100
nA
VGS =20V; VDS =0V; Tj = 25 °C
-
-
100
nA
RDSon
drain-source on-state
resistance
VGS =10V; ID =25A; Tj =25 °C;
see Figure 12
[1]
-1.8
2.2
m
VGS =10V; ID =25A; Tj = 175 °C;
see Figure 12; see Figure 13
-4.3
5.1
m
VGS =10V; ID =25A; Tj = 100 °C;
see Figure 12; see Figure 13
-3
3.5
m
RG
gate resistance
f = 1 MHz
-
0.9
-
Dynamic characteristics
QG(tot)
total gate charge
ID =75A; VDS =30V; VGS =10V;
see Figure 14; see Figure 15
-
137
-
nC
ID =0A; VDS =0V; VGS =10 V;
see Figure 14; see Figure 15
-
129
-
nC
QGS
gate-source charge
ID =75A; VDS =30V; VGS =10V
-
48
-
nC
QGS(th)
pre-threshold gate-source
charge
ID =75A; VDS =30V; VGS =10V;
see Figure 14; see Figure 15
-29
-
nC
QGS(th-pl)
post-threshold gate-source
charge
-19
-
nC
QGD
gate-drain charge
-
32
-
nC
VGS(pl)
gate-source plateau voltage
VDS =30V; see Figure 14;
see Figure 15
-5.7
-V
Ciss
input capacitance
VDS =30V; VGS = 0 V; f = 1 MHz;
Tj =25 °C; see Figure 16
-
9997
-
pF
Coss
output capacitance
-
1210
-
pF
Crss
reverse transfer capacitance
-
594
-
pF
td(on)
turn-on delay time
VDS =30V; RL =0.4 Ω; VGS =10V;
RG(ext) =4.7 Ω; ID =75A
-42
-
ns
tr
rise time
-
56
-
ns
td(off)
turn-off delay time
-
115
-
ns
tf
fall time
-
49
-
ns


Similar Part No. - PSMN2R0-60ES_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN2R0-60ES NEXPERIA-PSMN2R0-60ES Datasheet
826Kb / 15P
   N-channel 60 V 2.2 m廓 standard level MOSFET in I2PAK
logo
Inchange Semiconductor ...
PSMN2R0-60ES ISC-PSMN2R0-60ES Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - PSMN2R0-60ES_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN2R0-60ES NEXPERIA-PSMN2R0-60ES Datasheet
826Kb / 15P
   N-channel 60 V 2.2 m廓 standard level MOSFET in I2PAK
logo
NXP Semiconductors
PSMN3R0-60ES NXP-PSMN3R0-60ES Datasheet
246Kb / 13P
   N-channel 60 V 3.0 m廓 standard level MOSFET in I2PAK.
3 June 2014
logo
Nexperia B.V. All right...
PSMN3R0-60ES NEXPERIA-PSMN3R0-60ES Datasheet
735Kb / 13P
   N-channel 60 V 3.0 mΩ standard level MOSFET in I2PAK.
3 June 2014
PSMN2R0-60PS NEXPERIA-PSMN2R0-60PS Datasheet
749Kb / 14P
   N-channel 60 V 2.2 m廓 standard level MOSFET in TO-220
logo
NXP Semiconductors
PSMN2R0-60PS PHILIPS-PSMN2R0-60PS_15 Datasheet
244Kb / 14P
   N-channel 60 V 2.2 m廓 standard level MOSFET in TO-220
4 October 2012
PSMN3R3-80ES PHILIPS-PSMN3R3-80ES_15 Datasheet
193Kb / 14P
   N-channel 80 V, 3.3 m standard level MOSFET in I2PAK
Rev. 1-31 October 2011
PSMN4R3-80ES PHILIPS-PSMN4R3-80ES_15 Datasheet
240Kb / 15P
   N-channel 80 V, 4.3 m standard level MOSFET in I2PAK
Rev. 02-18 April 2011
PSMN1R5-40ES PHILIPS-PSMN1R5-40ES_15 Datasheet
236Kb / 14P
   N-channel 40 V 1.6 m standard level MOSFET in I2PAK.
Rev. 01-19 April 2011
PSMN3R5-80ES PHILIPS-PSMN3R5-80ES Datasheet
238Kb / 15P
   N-channel 80 V, 3.5 m standard level MOSFET in I2PAK
Rev. 02-19 April 2011
PSMN8R5-100ES PHILIPS-PSMN8R5-100ES_15 Datasheet
229Kb / 14P
   N-channel 100 V 8.5 m廓 standard level MOSFET in I2PAK
11 October 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com