Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN1R5-40ES Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PSMN1R5-40ES
Description  N-channel 40 V 1.6 m standard level MOSFET in I2PAK.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN1R5-40ES Datasheet(HTML) 1 Page - NXP Semiconductors

  PSMN1R5-40ES_15 Datasheet HTML 1Page - NXP Semiconductors PSMN1R5-40ES_15 Datasheet HTML 2Page - NXP Semiconductors PSMN1R5-40ES_15 Datasheet HTML 3Page - NXP Semiconductors PSMN1R5-40ES_15 Datasheet HTML 4Page - NXP Semiconductors PSMN1R5-40ES_15 Datasheet HTML 5Page - NXP Semiconductors PSMN1R5-40ES_15 Datasheet HTML 6Page - NXP Semiconductors PSMN1R5-40ES_15 Datasheet HTML 7Page - NXP Semiconductors PSMN1R5-40ES_15 Datasheet HTML 8Page - NXP Semiconductors PSMN1R5-40ES_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
Product profile
1.1 General description
Standard level N-channel MOSFET in I2PAK (SOT226) package qualified to 175 °C. This
product is designed and qualified for use in a wide range of industrial, communications
and domestic equipment.
1.2 Features and benefits
High efficiency due to low switching
and conduction losses
Suitable for standard level gate drive
sources
1.3 Applications
DC-to-DC convertors
Load switching
Motor control
Server power supplies
1.4 Quick reference data
[1]
Continuous current is limited by package
[2]
Measured 3 mm from package.
PSMN1R5-40ES
N-channel 40 V 1.6 m
Ω standard level MOSFET in I2PAK.
Rev. 01 — 19 April 2011
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
--40
V
ID
drain current
Tmb =25°C; VGS =10V;
see Figure 1
[1]
--120
A
Ptot
total power dissipation
Tmb = 25 °C; see Figure 2
--338
W
Static characteristics
RDSon
drain-source on-state
resistance
VGS =10V; ID =25A;
Tj = 25 °C; see Figure 13
[2]
-1.3
1.6
m
Dynamic characteristics
QGD
gate-drain charge
VGS =10V; ID =75A;
VDS =20V; see Figure 14;
see Figure 15
-32
-
nC
QG(tot)
total gate charge
-
136
-
nC


Similar Part No. - PSMN1R5-40ES_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN1R5-40ES NEXPERIA-PSMN1R5-40ES Datasheet
822Kb / 14P
   N-channel 40 V 1.6 m廓 standard level MOSFET in I2PAK.
logo
Inchange Semiconductor ...
PSMN1R5-40ES ISC-PSMN1R5-40ES Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - PSMN1R5-40ES_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN1R5-40ES NEXPERIA-PSMN1R5-40ES Datasheet
822Kb / 14P
   N-channel 40 V 1.6 m廓 standard level MOSFET in I2PAK.
logo
NXP Semiconductors
PSMN1R5-40PS NXP-PSMN1R5-40PS Datasheet
275Kb / 14P
   N-channel 40 V 1.6 m廓 standard level MOSFET in TO220
15 July 2013
PSMN2R0-60ES PHILIPS-PSMN2R0-60ES_15 Datasheet
240Kb / 15P
   N-channel 60 V 2.2 m standard level MOSFET in I2PAK
Rev. 02-19 April 2011
PSMN3R3-80ES PHILIPS-PSMN3R3-80ES_15 Datasheet
193Kb / 14P
   N-channel 80 V, 3.3 m standard level MOSFET in I2PAK
Rev. 1-31 October 2011
PSMN4R3-80ES PHILIPS-PSMN4R3-80ES_15 Datasheet
240Kb / 15P
   N-channel 80 V, 4.3 m standard level MOSFET in I2PAK
Rev. 02-18 April 2011
PSMN3R5-80ES PHILIPS-PSMN3R5-80ES Datasheet
238Kb / 15P
   N-channel 80 V, 3.5 m standard level MOSFET in I2PAK
Rev. 02-19 April 2011
logo
Nexperia B.V. All right...
PSMN1R5-40PS NEXPERIA-PSMN1R5-40PS Datasheet
748Kb / 14P
   N-channel 40 V 1.6 mΩ standard level MOSFET in TO220
15 July 2013
logo
NXP Semiconductors
PSMN8R5-100ES PHILIPS-PSMN8R5-100ES_15 Datasheet
229Kb / 14P
   N-channel 100 V 8.5 m廓 standard level MOSFET in I2PAK
11 October 2012
PSMN4R3-100ES PHILIPS-PSMN4R3-100ES_15 Datasheet
195Kb / 14P
   N-channel 100 V 4.3 m廓 standard level MOSFET in I2PAK
Rev. 1-31 October 2011
logo
Nexperia B.V. All right...
PSMN8R5-108ES NEXPERIA-PSMN8R5-108ES Datasheet
355Kb / 15P
   N-channel 108 V 8.5 m廓 standard level MOSFET in I2PAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com