Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN0R9-25YLC Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PSMN0R9-25YLC
Description  N-channel 25 V 0.99 m廓 logic level MOSFET in LFPAK using NextPower technology
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN0R9-25YLC Datasheet(HTML) 1 Page - NXP Semiconductors

  PSMN0R9-25YLC_15 Datasheet HTML 1Page - NXP Semiconductors PSMN0R9-25YLC_15 Datasheet HTML 2Page - NXP Semiconductors PSMN0R9-25YLC_15 Datasheet HTML 3Page - NXP Semiconductors PSMN0R9-25YLC_15 Datasheet HTML 4Page - NXP Semiconductors PSMN0R9-25YLC_15 Datasheet HTML 5Page - NXP Semiconductors PSMN0R9-25YLC_15 Datasheet HTML 6Page - NXP Semiconductors PSMN0R9-25YLC_15 Datasheet HTML 7Page - NXP Semiconductors PSMN0R9-25YLC_15 Datasheet HTML 8Page - NXP Semiconductors PSMN0R9-25YLC_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
Product profile
1.1 General description
Logic level enhancement mode N-channel MOSFET in LFPAK package. This product is
designed and qualified for use in a wide range of industrial, communications and domestic
equipment.
1.2 Features and benefits
High reliability Power SO8 package,
qualified to 175°C
Optimised for 4.5V Gate drive utilising
NextPower Superjunction technology
Ultra low QG, QGD and QOSS for high
system efficiencies at low and high
loads
Ultra low Rdson and low parasitic
inductance
1.3 Applications
DC-to-DC converters
Lithium-ion battery protection
Load switching
Power OR-ing
Server power supplies
Sync rectifier
1.4 Quick reference data
PSMN0R9-25YLC
N-channel 25 V 0.99 m
Ω logic level MOSFET in LFPAK using
NextPower technology
Rev. 2 — 4 July 2011
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
25 °C
≤ Tj ≤ 175 °C
-
-
25
V
ID
drain current
Tmb = 25 °C; see Figure 1
[1]
--100
A
Ptot
total power dissipation
Tmb = 25 °C; see Figure 2
--272
W
Tj
junction temperature
-55
-
175
°C
Static characteristics
RDSon
drain-source on-state
resistance
VGS = 4.5 V; ID =25A;
Tj = 25 °C; see Figure 12
-
0.95
1.25
m
VGS =10V; ID =25A;
Tj = 25 °C; see Figure 12
-
0.75
0.99
m


Similar Part No. - PSMN0R9-25YLC_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN0R9-25YLC PHILIPS-PSMN0R9-25YLC Datasheet
306Kb / 15P
   N-channel 25 V 0.99 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-4 July 2011
PSMN0R9-25YLC PHILIPS-PSMN0R9-25YLC Datasheet
1Mb / 8P
   NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
PSMN0R9-25YLC PHILIPS-PSMN0R9-25YLC Datasheet
1Mb / 8P
   NextPower MOSFETs
May 2011
logo
Nexperia B.V. All right...
PSMN0R9-25YLC NEXPERIA-PSMN0R9-25YLC Datasheet
916Kb / 15P
   N-channel 25 V 0.99 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 4 July 2011
More results

Similar Description - PSMN0R9-25YLC_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN0R9-25YLC PHILIPS-PSMN0R9-25YLC Datasheet
306Kb / 15P
   N-channel 25 V 0.99 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-4 July 2011
logo
Nexperia B.V. All right...
PSMN0R9-25YLC NEXPERIA-PSMN0R9-25YLC Datasheet
916Kb / 15P
   N-channel 25 V 0.99 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 4 July 2011
logo
NXP Semiconductors
PSMN3R7-25YLC PHILIPS-PSMN3R7-25YLC Datasheet
358Kb / 15P
   N-channel 25 V 3.9 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
PSMN9R0-25YLC_1111 PHILIPS-PSMN9R0-25YLC_1111 Datasheet
298Kb / 15P
   N-channel 25 V 9.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-1 November 2011
PSMN6R0-25YLB PHILIPS-PSMN6R0-25YLB_15 Datasheet
308Kb / 15P
   N-channel 25 V 6.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-31 October 2011
PSMN9R0-25YLC NXP-PSMN9R0-25YLC Datasheet
298Kb / 15P
   N-channel 25 V 9.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-12 July 2011
PSMN1R7-25YLC PHILIPS-PSMN1R7-25YLC Datasheet
349Kb / 15P
   N-channel 25 V 1.9 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
PSMN7R5-25YLC NXP-PSMN7R5-25YLC Datasheet
304Kb / 15P
   N-channel 25 V 7.4 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-12 July 2011
PSMN2R9-25YLC PHILIPS-PSMN2R9-25YLC_15 Datasheet
363Kb / 15P
   N-channel 25 V 3.15 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-2 May 2011
PSMN6R5-25YLC NXP-PSMN6R5-25YLC Datasheet
296Kb / 15P
   N-channel 25 V 6.5 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-12 July 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com