Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2775 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2775
Description  Micro-Power Voltage Supervisor Advance Information
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2775 Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC2775 Datasheet HTML 1Page - Micrel Semiconductor MIC2775 Datasheet HTML 2Page - Micrel Semiconductor MIC2775 Datasheet HTML 3Page - Micrel Semiconductor MIC2775 Datasheet HTML 4Page - Micrel Semiconductor MIC2775 Datasheet HTML 5Page - Micrel Semiconductor MIC2775 Datasheet HTML 6Page - Micrel Semiconductor MIC2775 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MIC2775
Micrel
MIC2775
6
September 29, 2000
Application Information
Ensuring Proper Operation at Low Supply
At levels of V
DD below 1.2V, the MIC2775’s /RST output
cannot turn on sufficiently to produce a valid logic-low on
/RST. In this situation, circuits driven by /RST could be
allowed to float, causing undesired operation. (In most cases,
however, it is expected that the circuits driven by the MIC2775
will be similarly inoperative at V
DD ≤ 1.2V.)
If a given application requires that /RST be valid below V
DD
= 1.2V, this can be accomplished by adding a pull-down
resistor to the /RST output. A value of 100k
Ω is recom-
mended as this is usually an acceptable compromise of
quiescent current and pull-down current. The resistor’s value
is not critical, however. See Figure 1.
/RST
RST
VDD
/MR
Manual
Reset
GND
MIC2775-XX
/RESET
VCC
GND
VCC
MICROPROCESSOR
100k
Figure 1. MIC2775 Valid /Reset Below 1.2V
The statements above also apply to the MIC2775’s RST
output. That is, to ensure valid RST signal levels at V
DD <
1.2V, a pull-up resistor (as opposed to a pull-down) should be
added to the RST output. A value of 100k
Ω is typical for this
application as well. See Figure 2.
/RST
RST
VDD
/MR
GND
MIC2775-XX
/RESET
VCC
GND
VCC
Manual
Reset
MICROPROCESSOR
100k
Rpull-down
Figure 2. MIC2775 Valid Reset Below 1.2V
Transient response
The MIC2775 is inherently immune to very short negative-
going “glitches.” Very brief transients may exceed the voltage
threshold without tripping the output.
As shown in Figure 3, in general the narrower the transient,
the deeper the threshold overdrive that will be ignored by the
MIC2775. The graph represents the typical allowable tran-
sient duration for a given amount of threshold overdrive that
will not generate a reset.
0
20
40
60
80
100
0
500
1000
1500
2000
RESET COMP. OVERDRIVE, V
REF–VDD(mV)
Typical V
DD
Transient Response
Figure 3. Typical V
DD Transient Response


Similar Part No. - MIC2775

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2775 MICREL-MIC2775 Datasheet
164Kb / 7P
   Micro-Power Voltage Supervisor
MIC2775-17YM5 MICREL-MIC2775-17YM5 Datasheet
323Kb / 9P
   Micro-Power Voltage Supervisor
MIC2775-17YM5TR MICREL-MIC2775-17YM5TR Datasheet
323Kb / 9P
   Micro-Power Voltage Supervisor
MIC2775-22YM5 MICREL-MIC2775-22YM5 Datasheet
323Kb / 9P
   Micro-Power Voltage Supervisor
MIC2775-22YM5TR MICREL-MIC2775-22YM5TR Datasheet
323Kb / 9P
   Micro-Power Voltage Supervisor
More results

Similar Description - MIC2775

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2774 MICREL-MIC2774 Datasheet
381Kb / 8P
   Dual Micro-Power Low Voltage Supervisor Advance Information
MIC2777 MICREL-MIC2777 Datasheet
375Kb / 8P
   Dual Micro-Power Low Voltage Supervisor Advance Information
MIC184 MICREL-MIC184 Datasheet
140Kb / 21P
   Local/Remote Thermal Supervisor Advance Information
MIC284 MICREL-MIC284 Datasheet
439Kb / 20P
   Two-Zone Thermal Supervisor Advance Information
MIC384 MICREL-MIC384 Datasheet
121Kb / 21P
   Three-Zone Thermal Supervisor Advance Information
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
   Advance Information
logo
Micrel Semiconductor
MIC2775 MICREL-MIC2775_15 Datasheet
323Kb / 9P
   Micro-Power Voltage Supervisor
MIC2775 MICREL-MIC2775_06 Datasheet
164Kb / 7P
   Micro-Power Voltage Supervisor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com