Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2563A Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2563A
Description  Dual Slot PCMCIA/CardBus Power Controller Preliminary Information
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2563A Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2563A Datasheet HTML 1Page - Micrel Semiconductor MIC2563A Datasheet HTML 2Page - Micrel Semiconductor MIC2563A Datasheet HTML 3Page - Micrel Semiconductor MIC2563A Datasheet HTML 4Page - Micrel Semiconductor MIC2563A Datasheet HTML 5Page - Micrel Semiconductor MIC2563A Datasheet HTML 6Page - Micrel Semiconductor MIC2563A Datasheet HTML 7Page - Micrel Semiconductor MIC2563A Datasheet HTML 8Page - Micrel Semiconductor MIC2563A Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MIC2563A
Micrel
2-48
1997
Absolute Maximum Ratings (Notes 1 and 2)
Power Dissipation, TAMBIENT ≤ 25°C ...... Internally Limited
SSOP .............................................................. 800 mW
Derating Factors (To Ambient)
SSOP ............................................................. 4 mW/
°C
Storage Temperature .............................. –65
°C to +150°C
Operating Temperature (Die) ................................... 125
°C
Lead Temperature (5 sec) ........................................ 260
°C
Supply Voltage, VPP IN ...................................................... 15V
VCC3 IN ................................................................ 7.5V
VCC5 IN ................................................................ 7.5V
Logic Input Voltages ..................................... –0.3V to +10V
Output Current (each Output)
VPP OUT ............................ >200mA, Internally Limited
VCC OUT ...................................... >1A, Internally Limited
B VCC5_EN
B VCC3_EN
VCC3 IN
B EN1
GND
B VPP OUT
B VCC OUT
B VPP IN
(optional)
B EN0
VCC5 IN
MIC2563
Section B
Control
Logic
ILimit / Thermal
Shut Down
Gate Drive
Generator
A VCC5_EN
A VCC3_EN
A VCC3 IN
A EN1
A VPP OUT
A VCC OUT
A VPP IN
(optional)
A EN0
A VCC5 IN
MIC2563
Section A
Control
Logic
ILimit / Thermal
Shut Down
Gate Drive
Generator
Logic Block Diagram
Pin Configuration
Connect all pins with the same name together for
proper operation.
28 Pin SSOP Package
GND
7
6
5
4
3
2
11
10
12
13
14
8
9
A VCC5 IN
A VCC OUT
A VCC5 IN
A VCC OUT
A VCC5_EN
A VCC3_EN
A EN0
A EN1
B VPP IN
AVCC OUT
A VCC3 IN
B VPP OUT
28
27
26
15
16
17
18
19
20
21
22
23
24
25
GND
B VCC5 IN
B VCC OUT
B VCC OUT
B VCC5 IN
B VCC OUT
B VCC3 IN
B VCC5_EN
B VCC3_EN
B EN0
B EN1
A VPP IN
A VPP OUT
NC
NC
MIC2563A-1 Redefined Pin Assignment
Function
Pin Number
Slot A
Slot B
VPP_VCC
7
21
VPP_PGM
8
22
Some pin names for the MIC2563A-1 are different from the
MIC2563A-0. This table shows the differences. All other pin
names are identical to the MIC2563A-0 as shown in the
Pin
Configuration, above.


Similar Part No. - MIC2563A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2563A-0BSM MICREL-MIC2563A-0BSM Datasheet
105Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controller
MIC2563A-0YSM MICREL-MIC2563A-0YSM Datasheet
105Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controller
MIC2563A-1BSM MICREL-MIC2563A-1BSM Datasheet
105Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controller
MIC2563A-1YSM MICREL-MIC2563A-1YSM Datasheet
105Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controller
MIC2563A MICREL-MIC2563A_04 Datasheet
105Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controller
More results

Similar Description - MIC2563A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2564A MICREL-MIC2564A Datasheet
166Kb / 16P
   Dual Serial PCMCIA/CardBus Power Controller Preliminary Information
logo
Global Mixed-mode Techn...
G570 GMT-G570 Datasheet
217Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2563A MICREL-MIC2563A_04 Datasheet
105Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Global Mixed-mode Techn...
G574 GMT-G574_06 Datasheet
357Kb / 16P
   Dual-Slot PCMCIA/CardBus Power Controller
G574 GMT-G574 Datasheet
330Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
logo
MIC GROUP RECTIFIERS
MIC2568 MIC-MIC2568 Datasheet
116Kb / 10P
   Dual-Slot PC Card/CardBus Power Controller Preliminary
logo
Global Mixed-mode Techn...
G576 GMT-G576 Datasheet
271Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controllers
logo
Micrel Semiconductor
MIC2562A MICREL-MIC2562A Datasheet
101Kb / 9P
   PCMCIA/CardBus Socket Power Controller
MIC2562A MICREL-MIC2562A_04 Datasheet
110Kb / 12P
   PCMCIA/CardBus Socket Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com