Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97698IIZ-T Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL97698IIZ-T
Description  High Efficient 2-Channel White LED Driver for Smartphone Backlighting
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97698IIZ-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL97698IIZ-T Datasheet HTML 5Page - Intersil Corporation ISL97698IIZ-T Datasheet HTML 6Page - Intersil Corporation ISL97698IIZ-T Datasheet HTML 7Page - Intersil Corporation ISL97698IIZ-T Datasheet HTML 8Page - Intersil Corporation ISL97698IIZ-T Datasheet HTML 9Page - Intersil Corporation ISL97698IIZ-T Datasheet HTML 10Page - Intersil Corporation ISL97698IIZ-T Datasheet HTML 11Page - Intersil Corporation ISL97698IIZ-T Datasheet HTML 12Page - Intersil Corporation ISL97698IIZ-T Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ISL97698
9
FN8417.0
September 5, 2013
FIGURE 12. TRANSIENT RESPONSE (LED CURRENT CHANGES from
25mA to 100µA)
FIGURE 13. TRANSIENT RESPONSE (LED CURRENT CHANGES from
100µA to 25mA)
FIGURE 14. START-UP WAVEFORMS (100% BRIGHTNESS)
FIGURE 15. START-UP WAVEFORMS (50% BRIGHTNESS)
FIGURE 16. SHUTDOWN WAVEFORMS (100% BRIGHTNESS)
Typical Performance Curves T
A = +25°C, VIN = VIN_IO = EN = 3.7V (Continued), L = TDK VLF302510MT-
10uH, COUT = 3.3µF/25V, fSW = 850kHz, ILED = 25mA/string, 2P6S Configuration, default register settings, unless otherwise noted.
(Continued)
ILED = 25mA--> 100µA
VOUT = 5V/DIV
CH0 Headroom = 1V/DIV
CH0 Current = 10mA/DIV
Time = 10ms/DIV
ILED = 100µA-->25mA
VOUT = 5V/DIV
CH0 Headroom = 1V/DIV
CH0 Current = 10mA/DIV
Time = 10ms/DIV
VIN = 3.7V, 2P6S, PWMI DUTY CYCLE = 100%
VOUT = 10V/DIV
PWMI = 5V/DIV
CH0 Current = 20mA/DIV
Inductor Current = 200mA/DIV
Time = 4ms/DIV
VOUT = 10V/DIV
CH0 Current = 20mA/DIV
Time = 2ms/DIV
VIN = 3.7V, 2P6S, PWMI Duty Cycle = 50%
PWMI = 5V/DIV
Inductor Current = 200mA/DIV
VIN = 3.7V, 2P6S, PWMI Duty Cycle = 100%
VOUT = 10V/DIV
CH0 Current = 20mA/DIV
Time = 1ms/DIV
Inductor Current = 200mA/DIV
PWMI = 5V/DIV
VOUT = 10V/DIV
CH0 Current = 20mA/DIV
Time = 1ms/DIV
VIN = 3.7V, 2P6S, PWMI Duty Cycle = 50%
PWMI = 5V/DIV
Inductor Current = 200mA/DIV
FIGURE 17. SHUTDOWN WAVEFORMS (50% BRIGHTNESS)


Similar Part No. - ISL97698IIZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97698IIZ-T RENESAS-ISL97698IIZ-T Datasheet
1Mb / 21P
   High Efficiency 2-Channel White LED Driver for Smartphone Backlighting
More results

Similar Description - ISL97698IIZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97698 RENESAS-ISL97698 Datasheet
1Mb / 21P
   High Efficiency 2-Channel White LED Driver for Smartphone Backlighting
logo
Texas Instruments
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
logo
Monolithic Power System...
EV4700-S-00A MPS-EV4700-S-00A Datasheet
984Kb / 8P
   White LED Driver For TV Backlighting Applications
logo
Texas Instruments
TPS61199PWPR TI-TPS61199PWPR Datasheet
1Mb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
logo
Monolithic Power System...
EV4012DS-00A MPS-EV4012DS-00A Datasheet
223Kb / 6P
   Boost White LED Driver For TV Backlighting Application
MP4601 MPS-MP4601 Datasheet
447Kb / 16P
   White LED Driver For Large Size TV Backlighting
EV4603-S-00A MPS-EV4603-S-00A Datasheet
326Kb / 6P
   Buck-Boost White LED Driver For TV Backlighting Applications
EV4601EF-00A MPS-EV4601EF-00A Datasheet
222Kb / 6P
   Buck-Boost White LED Driver For TV Backlighting Applications
EV4601ES-00A MPS-EV4601ES-00A Datasheet
213Kb / 6P
   Buck-Boost White LED Driver For TV Backlighting Applications
logo
Dialog Semiconductor
IW7027 DIALOG-IW7027 Datasheet
463Kb / 9P
   16-Channel LED Driver for LCD Panel Backlighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com