Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97684IRTZ-EVALZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL97684IRTZ-EVALZ
Description  Compact 2-3-4-Ch LED Drivers with Phase Shift Control
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97684IRTZ-EVALZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL97684IRTZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL97684IRTZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL97684IRTZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL97684IRTZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL97684IRTZ-EVALZ Datasheet HTML 10Page - Intersil Corporation ISL97684IRTZ-EVALZ Datasheet HTML 11Page - Intersil Corporation ISL97684IRTZ-EVALZ Datasheet HTML 12Page - Intersil Corporation ISL97684IRTZ-EVALZ Datasheet HTML 13Page - Intersil Corporation ISL97684IRTZ-EVALZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ISL97682, ISL97683, ISL97684
10
FN7689.1
May 16, 2012
Theory of Operation
PWM Boost Converter
The current mode PWM boost converter produces the minimal
voltage needed to enable the LED stack with the highest forward
voltage drop to run at the programmed current. The ISL97682,
ISL97683, ISL97684 employs current mode control boost
architecture that has a fast current sense loop and a slow voltage
feedback loop. Such architecture achieves a fast transient
response that is essential for the notebook backlight application
where the power can be a series of drained batteries or instantly
change to an AC/DC adapter without rendering a noticeable
visual nuisance. The number of LEDs that can be driven by the
ISL97682, ISL97683, ISL97684 depend on the type of LED
chosen in the application. The ISL97682, ISL97683, ISL97684
are capable of boosting up to 45V and typically driving 13 LEDs
in series for each of the 4 channels, enabling a total of 52 pieces
of the 3.2V/20mA type of LEDs.
OVP
The Overvoltage Protection (OVP) pin has a function of setting the
overvoltage trip level as well as limiting the VOUT regulation
range.
The ISL97682, ISL97683, ISL97684 OVP threshold is set by
RUPPER and RLOWER shown by Equation 1:
VOUT can only regulate between 42% and 100% of the VOUT_OVP
such that:
Allowable VOUT = 42% to 100% of VOUT_OVP
For example, if 10 LEDs are used with the worst case being VOUT
of 35V. If R1 and R2 are chosen such that the OVP level is set at
40V, then the VOUT is allowed to operate between 16.8V and 40V.
If the requirement is changed to 4 LEDs of 14V VOUT application,
then the OVP level must be reduced and users should follow the
VOUT = (42% ~100%) OVP level requirement. Otherwise, the
headroom control will be disturbed such that the channel voltage
can be much higher than expected and sometimes can prevent
the driver from operating properly.
The ratio of the OVP capacitor should be the inverse of the OVP
resistor. For example:
if RUPPER/RLOWER = 33/1, then CUPPER/CLOWER = 1/33 with
CUPPER = 100pF and CUPPER =3.3nF.
Enable
An EN signal is required to enable the internal regulator for normal
operation. If there is no signal for longer than 28ms, the device will
enter shutdown.
Power Sequence
There is no specific power sequence requirement for the
ISL97682, ISL97683, ISL97684. The EN signal can be tied to VIN
but not the VDC that will prevent the device from powering up.
Current Matching and Current Accuracy
Each channel of the LED current is regulated by the current
source circuit, as shown in Figure 19.
The LED peak current is set by translating the RSET current to the
output with a scaling factor of 401.8/RSET. The source terminals
of the current source MOSFETs are designed to run at 500mV to
optimize power loss versus accuracy requirements. The sources
of errors of the channel-to-channel current matching come from
the op amps offset, internal layout, reference, and current source
resistors. These parameters are optimized for current matching
and absolute current accuracy. However, the absolute accuracy is
additionally determined by the external RSET. A 1% tolerance
resistor is recommended.
Dynamic Headroom Control
The ISL97682, ISL97683, ISL97684 feature a proprietary
Dynamic Headroom Control circuit that detects the highest
forward voltage string or the lowest voltage from any of the CH
pins digitally. When the lowest CH voltage is lower than the short
circuit threshold (VSC), such voltage will be used as the feedback
signal for the boost regulator. The boost makes the output to the
correct level such that the lowest CH is at the target headroom
voltage. Since all LED stacks are connected to the same output
voltage, the other CH pins will have a higher voltage, but the
regulated current source circuit on each channel will ensure that
each channel has the same current. The output voltage will
regulate cycle-by-cycle and it is always referenced to the highest
forward voltage string in the architecture.
Dimming Controls
The ISL97682, ISL97683, ISL97684 allow two ways of controlling
the LED current, and therefore, the brightness. They are:
1. DC current adjustment
2. PWM chopping of the LED current defined in Step 1.
There are various ways to achieve DC or PWM current control,
which will be described in the following.
(EQ. 1)
VOUT_OVP = 1.22V * (RUPPER + RLOWER)/RLOWER
FIGURE 19. SIMPLIFIED CURRENT SOURCE CIRCUIT
REF
+
-
PWM DIMMING
RSET
+-


Similar Part No. - ISL97684IRTZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97684IRTZ-EVALZ INTERSIL-ISL97684IRTZ-EVALZ Datasheet
592Kb / 17P
   Compact 2-3-4-Ch LED Drivers with Phase Shift Control
More results

Similar Description - ISL97684IRTZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97682 INTERSIL-ISL97682 Datasheet
592Kb / 17P
   Compact 2-3-4-Ch LED Drivers with Phase Shift Control
logo
Renesas Technology Corp
ISL97682 RENESAS-ISL97682 Datasheet
841Kb / 18P
   Compact 2-3-4-Ch LED Drivers with Phase Shift Control
logo
Intersil Corporation
ISL97675 INTERSIL-ISL97675 Datasheet
550Kb / 20P
   4-Channel LED Driver with Phase Shift Control
logo
Renesas Technology Corp
ISL97675 RENESAS-ISL97675 Datasheet
982Kb / 21P
   4-Channel LED Driver with Phase Shift Control
ISL97676 RENESAS-ISL97676 Datasheet
1Mb / 19P
   6-Channel LED Driver with Phase Shift Control
Sep 12, 2017
logo
Intersil Corporation
ISL97676 INTERSIL-ISL97676 Datasheet
619Kb / 20P
   6-Channel LED Driver with Phase Shift Control
ISL97687 INTERSIL-ISL97687 Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ INTERSIL-ISL97687IRTZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
ISL97687IBZ INTERSIL-ISL97687IBZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ-T INTERSIL-ISL97687IRTZ-T Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com