Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97682IRTZ-EVALZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL97682IRTZ-EVALZ
Description  Compact 2-3-4-Ch LED Drivers with Phase Shift Control
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97682IRTZ-EVALZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL97682IRTZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL97682IRTZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL97682IRTZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL97682IRTZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL97682IRTZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL97682IRTZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL97682IRTZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL97682IRTZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL97682IRTZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ISL97682, ISL97683, ISL97684
5
FN7689.1
May 16, 2012
5.
Absolute Maximum Ratings
Thermal Information
VIN, EN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 28V
VDC, PWMI, FPWM/DirectPWM, FSW, RSET, COMP, OVP . . . -0.3V to 5.5V
CH1 to CH4, LX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 45V
PGND, AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V
Above voltage ratings are all with respect to AGND pin
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
16 LD TQFN (Notes 4, 5) . . . . . . . . . . . . . . .
51
4.6
Thermal Characterization (Typical)
PSIJT (°C/W)
16 Ld TQFN (Note 6). . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.11
Maximum Continuous Junction Temperature . . . . . . . . . . . . . . . . .+125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
6. PSIJT is the PSI junction-to-top thermal characterization parameter. If the package top temperature can be measured with this rating then the die
junction temperature can be estimated more accurately than the
θJC and θJC thermal resistance ratings.
Electrical Specifications All specifications below are characterized at TA = -40°C to +85°C; VIN = 12V, EN = 5V, RSET = 20kΩ,
unless otherwise noted. Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 7)
TYP
MAX
(Note 7)
UNIT
GENERAL
VIN
Backlight Supply Voltage, (Note 8)
TA = +25°C
4.0
26.5
V
IVIN
VIN Active Current
EN = 3.3V
5
mA
IVIN_STBY
VIN Shutdown Current
EN = 0V, TA = 25°C
5
µA
VOUT
Output Voltage
4.0V < VIN ≤ 26.5V
45
V
VUVLO
Undervoltage Lockout Threshold
2.2
2.5
V
VUVLO_HYS
Undervoltage Lockout Hysteresis
100
mV
LINEAR REGULATOR
VDC
LDO Output Voltage
VIN > 6V
4.6
4.8
5
V
VLDO
VDC LDO Dropout Voltage
VIN = 5V, IVDC = 20mA
30
200
mV
ENLow
Guaranteed Range for EN Input Low Voltage
0.5
V
ENHi
Guaranteed Range for EN Input High Voltage
1.5
V
tEN(Low)
EN low time before shut-down
29.5
ms
BOOST SWITCHING REGULATOR
SS
Soft-start
100% LED Duty Cycle
7
ms
SWILimit
Boost FET Current Limit
1.4
1.8
2.3
A
rDS(ON)
Internal Boost Switch ON-Resistance
500
m
Ω
Eff_peak
Peak Efficiency
VIN = 24V, 48 LEDs, 30mA
each, L = 10µH with DCR
≤100mΩ, TA = +25°C
90.1
%
VIN = 12V, 48 LEDs, 30mA
each, L = 10µH with DCR
100m
Ω, TA = +25°C
87
%
DMAX
Boost Maximum Duty Cycle
VFSW < 2.4V (FSW =600kHz)
92
%
VFSW > 2.4V
(FSW =1.0MHz)
85
%


Similar Part No. - ISL97682IRTZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97682IRTZ-EVALZ INTERSIL-ISL97682IRTZ-EVALZ Datasheet
592Kb / 17P
   Compact 2-3-4-Ch LED Drivers with Phase Shift Control
More results

Similar Description - ISL97682IRTZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97682 INTERSIL-ISL97682 Datasheet
592Kb / 17P
   Compact 2-3-4-Ch LED Drivers with Phase Shift Control
logo
Renesas Technology Corp
ISL97682 RENESAS-ISL97682 Datasheet
841Kb / 18P
   Compact 2-3-4-Ch LED Drivers with Phase Shift Control
logo
Intersil Corporation
ISL97675 INTERSIL-ISL97675 Datasheet
550Kb / 20P
   4-Channel LED Driver with Phase Shift Control
logo
Renesas Technology Corp
ISL97675 RENESAS-ISL97675 Datasheet
982Kb / 21P
   4-Channel LED Driver with Phase Shift Control
ISL97676 RENESAS-ISL97676 Datasheet
1Mb / 19P
   6-Channel LED Driver with Phase Shift Control
Sep 12, 2017
logo
Intersil Corporation
ISL97676 INTERSIL-ISL97676 Datasheet
619Kb / 20P
   6-Channel LED Driver with Phase Shift Control
ISL97687 INTERSIL-ISL97687 Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ INTERSIL-ISL97687IRTZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
ISL97687IBZ INTERSIL-ISL97687IBZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ-T INTERSIL-ISL97687IRTZ-T Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com