Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97687IRTZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL97687IRTZ
Description  4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97687IRTZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL97687IRTZ Datasheet HTML 5Page - Intersil Corporation ISL97687IRTZ Datasheet HTML 6Page - Intersil Corporation ISL97687IRTZ Datasheet HTML 7Page - Intersil Corporation ISL97687IRTZ Datasheet HTML 8Page - Intersil Corporation ISL97687IRTZ Datasheet HTML 9Page - Intersil Corporation ISL97687IRTZ Datasheet HTML 10Page - Intersil Corporation ISL97687IRTZ Datasheet HTML 11Page - Intersil Corporation ISL97687IRTZ Datasheet HTML 12Page - Intersil Corporation ISL97687IRTZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ISL97687
9
FN7714.2
November 13, 2013
FIGURE 10. START-UP (DIRECT PWM DIMMING, VIN: 19V,
ICH: 120mA, LEDs: 4P18S, fDIM: 200Hz)
FIGURE 11. DIRECT PWM DIMMING (VIN: 19V, LEDs: 4P18S,
fDIM: 200Hz)
FIGURE 12. START-UP WITHOUT PHASE SHIFT (VIN : 19V,
ICH: 120mA, LEDs: 4P18S, fDIM: 200Hz)
FIGURE 13. START-UP WITH PHASE SHIFT (VIN : 19V, ICH:120mA,
LEDs: 4P18S, fDIM: 200Hz)
FIGURE 14. PWM DIMMING WITHOUT PHASE SHIFT (VIN: 19V,
ICH: 120mA, LEDs: 4P18S, fDIM: 200Hz)
FIGURE 15. PWM DIMMING WITH PHASE SHIFT (VIN: 19V,
ICH: 120mA, LEDs: 4P18S, fDIM: 200Hz)
Typical Performance Curves (Continued)
I_INDUCTOR
V_OUT
V_CH
I_CH
V_PWMI
V_LX
V_CH1
I_CH2
I_INDUCTOR
V_CH2
I_CH1
V_OUT
I_INDUCTOR
V_CH2
I_CH1
V_OUT
I_INDUCTOR
V_CH1
I_CH2
I_INDUCTOR
V_CH1
I_CH2


Similar Part No. - ISL97687IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97687IRTZ INTERSIL-ISL97687IRTZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ INTERSIL-ISL97687IRTZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
logo
Renesas Technology Corp
ISL97687IRTZ RENESAS-ISL97687IRTZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
logo
Intersil Corporation
ISL97687IRTZ-HEVALZ INTERSIL-ISL97687IRTZ-HEVALZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ-HEVALZ INTERSIL-ISL97687IRTZ-HEVALZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
More results

Similar Description - ISL97687IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97687 INTERSIL-ISL97687 Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IBZ INTERSIL-ISL97687IBZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ-T INTERSIL-ISL97687IRTZ-T Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
logo
Renesas Technology Corp
ISL97687 RENESAS-ISL97687 Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
logo
Intersil Corporation
ISL97675 INTERSIL-ISL97675 Datasheet
550Kb / 20P
   4-Channel LED Driver with Phase Shift Control
logo
Renesas Technology Corp
ISL97675 RENESAS-ISL97675 Datasheet
982Kb / 21P
   4-Channel LED Driver with Phase Shift Control
ISL97673 RENESAS-ISL97673 Datasheet
1Mb / 28P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
Sep 19, 2017
logo
Intersil Corporation
ISL97673IRZ INTERSIL-ISL97673IRZ Datasheet
724Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
October 5, 2012
ISL97673 INTERSIL-ISL97673_10 Datasheet
578Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
ISL78171ARZ INTERSIL-ISL78171ARZ Datasheet
931Kb / 29P
   6-Channel, 50mA Automotive LED Driver with Ultra-high Dimming Ratio and Phase Shift Control
June 15, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com