Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97683IRTZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL97683IRTZ
Description  Compact 2-3-4-Ch LED Drivers with Phase Shift Control
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97683IRTZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL97683IRTZ Datasheet HTML 1Page - Intersil Corporation ISL97683IRTZ Datasheet HTML 2Page - Intersil Corporation ISL97683IRTZ Datasheet HTML 3Page - Intersil Corporation ISL97683IRTZ Datasheet HTML 4Page - Intersil Corporation ISL97683IRTZ Datasheet HTML 5Page - Intersil Corporation ISL97683IRTZ Datasheet HTML 6Page - Intersil Corporation ISL97683IRTZ Datasheet HTML 7Page - Intersil Corporation ISL97683IRTZ Datasheet HTML 8Page - Intersil Corporation ISL97683IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Compact 2-3-4-Ch LED Drivers with Phase Shift Control
ISL97682, ISL97683, ISL97684
The ISL97682, ISL97683, ISL97684 are Intersil’s highly
integrated 2-3-4-channels LED drivers that are suitable for
medium size TFT-LCD backlights. These parts can drive multiple
channels of LEDs from inputs as low as 4V to outputs of up to
45V. They can also operate from inputs as low as 3V to outputs of
up to 26.5V in bootstrap configuration (see Figure 26 for 3V
operation).
The ISL97682, ISL97683, ISL97684 feature optional channels
phase shift control. This feature is used to minimize the input,
output ripple characteristics and load transient, which help
eliminate or reduce the video and audio noise interference from
the backlight driver operation.
The ISL97682, ISL97683, ISL97684 offer 8-bit PWM dimming for
systems that need frequency tuning flexibility. With the unique
adaptive boost switching architecture, the ISL97682, ISL97683,
ISL97684 also offer Direct PWM dimming with output, which
follows input and achieves linearity as low as 0.009% at 200Hz
or 1.35% at 30kHz.
The drivers incorporate dynamic headroom control that monitors
the highest LED forward voltage string and uses its feedback signal
for the minimum output regulation. The ISL97682, ISL97683,
ISL97684 incorporates extensive fault protection functions including
string open and short circuit detections, OVP, and OTP. The switching
frequency can be selected at either 600kHz or 1.0MHz in PFM or
PWM mode. These parts are available in the thin and compact
16 Ld 3mmx3mm TQFN package and operate in ambient
temperature from -40°C to +85°C.
Features
• ISL97682 - 2 x 100mA Channels
• ISL97683 - 3 x 50mA Channels
• ISL97684 - 4 x 50mA Channels
• Input Voltage 4.0V~26.5V with Max VOUT of 45V
• Input Voltage 3.0V (see Figure 26)~24V with Max VOUT of 26.5V
• PWM Dimming Linearity
- PWM Dimming with Adjustable Dimming Frequency with
Duty Cycle Linear from 0.4% to 100% <30kHz
- Direct PWM Dimming with Duty Cycle Linear from 0.009%
to 100% at 200Hz
• Current Matching of 0.7% typical from 1%~100% Dimming
• Selectable 600kHz or 1MHz Switching Frequency in PWM/PFM
Mode
• Dynamic Headroom Control
•Fault Protection
-String Open/Short Circuit Protections, OVP, OTP
• Thin and Compact TQFN-16 3mmx3mm Package
Applications
• Tablet to Notebook PC Displays LED Backlighting
• PMP LED Backlighting
FIGURE 1A. DIRECT PWM DIMMING
FIGURE 1B. PWM DIMMING WITH DIMMING FREQUENCY
ADJUSTMENT USING RFPWM
FIGURE 1. ISL97684 TYPICAL APPLICATION DIAGRAMS
VIN = 4~26.5V
VDC
VIN
OVP
45V, 4 x 50mA*
CH1
CH4
CH2
CH3
11
16
15
14
13
12
7
LX 9
ISL97684
L1
10µH
D1
Co
4.7µF
Ci
10µF
1µF
10
PGND
0.1µF
AGND
1
RSET
PWMI
COMP
5
3
8
2
6
FSW
4
FPWM/DIRECTPWM
EN
*VIN> = 9V AND WITH
GOOD LEDS MATCHING
33pF
10kΩ
8.2nF
VIN = 4~26.5V
VDC
VIN
OVP
45V, 4 x 50mA*
CH1
CH4
CH2
CH3
11
16
15
14
13
12
7
LX 9
ISL97684
L1
10µH
D1
Co
4.7µF
Ci
10µF
1µF
10
PGND
0.1µF
AGND
1
RSET
PWMI
COMP
5
3
8
2
6
FSW
4
FPWM/DIRECTPWM
EN
*VIN >=9V AND WITH
GOOD LEDS MATCHING
33pF
10kΩ
8.2nF
May 16, 2012
FN7689.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011, 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL97683IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97683IRTZ INTERSIL-ISL97683IRTZ Datasheet
592Kb / 17P
   Compact 2-3-4-Ch LED Drivers with Phase Shift Control
logo
Renesas Technology Corp
ISL97683IRTZ RENESAS-ISL97683IRTZ Datasheet
841Kb / 18P
   Compact 2-3-4-Ch LED Drivers with Phase Shift Control
logo
Intersil Corporation
ISL97683IRTZ-EVAL INTERSIL-ISL97683IRTZ-EVAL Datasheet
592Kb / 17P
   Compact 2-3-4-Ch LED Drivers with Phase Shift Control
logo
Renesas Technology Corp
ISL97683IRTZEVAL RENESAS-ISL97683IRTZEVAL Datasheet
841Kb / 18P
   Compact 2-3-4-Ch LED Drivers with Phase Shift Control
More results

Similar Description - ISL97683IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97682 INTERSIL-ISL97682 Datasheet
592Kb / 17P
   Compact 2-3-4-Ch LED Drivers with Phase Shift Control
logo
Renesas Technology Corp
ISL97682 RENESAS-ISL97682 Datasheet
841Kb / 18P
   Compact 2-3-4-Ch LED Drivers with Phase Shift Control
logo
Intersil Corporation
ISL97675 INTERSIL-ISL97675 Datasheet
550Kb / 20P
   4-Channel LED Driver with Phase Shift Control
logo
Renesas Technology Corp
ISL97675 RENESAS-ISL97675 Datasheet
982Kb / 21P
   4-Channel LED Driver with Phase Shift Control
ISL97676 RENESAS-ISL97676 Datasheet
1Mb / 19P
   6-Channel LED Driver with Phase Shift Control
Sep 12, 2017
logo
Intersil Corporation
ISL97676 INTERSIL-ISL97676 Datasheet
619Kb / 20P
   6-Channel LED Driver with Phase Shift Control
ISL97687 INTERSIL-ISL97687 Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ INTERSIL-ISL97687IRTZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
ISL97687IBZ INTERSIL-ISL97687IBZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ-T INTERSIL-ISL97687IRTZ-T Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com