Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC337L-XX-T92-B Datasheet(PDF) 3 Page - Unisonic Technologies

Part # BC337L-XX-T92-B
Description  SWITCHING AND AMPLIFIER APPLICATION
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BC337L-XX-T92-B Datasheet(HTML) 3 Page - Unisonic Technologies

  BC337L-XX-T92-B Datasheet HTML 1Page - Unisonic Technologies BC337L-XX-T92-B Datasheet HTML 2Page - Unisonic Technologies BC337L-XX-T92-B Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BC337/BC338
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R201-039.E
TYPICAL CHARACTERISTICS
1
0.2
Collector Current vs.
Base-Emitter Voltage
Base-Emitter Voltage, VBE (V)
0.8
1.0
Collector Power Dissipation vs.
Ambient Temperature
25
50
75 100
150 175
3
10
100
1K
0.4
0.6
Ambient Temperature, TA (℃)
0
100
0125
Common Emitter
VCE=1V
30
300
5K
200
300
400
500
600
700
35
6
7
10
0
0.1
0.3
0.4
0.5
18
2
0.6
0
Collector Current vs.
Collector-Emitter Voltage
Collector-Emitter Voltage, VCE (V)
0.2
0.7
4
9
IB=1mA
IB=2mA
IB=3mA
IB=4mA
IB=10mA
IB=5mA
IB=6mA
IB=9mA
IB=8mA
IB=7mA
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - BC337L-XX-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BC337L-XX-T92-B UTC-BC337L-XX-T92-B Datasheet
177Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATION
More results

Similar Description - BC337L-XX-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BC846 UTC-BC846 Datasheet
54Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC848 UTC-BC848_15 Datasheet
215Kb / 5P
   SWITCHING AND AMPLIFIER APPLICATION
BC327 UTC-BC327_15 Datasheet
208Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC328 UTC-BC328_15 Datasheet
208Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC558 UTC-BC558_15 Datasheet
396Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC846 UTC-BC846_11 Datasheet
253Kb / 5P
   SWITCHING AND AMPLIFIER APPLICATION
BC548 UTC-BC548_15 Datasheet
199Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC858 UTC-BC858_15 Datasheet
120Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC337 UTC-BC337_15 Datasheet
177Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATION
BC808 UTC-BC808_15 Datasheet
197Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com