Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL89411IBZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL89411IBZ
Description  High Speed, Dual Channel Power MOSFET Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL89411IBZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL89411IBZ Datasheet HTML 2Page - Intersil Corporation ISL89411IBZ Datasheet HTML 3Page - Intersil Corporation ISL89411IBZ Datasheet HTML 4Page - Intersil Corporation ISL89411IBZ Datasheet HTML 5Page - Intersil Corporation ISL89411IBZ Datasheet HTML 6Page - Intersil Corporation ISL89411IBZ Datasheet HTML 7Page - Intersil Corporation ISL89411IBZ Datasheet HTML 8Page - Intersil Corporation ISL89411IBZ Datasheet HTML 9Page - Intersil Corporation ISL89411IBZ Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
FN6798.1
July 1, 2009
ISL89411 Macro Model
**** ISL89411 Model ****
*
input
*
|
gnd
*
|
|
Vsupply
*
|
|
|
Vout
.subckt M89411 2
3
6
7
V1 12 3 1.6
R1 13 15 1k
R2 14 15 5k
R5 11 12 100
C1 15 3 43.3 pF
D1 14 13 dmod
X1 13 11 2 3 comp1
X2 16 12 15 3 comp1
sp 6 7 16 3 spmod
sn 7 3 16 3 snmod
g1 11 0 13 0 938µ
.model dmod d
.model spmod vswitch ron3 roff2meg von1 voff1.5
.model snmod vswitch ron4 roff2meg von3 voff2
.ends M89411
FIGURE 12. RISE/FALL TIME vs TEMPERATURE
FIGURE 13. DELAY vs TEMPERATURE
Typical Performance Curves (Continued)
ISL89410, ISL89411, ISL89412


Similar Part No. - ISL89411IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL89411IBZ INTERSIL-ISL89411IBZ Datasheet
227Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
ISL89411IBZ INTERSIL-ISL89411IBZ Datasheet
228Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Renesas Technology Corp
ISL89411IBZ RENESAS-ISL89411IBZ Datasheet
568Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Intersil Corporation
ISL89411IBZ-T13 INTERSIL-ISL89411IBZ-T13 Datasheet
227Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
ISL89411IBZ-T13 INTERSIL-ISL89411IBZ-T13 Datasheet
228Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
More results

Similar Description - ISL89411IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL89410 INTERSIL-ISL89410 Datasheet
227Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Elantec Semiconductor
EL7202C ELANTEC-EL7202C Datasheet
219Kb / 8P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Intersil Corporation
EL7202 INTERSIL-EL7202 Datasheet
126Kb / 7P
   High Speed, Dual Channel Power MOSFET Drivers
EL7202 INTERSIL-EL7202_06 Datasheet
200Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
EL7202CN INTERSIL-EL7202CN Datasheet
204Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
ISL89410 INTERSIL-ISL89410_09 Datasheet
228Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Renesas Technology Corp
EL7202 RENESAS-EL7202 Datasheet
522Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
ISL89410 RENESAS-ISL89410 Datasheet
568Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Microchip Technology
TC426COA713 MICROCHIP-TC426COA713 Datasheet
528Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
02/16/06
logo
TelCom Semiconductor, I...
TC4426 TELCOM-TC4426 Datasheet
75Kb / 6P
   1.5A DUAL HIGH-SPEED, POWER MOSFET DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com