Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9013G-X-T92-K Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 9013G-X-T92-K
Description  1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9013G-X-T92-K Datasheet(HTML) 2 Page - Unisonic Technologies

  9013G-X-T92-K Datasheet HTML 1Page - Unisonic Technologies 9013G-X-T92-K Datasheet HTML 2Page - Unisonic Technologies 9013G-X-T92-K Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
9013
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R201-030.C
ABSOLUTE MAXIMUM RATING (T
A=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-base voltage
VCBO
40
V
Collector-emitter voltage
VCEO
20
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
500
mA
Collector dissipation
PC
625
mW
Junction Temperature
TJ
125
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note:
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
BVCBO
IC=-100A, IE=0
40
V
Collector-emitter breakdown voltage
BVCEO
IC=1mA, IB=0
20
V
Emitter-base breakdown voltage
BVEBO
IE=100A, IC=0
5
V
Collector cutoff current
ICBO
VCB=25V, IE=0
100
nA
Emitter cutoff current
IEBO
VEB=3V, IC=0
100
nA
DC current gain
hFE1
hFE2
VCE=1V, IC=50mA
VCE=1V, IC=500mA
64
40
120
120
300
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA, IB=-50mA
0.16
0.6
V
Base-emitter saturation voltage
VBE(sat)
IC=-500mA, IB=-50mA
0.91
1.2
V
Base-emitter on voltage
VBE(on)
VCE=1V, IC=10mA
0.6
0.67
0.7
V
CLASSIFICATION OF hFE1
RANK
D
E
F
G
H
I
RANGE
64-91
78-112
96-135
112-166
144-202
190-300


Similar Part No. - 9013G-X-T92-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
9013G-x-T92-K UTC-9013G-x-T92-K Datasheet
94Kb / 2P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
More results

Similar Description - 9013G-X-T92-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBT9013 UTC-MMBT9013_15 Datasheet
153Kb / 3P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS
9012 UTC-9012_15 Datasheet
158Kb / 3P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS
MMBT9012 UTC-MMBT9012_15 Datasheet
179Kb / 3P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS
logo
Fairchild Semiconductor
SS9013 FAIRCHILD-SS9013 Datasheet
40Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
logo
Unisonic Technologies
9013 UTC-9013_11 Datasheet
94Kb / 2P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
logo
Fairchild Semiconductor
SS9012 FAIRCHILD-SS9012 Datasheet
35Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
logo
List of Unclassifed Man...
2SA9012 ETC-2SA9012 Datasheet
74Kb / 2P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH PULL OPERATION
2SC9013 ETC-2SC9013 Datasheet
81Kb / 2P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
logo
Fairchild Semiconductor
SS9012GBU FAIRCHILD-SS9012GBU Datasheet
41Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
logo
Unisonic Technologies
MMBT9013 UTC-MMBT9013 Datasheet
106Kb / 2P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com