Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9015L-X-T92-B Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 9015L-X-T92-B
Description  PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9015L-X-T92-B Datasheet(HTML) 2 Page - Unisonic Technologies

  9015L-X-T92-B Datasheet HTML 1Page - Unisonic Technologies 9015L-X-T92-B Datasheet HTML 2Page - Unisonic Technologies 9015L-X-T92-B Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
9015
PNP EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R201-032.D
ABSOLUTE MAXIMUM RATINGS (T
A=25°C, unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-45
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-100
mA
Collector Dissipation
PC
450
mW
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note:
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC = -100μA, IE = 0
-50
V
Collector-Emitter Breakdown Voltage
BVCEO
IC = -1mA, IB = 0
-45
V
Emitter-Base Breakdown Voltage
BVEBO
IE = -100μA, IC = 0
-5
V
Collector-Emitter Saturation Voltage
VCE(sat)
IC = -100mA, IB = -5mA
-0.2
-0.7
V
Base-Emitter Saturation Voltage
VBE(sat)
IC = -100mA, IB = -5mA
-0.82
-1.0
V
Base-Emitter On Voltage
VBE(on)
VCE = -5V, IC = -2mA
-0.6
-0.65 -0.75
V
Collector Cutoff Current
ICBO
VCB = -50V, IE =0
-50
nA
Emitter Cutoff Current
IEBO
VEB = -5V, IC =0
-100
nA
DC Current Gain
hFE
VCE =-5V, IC = -1mA
60
200
600
Output Capacitance
Cob
VCB = -10V, IE =0, f =1MHz
4.5
7.0
pF
Current Gain-Bandwidth Product
fT
VCE = -5V, IC = -10mA
100
190
MHz
Noise Figure
NF
VCE = -5V, IC = -0.2mA
f = 1KHz, Rs = 1K
Ω
0.7
10
dB
CLASSIFICATION OF hFE
RANK
A
B
C
RANGE
60-150
100-300
200-600


Similar Part No. - 9015L-X-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
9015L-X-T92-B UTC-9015L-X-T92-B Datasheet
78Kb / 2P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
9015L-x-T92-B UTC-9015L-x-T92-B Datasheet
74Kb / 2P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
More results

Similar Description - 9015L-X-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
9014 UTC-9014_2 Datasheet
107Kb / 2P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
List of Unclassifed Man...
2SC9014 ETC-2SC9014 Datasheet
75Kb / 2P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
ARTSCHIP ELECTRONICS CO...
MMBT9014 ARTSCHIP-MMBT9014 Datasheet
965Kb / 4P
   PRE-AMPLIFIER, LOW LEVEL, LOW NOISE
logo
Fairchild Semiconductor
SS9014 FAIRCHILD-SS9014 Datasheet
38Kb / 4P
   Pre-Amplifier, Low Level & Low Noise
logo
Unisonic Technologies
9015 UTC-9015 Datasheet
78Kb / 2P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
MMBT9015 UTC-MMBT9015_11 Datasheet
100Kb / 2P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
MMBT9014 UTC-MMBT9014_11 Datasheet
130Kb / 3P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
9015_1106 UTC-9015_1106 Datasheet
74Kb / 2P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
SeCoS Halbleitertechnol...
S9014 SECOS-S9014_15 Datasheet
259Kb / 2P
   Pre-Amplifier, Low Level & Low Noise
logo
Unisonic Technologies
MMBT9015 UTC-MMBT9015_15 Datasheet
116Kb / 3P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
SeCoS Halbleitertechnol...
S9014T SECOS-S9014T Datasheet
136Kb / 2P
   Pre-Amplifier, Low Level & Low Noise
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com