Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2544 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2544
Description  Programmable Current Limit High-Side Switch Preliminary Information
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2544 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2544 Datasheet HTML 1Page - Micrel Semiconductor MIC2544 Datasheet HTML 2Page - Micrel Semiconductor MIC2544 Datasheet HTML 3Page - Micrel Semiconductor MIC2544 Datasheet HTML 4Page - Micrel Semiconductor MIC2544 Datasheet HTML 5Page - Micrel Semiconductor MIC2544 Datasheet HTML 6Page - Micrel Semiconductor MIC2544 Datasheet HTML 7Page - Micrel Semiconductor MIC2544 Datasheet HTML 8Page - Micrel Semiconductor MIC2544 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
June 2000
1
MIC2544/2548
MIC2544/2548
Micrel
MIC2544/2548
Programmable Current Limit High-Side Switch
Preliminary Information
General Description
The MIC2544 and MIC2548 are integrated high-side power
switches optimized for low loss dc power switching and other
power management applications, including Advanced Con-
figuration and Power Interface (ACPI). The MIC2544/48 is a
cost-effective, highly integrated solution that requires few
external components to satisfy USB and ACPI requirements.
Load current management features include a precision resis-
tor-programmable output current-limit and a soft-start circuit
which minimizes inrush current when the switch is enabled.
Thermal shutdown, along with current-limit, protects the
switch and the attached device.
The MIC2544/48’s open-drain flag output is used to indicate
current-limiting or thermal shutdown to a local controller. The
MIC2548 has an additional internal latch which turns the
output off upon thermal shutdown providing robust fault
control. The enable signal is compatible with both 3V and 5V
logic, and is also used as the thermal shutdown latch reset for
the MIC2548.
The MIC2544 and MIC2548 are available in active-high and
active-low enable versions in the 8-pin SOP (small-outline
package) and 8-pin MSOP (micro-small-outline package).
Typical Application
EN
FLG
GND
ILIM
OUT
IN
OUT
NC
MIC2544-xBM
On/Off
Peripheral
0.1µF
RSET
+5V
RFLG
33µF
SOP pinout shown
Typical Advanced Configuration and Power Interface (ACPI) Application
Features
• 2.7V to 5.5V input
• Adjustable current-limit up to 1.5A
• Reverse current flow blocking (no “body diode”)
• 75
µA typical on-state supply current
• 1
µA typical off-state supply current
• 120m
Ω maximum on-resistance
• Open-drain fault flag
• Thermal shutdown
• Thermal shutdown output latch (MIC2548)
• 2ms (slow) turn-on and fast turnoff
• Available with active-high or active-low enable
Applications
• USB power distribution
• PCI Bus Power Switching
• Notebook PC
• ACPI power distribution
• PC card hot swap applications
• Inrush current-limiting
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com


Similar Part No. - MIC2544

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2544 MICREL-MIC2544 Datasheet
1Mb / 14P
   Programmable Current Limit High-Side Switch
MIC2544A MICREL-MIC2544A Datasheet
993Kb / 19P
   Programmable Current Limit High-Side Switch
MIC2544A-1YM MICREL-MIC2544A-1YM Datasheet
993Kb / 19P
   Programmable Current Limit High-Side Switch
MIC2544A-1YMM MICREL-MIC2544A-1YMM Datasheet
993Kb / 19P
   Programmable Current Limit High-Side Switch
MIC2544A-2YM MICREL-MIC2544A-2YM Datasheet
993Kb / 19P
   Programmable Current Limit High-Side Switch
More results

Similar Description - MIC2544

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2546 MICREL-MIC2546 Datasheet
262Kb / 12P
   Dual Programmable Current Limit Switch Preliminary Information
MIC2545A MICREL-MIC2545A_11 Datasheet
719Kb / 18P
   Programmable Current-Limit High-Side Switch
MIC2544 MICREL-MIC2544_10 Datasheet
1Mb / 14P
   Programmable Current Limit High-Side Switch
MIC2545A MICREL-MIC2545A Datasheet
288Kb / 16P
   Programmable Current Limit High-Side Switch
MIC2544A MICREL-MIC2544A Datasheet
993Kb / 19P
   Programmable Current Limit High-Side Switch
MIC2545A MICREL-MIC2545A_04 Datasheet
130Kb / 16P
   Programmable Current Limit High-Side Switch
MIC2514 MICREL-MIC2514 Datasheet
44Kb / 5P
   IttyBitty??Integrated High-Side Switch Preliminary Information
logo
Rohm
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com