Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1627AG-X-T6C-K Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SA1627AG-X-T6C-K
Description  PNP EPITAXIAL SILICON TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1627AG-X-T6C-K Datasheet(HTML) 3 Page - Unisonic Technologies

  2SA1627AG-X-T6C-K Datasheet HTML 1Page - Unisonic Technologies 2SA1627AG-X-T6C-K Datasheet HTML 2Page - Unisonic Technologies 2SA1627AG-X-T6C-K Datasheet HTML 3Page - Unisonic Technologies 2SA1627AG-X-T6C-K Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA1627A
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R217-004.G
TYPICAL CHARACTERISTICS
-2.0
0
Collector Current vs.
Collector to Emitter Voltage
Collector to Emitter Voltage, VCE (V)
-6.0
-10
-4.0
-8.0
0
-20
-40
-60
-80
-100
IB=1.8mA
IB=1.6mA
IB=1.4mA
IB=1.2mA
IB=1.0mA
IB=0.8mA
IB=0.6mA
IB=0.4mA
IB=0.2mA
-0.005
-0.002
DC Current Gain vs. Collector Current
Collector Current, IC (A)
-0.1
-0.02
-0.5
1
10
30
100
300
1000
3
-0.01
-0.05
-2.0
-0.2
-1.0
VCE=-5.0V
Collector Current vs.
Base to Emitter Voltage
Base to Emitter Voltage, VBE (V)
-0.01
-0.1
-0.3
-1.0
0
-0.4
-0.8
-1.2
-1.6
-0.03
-0.003
-0.2
-0.6
-1.0
-1.4
VCE=-5.0V
Collector and Base Saturation Voltage
vs. Collector Current
Collector Current, IC (A)
-0.1
-0.3
-1.0
-3.0
-0.005 -0.01
-0.05
-0.2
-0.03
-0.02
-0.1
-0.5
IC=5IB
VBE(SAT)
VCE(SAT)
Output Capacitance vs.
Collector to Base Voltage
Collector to Base Voltage, VCB (V)
5.0
20
50
200
-3.0
-10
-30
-100
-300
10
2.0
IE=0
100
Collector Power Dissipation
vs. Ambient Temperature
Ambient Temperature, TA ( )
0.2
0.6
0.8
1.2
0
25
75
100
150
0.4
0
1.0
50
125
Free Air


Similar Part No. - 2SA1627AG-X-T6C-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1627AG-X-T6C-K UTC-2SA1627AG-X-T6C-K Datasheet
173Kb / 4P
   PNP EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - 2SA1627AG-X-T6C-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com