Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2526 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2526
Description  Dual USB Power Control Switch Not Recommended for New Designs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2526 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2526 Datasheet HTML 1Page - Micrel Semiconductor MIC2526 Datasheet HTML 2Page - Micrel Semiconductor MIC2526 Datasheet HTML 3Page - Micrel Semiconductor MIC2526 Datasheet HTML 4Page - Micrel Semiconductor MIC2526 Datasheet HTML 5Page - Micrel Semiconductor MIC2526 Datasheet HTML 6Page - Micrel Semiconductor MIC2526 Datasheet HTML 7Page - Micrel Semiconductor MIC2526 Datasheet HTML 8Page - Micrel Semiconductor MIC2526 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
February 2000
3
MIC2526
MIC2526
Micrel
Electrical Characteristics
V
IN = +5V; TA = 25°C; unless noted.
Parameter
Condition
Min
Typ
Max
Units
Supply Current
Note 4, switch off, OUT = open
0.75
5
µA
Note 4, all switches on, OUT = open
110
160
µA
Enable Input Threshold
low-to-high transition
2.1
2.4
V
high-to-low transition, Note 4
0.8
1.9
V
Enable Input Current
V
EN = 0V to 5.5V
–1
±0.01
1
µA
Enable Input Capacitance
1pF
Switch Resistance
V
IN = 5V, IOUT = 500mA, each switch
100
140
m
V
IN = 3.3V, IOUT = 500mA, each switch
140
180
m
Output Turn-On Delay
R
L = 10Ω each output
0.5
ms
Output Turn-On Rise Time
R
L = 10Ω each output
1
ms
Output Turnoff Delay
R
L = 10Ω each output
1
20
µs
Output Turnoff Fall Time
R
L = 10Ω each output
1
20
µs
Output Leakage Current
each output (output disabled)
10
µA
Continuous Load Current
each output
0.5
A
Short-Circuit Current Limit
each output (enable into load), V
OUT = 4.0V
0.5
0.75
1.25
A
Current-Limit Threshold
ramped load applied to enabled output, V
OUT ≤ 4.0V, Note 5
1.6
2.2
A
Overtemperature Shutdown
T
J increasing
135
°C
Threshold
T
J decreasing
125
°C
Error Flag Output Resistance
V
IN = 5V, IL = 10mA
10
25
V
IN = 3.3V, IL = 10mA
15
40
Error Flag Off Current
V
FLAG = 5V
0.01
1
µA
UVLO Threshold
V
IN = increasing
2.5
V
V
IN = decreasing
2.3
V
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 4.
Off is
≤ 0.8V and on is ≥ 2.4V for the MIC2526-1. Off is ≥ 2.4V and on is ≤ 0.8V for the MIC2526-2. The enable input has approximately
200mV of hysteresis. See control threshold charts.
Note 5.
See “Functional Characteristics: Current-Limit Response” photo.
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
IN) ..................................................... +6V
Fault Flag Voltage (V
FLG) .............................................. +6V
Fault Flag Current (I
FLG) ............................................ 50mA
Output Voltage (V
OUT) .................................................. +6V
Output Current (I
OUT) ............................... Internally Limited
Control Input (V
EN) ......................................... –0.3V to 12V
Storage Temperature (T
S) ....................... –65°C to +150°C
Lead Temperature (Soldering 5 sec.) ....................... 260
°C
ESD Rating, Note 3 ...................................................... 2kV
Operating Ratings (Note 2)
Supply Voltage (V
IN) ...................................... +3V to +5.5V
Ambient Operating Temperature (T
A) ........ –40°C to +85°C
Thermal Resistance
SOIC (
θ
JA) ......................................................... 120°C/W
DIP(
θ
JA) ............................................................. 130°C/W


Similar Part No. - MIC2526

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2524 MICREL-MIC2524 Datasheet
100Kb / 12P
   Quad USB Power Control Switch Not Recommended for New Designs
MIC2524-1BN MICREL-MIC2524-1BN Datasheet
100Kb / 12P
   Quad USB Power Control Switch Not Recommended for New Designs
MIC2524-1BWM MICREL-MIC2524-1BWM Datasheet
100Kb / 12P
   Quad USB Power Control Switch Not Recommended for New Designs
MIC2524-2BN MICREL-MIC2524-2BN Datasheet
100Kb / 12P
   Quad USB Power Control Switch Not Recommended for New Designs
MIC2524-2BWM MICREL-MIC2524-2BWM Datasheet
100Kb / 12P
   Quad USB Power Control Switch Not Recommended for New Designs
More results

Similar Description - MIC2526

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2525 MICREL-MIC2525 Datasheet
93Kb / 12P
   USB Power Control Switch Not Recommended for New Designs
MIC2524 MICREL-MIC2524 Datasheet
100Kb / 12P
   Quad USB Power Control Switch Not Recommended for New Designs
logo
Micro Commercial Compon...
SK12-TP MCC-SK12-TP Datasheet
275Kb / 5P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Quantum Research Group
QT118HA-ISG QUANTUM-QT118HA-ISG Datasheet
213Kb / 12P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Micrel Semiconductor
MIC94002 MICREL-MIC94002 Datasheet
37Kb / 2P
   Dual P-Channel MOSFET Not Recommended for New Designs
MIC2507 MICREL-MIC2507 Datasheet
86Kb / 8P
   Quad Integrated High-Side Switch Not Recommended for New Designs
logo
Schurter Inc.
PFRX SCHURTER-PFRX Datasheet
332Kb / 3P
   On phase-out, not recommended for new designs
logo
List of Unclassifed Man...
IMST212 ETC1-IMST212 Datasheet
2Mb / 52P
   TRANSPUTER RECOMMENDED FOR NEW DESIGNS
logo
Cherry Semiconductor Co...
E23-50H CHERRY-E23-50H Datasheet
1Mb / 5P
   Not recommended for new designs Please review our D4 series
logo
Micrel Semiconductor
MIC5012 MICREL-MIC5012 Datasheet
103Kb / 9P
   Dual High- or Low-Side MOSFET Driver Not Recommended for New Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com