Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJSOT05C-03 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJSOT05C-03
Description  STANDARD CAPACITANCE TVS ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSOT05C-03 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJSOT05C-03_13 Datasheet HTML 1Page - Pan Jit International Inc. PJSOT05C-03_13 Datasheet HTML 2Page - Pan Jit International Inc. PJSOT05C-03_13 Datasheet HTML 3Page - Pan Jit International Inc. PJSOT05C-03_13 Datasheet HTML 4Page - Pan Jit International Inc. PJSOT05C-03_13 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
March 19,2013-REV.06
PJSOT05C-03/PJSOT24C-03
VOLTAGE
POWER
5 / 24 Volts
250 Watts
STANDARD CAPACITANCE TVS ARRAY
250 Watts Peak Pulse Power per Line ( tp=8/20 ms)
Low Clampoing Voltage
Available in Multiple Voltage Types Ranging from 5V
IEC 61000-4-2 +15kV air, +8kV Contact
Lead free in comply with EU RoHS 2011/65/EU directives
Green molding compound as per IEC61249 Std. . (Halogen Free)
DEVICE CHARACTERISTICS
Case: SOT-23
Terminals : Solderable per MIL-STD-750,Method 2026
• Weight: 0.0003 ounce, 0.0084 gram
MECHANICAL DATA
FEATURES
Ratings at 25°C unless otherwise specified.
NOTES :
1. Non-repetitive current pulse.
2. Mounted on copper pads to each terminal.
3. A transient suppressor is selected according to the working peak reverse voltage (VRWM), which should be equal to or greater than the DC
or continuous peak operating voltage level.
0.120(3.04)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.070(1.80)
0.020(0.50)
0.013(0.35)
0.044(1.10)
0.035(0.90)
0.008(0.20)
0.003(0.08)
0.004(0.10)
0.000(0.00)
PA RA M E TE R
S YM B O L
VA L UE
UNITS
P eak P uls e P o we r ( t p = 8 / 20
s)
( NO TE S 1, 2)
P PP
250
Wa tt s
F o r war d Vo lt age@ 100m A , 300
s-S q ua re Wa ve
V F
1.5
Volt s
Peak Pulse Current on 10/1000
s waveform
( NO TES 1 )
I
PPM
see Table
Amps
O per at i ng Te m per at ur e
TJ
- 50 t o 150
O C
S t or age Te m per at ur e
TSTG
- 50 t o 150
O C
Part Number
Re ve rs e S tand
-o ff Vo ltage
Mi nmum
B rea k down
Vo lta g e
Ma x C lampi ng
Vo lta ge @ 8/2 0
sec
P eak P uls e
C urre nt 8/20
sec
Maximum
Leakage Current
Off-State
Capacitance,
1MHz Zero dc Bias
Marking
Code
V RWM (NOTE S 3)
@1 m A V BR
V CL @ I PP
I PP
@V RWM I D
Cd
Ma x. V
V
V
Max. A
A
Ma x. p F
PJSOT05C-03
5
6
12.6
21
20
250
2DC
PJSOT24C-03
24
26.7
45.3
6
20
55
6DC


Similar Part No. - PJSOT05C-03_13

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSOT05C-03 PANJIT-PJSOT05C-03 Datasheet
102Kb / 3P
   STANDARD CAPACITANCE TVS ARRAY
More results

Similar Description - PJSOT05C-03_13

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM20MT05C PROTEC-SM20MT05C Datasheet
176Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
CP05 PROTEC-CP05 Datasheet
109Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05 Datasheet
96Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
DA05L PROTEC-DA05L_07 Datasheet
68Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
DA05N PROTEC-DA05N_07 Datasheet
76Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-4 PROTEC-PSMDA05C-4_07 Datasheet
71Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-8 PROTEC-PSMDA05C-8_07 Datasheet
73Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05_07 Datasheet
85Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Pan Jit International I...
PJSOT05C-03 PANJIT-PJSOT05C-03 Datasheet
102Kb / 3P
   STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-02 PANJIT-PJSOT05C-02_15 Datasheet
76Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Protek Devices
PSMS05 PROTEC-PSMS05 Datasheet
183Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com