Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2027 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2027
Description  Quad USB Power Distribution Switch Preliminary Information
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2027 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2027 Datasheet HTML 1Page - Micrel Semiconductor MIC2027 Datasheet HTML 2Page - Micrel Semiconductor MIC2027 Datasheet HTML 3Page - Micrel Semiconductor MIC2027 Datasheet HTML 4Page - Micrel Semiconductor MIC2027 Datasheet HTML 5Page - Micrel Semiconductor MIC2027 Datasheet HTML 6Page - Micrel Semiconductor MIC2027 Datasheet HTML 7Page - Micrel Semiconductor MIC2027 Datasheet HTML 8Page - Micrel Semiconductor MIC2027 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MIC2027/2077
Micrel
MIC2027/2077
4
June 2000
Electrical Characteristics
V
IN = +5V; TA = 25°C, bold values indicate –40°C ≤ TA ≤ +85°C; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
DD
Supply Current
MIC20x7-1, V
ENA–D ≤ 0.8V
1.5
10
µA
(switch off), OUT = open
MIC20x7-2, V
ENA–D ≥ 2.4V
1.5
10
µA
(switch off), OUT = open
MIC20x7-1, V
ENA–D ≥ 2.4V
200
320
µA
(switch on), OUT = open
MIC20x7-2, V
ENA–D ≤ 0.8V
200
320
µA
(switch on), OUT = open
V
EN
Enable Input Threshold
low-to-high transition
1.7
2.4
V
high-to-low transition
0.8
1.45
V
Enable Input Hysteresis
250
mV
I
EN
Enable Input Current
V
EN = 0V to 5.5V
–1
0.01
1
µA
Enable Input Capacitance
1
pF
R
DS(on)
Switch Resistance
V
IN = 5V, IOUT = 500mA
100
150
m
V
IN = 3.3V, IOUT = 500mA
110
170
m
Output Leakage Current
MIC20x7-1, V
ENx ≤ 0.8V;
10
µA
MIC20x7-2, V
ENx ≥ 2.4V, (output off)
Output Current in
MIC2077 (per Latch Output)
50
µA
Latched Thermal Shutdown
(during thermal shutdown state)
t
ON
Output Turn-On Delay
R
L = 10Ω, CL = 1µF, see “Timing Diagrams”
1.3
5
ms
t
R
Output Turn-On Rise Time
R
L = 10Ω, CL = 1µF, see “Timing Diagrams”
1.15
4.9
ms
t
OFF
Output Turnoff Delay
R
L = 10Ω, CL = 1µF, see “Timing Diagrams”
35
100
µs
t
F
Output Turnoff Fall Time
R
L = 10Ω, CL = 1µF, see “Timing Diagrams”
32
100
µs
I
LIMIT
Short-Circuit Output Current
V
OUT = 0V, enabled into short-circuit
0.5
0.9
1.25
A
Current-Limit Threshold
ramped load applied to output
1.0
1.25
A
Short-Circuit Response Time
V
OUT = 0V to IOUT = ILIMIT
20
µs
(short applied to output)
t
D
Overcurrent Flag Response
V
IN = 5V, apply VOUT = 0V until FLG low
1.5
3
7
ms
Delay
V
IN = 3.3V, apply VOUT = 0V until FLG low
3
ms
Undervoltage Lockout
V
IN rising
2.2
2.4
2.7
V
Threshold
V
IN falling
2.0
2.15
2.5
V
Error Flag Output
I
L = 10mA, VIN = 5V
10
25
Resistance
I
L = 10mA, VIN = 3.3V
15
40
Error Flag Off Current
V
FLAG = 5V
10
µA
Overtemperature Threshold
T
J increasing, each switch
140
°C
Note 4
T
J decreasing, each switch
120
°C
T
J increasing, both switches
160
°C
T
J decreasing, both switches
150
°C
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 4.
If there is an output current limit fault on one channel, that channel will shut down when the die reaches approximately 140
°C. If the die
reaches approximately 160
°C, the other channel driven by the same input will shut down, even if neither channel is in current limit.


Similar Part No. - MIC2027

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2027 MICREL-MIC2027 Datasheet
1Mb / 17P
   Quad USB Power Distribution Switch
MIC2027-1BM MICREL-MIC2027-1BM Datasheet
1Mb / 17P
   Quad USB Power Distribution Switch
MIC2027-1BWM MICREL-MIC2027-1BWM Datasheet
1Mb / 17P
   Quad USB Power Distribution Switch
MIC2027-1YM MICREL-MIC2027-1YM Datasheet
1Mb / 17P
   Quad USB Power Distribution Switch
MIC2027-1YWM MICREL-MIC2027-1YWM Datasheet
1Mb / 17P
   Quad USB Power Distribution Switch
More results

Similar Description - MIC2027

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537 Datasheet
88Kb / 12P
   Quad Power Distribution Switch Preliminary Information
MIC2536 MICREL-MIC2536 Datasheet
132Kb / 12P
   Dual USB Power Distribution Switch Preliminary Information
MIC2025 MICREL-MIC2025 Datasheet
138Kb / 16P
   Single-Channel Power Distribution Switch Preliminary Information
MIC2026 MICREL-MIC2026 Datasheet
175Kb / 16P
   Dual-Channel Power Distribution Switch Preliminary Information
MIC2027 MICREL-MIC2027_06 Datasheet
1Mb / 17P
   Quad USB Power Distribution Switch
MIC2536 MICREL-MIC2536_11 Datasheet
115Kb / 13P
   Dual USB Power Distribution Switch Final Information
logo
Texas Instruments
LM3544 TI1-LM3544 Datasheet
818Kb / 15P
[Old version datasheet]   Quad Port USB Power Distribution Switch
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
   Quad Power Distribution Switch Quad Power Distribution Switch
logo
First Silicon Co., Ltd
FC9516A FS-FC9516A Datasheet
796Kb / 12P
   USB Power-Distribution Switch
FC9521 FS-FC9521 Datasheet
691Kb / 8P
   USB Power-Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com