Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2951-4.8BM Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # LP2951-4.8BM
Description  100mA Low-Dropout Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LP2951-4.8BM Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button LP2951-4.8BM Datasheet HTML 3Page - Micrel Semiconductor LP2951-4.8BM Datasheet HTML 4Page - Micrel Semiconductor LP2951-4.8BM Datasheet HTML 5Page - Micrel Semiconductor LP2951-4.8BM Datasheet HTML 6Page - Micrel Semiconductor LP2951-4.8BM Datasheet HTML 7Page - Micrel Semiconductor LP2951-4.8BM Datasheet HTML 8Page - Micrel Semiconductor LP2951-4.8BM Datasheet HTML 9Page - Micrel Semiconductor LP2951-4.8BM Datasheet HTML 10Page - Micrel Semiconductor LP2951-4.8BM Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LP2950/2951
Micrel
3
February 1999
3-41
LP2951
Error Comparator Output
LP2951
Minimum Operating Voltage
Line Transient Response
Load Transient Response
Load Transient Response
Ripple Rejection
Output Impedance
2.2
2.0
1.9
1.6
-30
-20
-10
0
10
20
-250
-200
-150
-100
-50
0
50
-2.0 -1.5 -1.0 -0.5
0
0.5
1.0
8
6
4
2
0
-2
01
2
3
4
5
2.5
2.0
1.5
1.0
0.5
0.0
0
50
mV
100
mV
0
200
400
600
800
250
200
150
100
50
0
-50
-100
01
2
3
4
5
80
0
4
8
12
16
20
7
6
5
4
3
2
1
0
-100 0 100 200 300 400 500 600 700
10
5
2
1
0.5
0.2
0.1
0.05
10
100
1K
10K 100K
1M
90
80
70
60
50
40
20
10
10
70
60
50
40
30
20
T = 125
°C
A
C = 1
µF
V
= 5V
L
OUT
I = 10 mA
V = 8V
V
= 5V
L
I = 0
L
I = 100
µA
L
TEMPERATURE (
°C)
FEEDBACK VOLTAGE (V)
TIME (
µs)
OUTPUT LOW VOLTAGE (V)
INPUT VOLTAGE (V)
TIME (ms)
TIME (ms)
FREQUENCY (Hz)
FREQUENCY (Hz)
LP2951
Feedback Bias Current
LP2951
Feedback Pin Current
LP2951
Comparator Sink Current
LP2951
Enable Transient
Ripple Rejection
2.1
1.8
1.7
-75 -50 -25 0 25 50 75 100 125 150
-75 -50 -25 0 25 50 75 100 125 150
TEMPERATURE (
°C)
PIN 7 DRIVEN BY EXTERNAL
SOURCE (REGULATOR RUN
OPEN LOOP)
T = 25
°C
A
V
= 5V
OUT
T = 125
°C
A
T = 25
°C
A
T = -55
°C
A
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
-50
mV
8V
6V
4V
100
mA
100
µA
C = 1
µF
I = 1 mA
V
= 5V
L
OUT
L
60
40
20
0
-20
-40
-60
100
mA
100
µA
C = 10
µF
V
= 5V
L
OUT
2
0
-2
C = 10
µF
L
IN
OUT
0.02
0.01
I = 100
µA
0
I = 1 mA
0
I = 100 mA
0
V
= 5V
C = 1
µF
L
OUT
30
10
10
10
10
13
4
6
C = 1
µF
V = 6V
V
= 5V
L
IN
OUT
C = 1
µF
V = 6V
V
= 5V
L
IN
OUT
I = 10 mA
L
I = 1 mA
L
80
90
HYSTERESIS
PULLUP RESISTOR TO
SEPARATE 5V SUPPLY
2
10
10
FREQUENCY (Hz)
10
10
10
10
123
4
5
6
T = –55
°C
A
TIME (
µs)
L = 1
µF
L


Similar Part No. - LP2951-4.8BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LP2951-02BM MICREL-LP2951-02BM Datasheet
929Kb / 17P
   100mA Low-Dropout Voltage Regulator
LP2951-02BN MICREL-LP2951-02BN Datasheet
929Kb / 17P
   100mA Low-Dropout Voltage Regulator
LP2951-02YM MICREL-LP2951-02YM Datasheet
929Kb / 17P
   100mA Low-Dropout Voltage Regulator
logo
Microchip Technology
LP2951-02YM-TR MICROCHIP-LP2951-02YM-TR Datasheet
2Mb / 30P
   100 mA Low-Dropout Voltage Regulator
09/14/21
logo
Micrel Semiconductor
LP2951-02YN MICREL-LP2951-02YN Datasheet
929Kb / 17P
   100mA Low-Dropout Voltage Regulator
More results

Similar Description - LP2951-4.8BM

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
   100mA Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950 Datasheet
142Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
LM2931 ETC-LM2931 Datasheet
87Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950_17 Datasheet
659Kb / 10P
   100mA Low -Dropout Voltage Regulator
logo
Linear Dimensions Semic...
LND2931 LINEAR_DIMENSIONS-LND2931 Datasheet
125Kb / 5P
   100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950_1 Datasheet
137Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
AMS116 ADMOS-AMS116 Datasheet
113Kb / 7P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GLP2950 GTM-GLP2950 Datasheet
238Kb / 3P
   100mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com