Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ85C Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SMBJ85C
Description  Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMBJ85C Datasheet(HTML) 2 Page - Micro Commercial Components

  SMBJ85C Datasheet HTML 1Page - Micro Commercial Components SMBJ85C Datasheet HTML 2Page - Micro Commercial Components SMBJ85C Datasheet HTML 3Page - Micro Commercial Components SMBJ85C Datasheet HTML 4Page - Micro Commercial Components SMBJ85C Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
100
10
1.0
0.1
0.1
£gs
1.0
£gs
10
£gs
100
£gs
1.0ms
10ms
MOUNTED ON 5.0mm2
COPPER LAND AREAS
NON-REPETITIVE
PULSE WAVEFORM
SHOWN IN FIGURE 3
TA = 25 ¢J
td, PULSE WIDTH, SEC
100
75
50
25
0
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE, ¢J
Fig. 1-PEAK PULSE POWER RATING CURVE
Fig. 2-PULSE DERATING CURVE
150
100
50
0
0
1.0
2.0
3.0
4.0
TA = 25¢J
Pulse Width(td) is Defined as the
Point Where the Peak Current
Decays to 50% of lpp
Peak Value Ippm
Half Value-Ipp
2
10/1000£gsec Waveform
as Defined by R.E.A.
e-kt
td
tf = 10£gsec
t, TIME , ms
Fig. 3-PULSE WAVEFORM
6,000
4,000
2,000
1,000
800
600
400
200
100
80
60
40
20
10
1.0
2.0
10
20
100
200
MEASURED AT
STAND-OFF
VOLTAGE(VMW)
TJ = 25¢J
f = 1.0MHz
Vsig = 50mVp-p
MEASURED AT
ZERO BIAS
V(WM), REVERSE STAND-OFF VOLTAGE, VOLTS
Fig. 4-TYPICAL JUNCTION CAPACITANCE
200
100
50
0
1
2
4
6
8 10
20
60 80 100
TJ = TJ max
8.3ms SINGLE HALF
SINCE-WAVE JEDEC
METHOD
NUMBER OF CYCLES AT 60Hz
Fig. 5-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
SMBJ5.0 THRU SMBJ170CA
MCC
www.mccsemi.com


Similar Part No. - SMBJ85C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMBJ85C BYTES-SMBJ85C Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
SMBJ85C SOCAY-SMBJ85C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
EIC discrete Semiconduc...
SMBJ85C EIC-SMBJ85C Datasheet
18Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ85C SOCAY-SMBJ85C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMBJ85C LITTELFUSE-SMBJ85C Datasheet
326Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMBJ85C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
SMLJ50 MCC-SMLJ50 Datasheet
428Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMLJ15A-TP MCC-SMLJ15A-TP Datasheet
492Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMLJ22A-TP MCC-SMLJ22A-TP Datasheet
504Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMBJ5.0 MCC-SMBJ5.0_09 Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ170A-TP MCC-SMBJ170A-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ18CA-TP MCC-SMBJ18CA-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ26A-TP MCC-SMBJ26A-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ30-TP MCC-SMBJ30-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com