Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4040CIM3-4.1 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # LM4040CIM3-4.1
Description  Precision Micropower Shunt Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM4040CIM3-4.1 Datasheet(HTML) 1 Page - Micrel Semiconductor

  LM4040CIM3-4.1 Datasheet HTML 1Page - Micrel Semiconductor LM4040CIM3-4.1 Datasheet HTML 2Page - Micrel Semiconductor LM4040CIM3-4.1 Datasheet HTML 3Page - Micrel Semiconductor LM4040CIM3-4.1 Datasheet HTML 4Page - Micrel Semiconductor LM4040CIM3-4.1 Datasheet HTML 5Page - Micrel Semiconductor LM4040CIM3-4.1 Datasheet HTML 6Page - Micrel Semiconductor LM4040CIM3-4.1 Datasheet HTML 7Page - Micrel Semiconductor LM4040CIM3-4.1 Datasheet HTML 8Page - Micrel Semiconductor LM4040CIM3-4.1 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
January 2000
1
LM4040/4041
LM4040/4041
Micrel
LM4040/4041
Precision Micropower Shunt Voltage Reference
General Description
Ideal for space critical applications, the LM4040 and LM4041
precision voltage references are available in the subminia-
ture (3mm
× 1.3mm) SOT-23 surface-mount package.
The LM4040 is the available in fixed reverse breakdown
voltages of 2.500V, 4.096V and 5.000V. The LM4041 is
available with a fixed 1.225V or an adjustable reverse break-
down voltage.
The LM4040 and LM4041’s advanced design eliminates the
need for an external stabilizing capacitor while ensuring
stability with any capacitive load, making them easy to use.
The minimum operating current ranges from 60
µA for the
LM4041-1.2 to 74
µA for the LM4040-5.0. LM4040 versions
have a maximum operating current of 15mA.
LM4041
versions have a maximum operating current of 12mA.
The LM4040 and LM4041 utilizes zener-zap reverse break-
down voltage trim during wafer sort to ensure that the prime
parts have an accuracy of better than
±0.1% (A grade) at
25
°C. Bandgap reference temperature drift curvature correc-
tion and low dynamic impedance ensure stable reverse
breakdown voltage accuracy over a wide range of operating
temperatures and currents.
Features
• Small SOT-23 package
• No output capacitor required
• Tolerates capacitive loads
• Fixed reverse breakdown voltages of 1.225, 2.500V,
4.096V and 5.000V
• Adjustable reverse breakdown version
• Contact Micrel for parts with extended temperature
range.
Key Specifications
• Output voltage tolerance (A grade, 25
°C) .. ±0.1% (max)
• Low output noise (10Hz to 100Hz)
LM4040 ................................................ 35
µV
RMS (typ)
LM4041 ................................................ 20
µV
RMS (typ)
• Wide operating current range
LM4040 ................................................ 60
µA to 15mA
LM4041 ................................................ 60
µA to 12mA
• Industrial temperature range .................. –40
°C to +85°C
• Low temperature coefficient ................ 100ppm/
°C (max)
Applications
• Battery-Powered Equipment
• Data Acquisition Systems
• Instrumentation
• Process Control
• Energy Management
• Product Testing
• Automotive Electronics
• Precision Audio Components
Typical Applications
VS
RS
VR
LM4041
Adjustable
R1
R2
VO
VS
RS
VR
IQ + IL
IQ
IL
LM4040
LM4041
VO
Figure 2. LM4041 Adjustable
Shunt Regulator Application
Figure 1. LM4040, LM4041 Fixed
Shunt Regulator Application
V
O = 1.233 (R2/R1 + 1)
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com


Similar Part No. - LM4040CIM3-4.1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4040CIM3-4.1 NSC-LM4040CIM3-4.1 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
LM4040CIM3-4.1 NSC-LM4040CIM3-4.1 Datasheet
745Kb / 31P
   Precision Micropower Shunt Voltage Reference
logo
Micrel Semiconductor
LM4040CIM3-4.1 MICREL-LM4040CIM3-4.1 Datasheet
818Kb / 16P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040CIM3-4.1 TI1-LM4040CIM3-4.1 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040CIM3-4.1 TI1-LM4040CIM3-4.1 Datasheet
1Mb / 51P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4040CIM3-4.1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com