Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-2341W-DXXG Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # SPS-2341W-DXXG
Description  40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-2341W-DXXG Datasheet(HTML) 3 Page - Optoway Technology Inc

  SPS-2341W-DXXG_15 Datasheet HTML 1Page - Optoway Technology Inc SPS-2341W-DXXG_15 Datasheet HTML 2Page - Optoway Technology Inc SPS-2341W-DXXG_15 Datasheet HTML 3Page - Optoway Technology Inc SPS-2341W-DXXG_15 Datasheet HTML 4Page - Optoway Technology Inc SPS-2341W-DXXG_15 Datasheet HTML 5Page - Optoway Technology Inc SPS-2341W-DXXG_15 Datasheet HTML 6Page - Optoway Technology Inc SPS-2341W-DXXG_15 Datasheet HTML 7Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Optoway
SPS-2341W-DXXG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2010 V2.0
3
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Relative Humidity
RH
5
85
%
Non-condensing
Operating Case Temperature
Topr
0
70
oC
Power Supply Voltage
Vcc
-0.5
3.6
V
Receiver Input Optical Power
Mip
3
dBm
Average power
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.135
3.3
3.465
V
Operating Case Temperature
Topr
0
70
oC
Relative Humidity
RH
5
85
%
Non-condensing
Power Supply Current
ICC (TX+RX)
320
500
mA
Data Rate
9.95 / 10.3
10.5
Gb/s
Transmitter Optical Specifications (0
oC < Topr < 70oC, 3.13V < Vcc < 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Average Launch Power
Po, AVG
-2
2
dBm
1
Optical Modulation Amplitude
Po, MOA
-1.7
dBm
1
Extinction Ratio
ER
8.2
dB
Center Wavelength Spacing
100
GHz
2
Transmitter Center Wavelength
-- over life time
λc
X-100
X
X+100
pm
3
Output Spectrum Width
∆λ
---
1
nm
-20 dB width
Side Mode Suppression Ratio
SMSR
30
dB
Transmitter and Dispersion
Penalty @ 800 ps/nm @10.3Gb/s
TDP
2
dB
Relative Intensity Noise
RIN
-128
dB/Hz
Average Launch Power of OFF
Transmitter
-30
dBm
1. Output power is power coupled into a 9/125
µm single-mode fiber.
2. Corresponds to approximately 0.8 nm.
3. X = specified ITU Grid wavelength.
Receiver Optical Specifications (0
oC < Topr < 70oC, 3.13V < Vcc < 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Sensitivity
-16
dBm
4
Stressed
Receiver
Sensitivity,
OMA
-11.3
dBm
Receiver Overload
PMAX
-1
---
dBm
LOS -- Deasserted
LOSD
---
---
-16
dBm
Transition: low to high
LOS -- Asserted
LOSA
-28
---
---
dBm
Transition: high to low
Wavelength of Operation
λc
1480
1580
nm
Optical Return Loss
ORL
-27
dB
4. Measured with worst ER; BER < 10
-12 and PRBS 231-1. Equivalent to -14.3 dBm OMA at ER=8.2 dB.


Similar Part No. - SPS-2341W-DXXG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2341W-DXXG_2015 OPTOWAY-SPS-2341W-DXXG_2015 Datasheet
200Kb / 7P
   40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-2341W-DXXG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-4341W OPTOWAY-SPS-4341W_15 Datasheet
191Kb / 5P
   40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341W-DXXG_2015 OPTOWAY-SPS-2341W-DXXG_2015 Datasheet
200Kb / 7P
   40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4341W_2015 OPTOWAY-SPS-4341W_2015 Datasheet
191Kb / 5P
   40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4345W_2015 OPTOWAY-SPS-4345W_2015 Datasheet
204Kb / 8P
   40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4345W OPTOWAY-SPS-4345W_15 Datasheet
204Kb / 8P
   40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4381W_2015 OPTOWAY-SPS-4381W_2015 Datasheet
199Kb / 6P
   80 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2381W OPTOWAY-SPS-2381W_15 Datasheet
203Kb / 7P
   80 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4371W OPTOWAY-SPS-4371W_15 Datasheet
194Kb / 5P
   70 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4371W_2015 OPTOWAY-SPS-4371W_2015 Datasheet
194Kb / 5P
   70 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4381W OPTOWAY-SPS-4381W_15 Datasheet
199Kb / 6P
   80 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com