Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX98728EC Datasheet(PDF) 32 Page - Macronix International

Part # MX98728EC
Description  GMAC SINGLE CHIP 10/100 FAST ETHERNET CONTROLLER FOR GENERIC APPLICATION
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX98728EC Datasheet(HTML) 32 Page - Macronix International

Back Button MX98728EC Datasheet HTML 28Page - Macronix International MX98728EC Datasheet HTML 29Page - Macronix International MX98728EC Datasheet HTML 30Page - Macronix International MX98728EC Datasheet HTML 31Page - Macronix International MX98728EC Datasheet HTML 32Page - Macronix International MX98728EC Datasheet HTML 33Page - Macronix International MX98728EC Datasheet HTML 34Page - Macronix International MX98728EC Datasheet HTML 35Page - Macronix International MX98728EC Datasheet HTML 36Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 71 page
background image
32
P/N:PM0723
REV. 1.0, JUL. 13, 2000
MX98728EC
For a successful transmission, an interrupt is caused
by the interrupt register bit TI ( bit 2 of register 09h ) of
the interrupt register IR, provided that the correspond-
ing enable bit TIM ( bit 2 of register 08h ) of the interrupt
enable register IMR is set. In case that an error occurred
during the transmission, the interrupt register bit TEI will
be set instead of TI. The register 09h bit 4 ( TEIM ) is
the interrupt enable bit for TEI. Set TEIM will enable the
TEI interrupt. The transmission error can be read from
register 04h ( the LTPS register ) which records the trans-
mit status of the last packet transmitted. If bit 7 ( TERR
) of register 04h is set, then TEI will be set as well. TERR
is a logical OR of the underrun error( UF bit ), the out-of-
window collision error ( OWC bit ), the carrier lost error (
CRSLOST bit ) and the excessive collision error (
CC[3:0]=1111 and TEI = 1).
Collision recovery
During transmission, if a collision is detected before the
first 64 bytes of the the packet has been transmitted,
the FIFO will restore the necessary FIFO pointers to
retransmit the same packet without fetching the trans-
mitted data from the packet memory. An out-of-window
collision is a collision occured after 64 bytes of data
transmitted. If the out-of-window collision occurred, the
packet will be aborted with an interrupt asserted. The
OWC bit of the transmit descriptor is set and the device
driver needs to resolve such a situation and reissue a
transmit command so that GMAC can fetch the entire
packet from the packet memory again for retransmis-
sion.
The collision count will be recorded for the current packet
in register 04h.CC[3:0] bits. If all 15 retransmissions
result in collisions, the transmission is aborted and the
collision count CC[3:0]=1111 and an interrupt will be as-
serted and the TEI interrupt bit is set to indicate such an
excessive collision error. If the TI interrupt bit is set,
then the packet is successfully transmitted with the col-
lision count=CC[3:0].
After a single packet transmission
When a packet(s) transmission is completed, register
00h.ST1 and ST0 are both cleared to 0 automatically by
GMAC. Whenever the first packet is sent out, an inter-
rupt is asserted for the host attention. The device driver
can process this packet's status. In the TX local DMA
mode, the first thing to check is making sure the OWN
bit in the status field bit 7 is 0, which indicates that GMAC
has completed the transmission of this packet and the
status is valid. Or in the direct FIFO mode, check ST1
and ST0 for both 0, which indicates completion of the
previous transmission. At this point, the device driver
can proceed with the transmit status ( on the register or
in the descriptor ) and other book keeping tasks. If host
system does not support SRDY pin, the following flow
chart provides a way to fetch transmit status of any
transmitted packet in the packet memory in TX DMA
mode. This is useful when multiple packets are trans-
mitted in a single command and multiple transmit status
needed to be checked.
START
Yes
Next
data
read?
End
Yes
Write starting page address to IORDP
(1E/1F)
Read
RRDYB
(3A.1)==0?
Write "1" to STIORD/ RRDYB
(3A.1)
Read back Data from IORD (4C-4F)
No
No


Similar Part No. - MX98728EC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX98725 ETC1-MX98725 Datasheet
177Kb / 33P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
Macronix International
MX98726 MCNIX-MX98726 Datasheet
288Kb / 55P
   SINGLE CHIP 10/100 FAST ETHERNET CONTROLLER WITH uP INTERFACE
MX98726EC MCNIX-MX98726EC Datasheet
346Kb / 56P
   SINGLE CHIP 10/100 FAST ETHERNET CONTROLLER WITH uP INTERFACE
More results

Similar Description - MX98728EC

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX98726 MCNIX-MX98726 Datasheet
288Kb / 55P
   SINGLE CHIP 10/100 FAST ETHERNET CONTROLLER WITH uP INTERFACE
MX98726EC MCNIX-MX98726EC Datasheet
346Kb / 56P
   SINGLE CHIP 10/100 FAST ETHERNET CONTROLLER WITH uP INTERFACE
logo
WIZnet Co., Ltd
W5100 WIZNET-W5100 Datasheet
1Mb / 72P
   Single-chip Internet-enabled 10/100 Ethernet Controller
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
Microchip Technology
LAN89218 MICROCHIP-LAN89218 Datasheet
1Mb / 148P
   High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
07/14/15
logo
Advanced Micro Devices
AM79C971 AMD-AM79C971 Datasheet
3Mb / 265P
   PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
logo
Macronix International
MX98715AEC-D MCNIX-MX98715AEC-D Datasheet
255Kb / 40P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com