Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX3008PBK Datasheet(PDF) 7 Page - NXP Semiconductors

Part # NX3008PBK
Description  30 V, 230 mA P-channel Trench MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3008PBK Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button NX3008PBK_15 Datasheet HTML 3Page - NXP Semiconductors NX3008PBK_15 Datasheet HTML 4Page - NXP Semiconductors NX3008PBK_15 Datasheet HTML 5Page - NXP Semiconductors NX3008PBK_15 Datasheet HTML 6Page - NXP Semiconductors NX3008PBK_15 Datasheet HTML 7Page - NXP Semiconductors NX3008PBK_15 Datasheet HTML 8Page - NXP Semiconductors NX3008PBK_15 Datasheet HTML 9Page - NXP Semiconductors NX3008PBK_15 Datasheet HTML 10Page - NXP Semiconductors NX3008PBK_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NX3008PBK
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 1 August 2011
7 of 16
NXP Semiconductors
NX3008PBK
30 V, 230 mA P-channel Trench MOSFET
Tj = 25 °C
Tj = 25 °C; VDS = -5 V
(1) minimum values
(2) typical values
(3) maximum values
Fig 6.
Output characteristics: drain current as a
function of drain-source voltage; typical values
Fig 7.
Sub-threshold drain current as a function of
gate-source voltage
Tj = 25 °C
(1) VGS = -1.75 V
(2) VGS = -2.0 V
(3) VGS = -2.25 V
(4) VGS = -2.5 V
(5) VGS = -3.0 V
(6) VGS = -4.5 V
ID = -200 mA
(1) Tj = 150 °C
(2) Tj = 25 °C
Fig 8.
Drain-source on-state resistance as a function
of drain current; typical values
Fig 9.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
VDS (V)
0-4
-3
-1
-2
001aao256
-0.10
-0.15
-0.05
-0.20
-0.25
ID
(A)
0.00
-2 V
-2.5 V
VGS = -1.5 V
-4.5 V
-3 V
001aao257
VGS (V)
0.0
-1.5
-1.0
-0.5
-10-4
-10-5
-10-3
ID
(A)
-10-6
(2)
(1)
(3)
ID (A)
0
-0.25
-0.20
-0.10
-0.15
-0.05
001aao258
14
RDS (on)
(Ω)
10
6
2
0
4
8
12
(1)
(2)
(3)
(5)
(6)
(4)
VGS (A)
0-5
-4
-2
-3
-1
001aao259
14
RDS (on)
(Ω)
10
6
2
0
4
8
12
(1)
(2)


Similar Part No. - NX3008PBK_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3008PBK215 PHILIPS-NX3008PBK215 Datasheet
884Kb / 16P
   30 V, 230 mA P-channel Trench MOSFET
Rev. 1-1 August 2011
More results

Similar Description - NX3008PBK_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3008PBK215 PHILIPS-NX3008PBK215 Datasheet
884Kb / 16P
   30 V, 230 mA P-channel Trench MOSFET
Rev. 1-1 August 2011
NX3008PBK NXP-NX3008PBK Datasheet
884Kb / 16P
   30 V, 230 mA P-channel Trench MOSFET
Rev. 1-1 August 2011
logo
Nexperia B.V. All right...
NX3008PBK NEXPERIA-NX3008PBK Datasheet
1Mb / 16P
   30 V, 230 mA P-channel Trench MOSFET
Rev. 1 - 1 August 2011
BSS84AKM NEXPERIA-BSS84AKM Datasheet
1Mb / 16P
   50 V, 230 mA P-channel Trench MOSFET
logo
NXP Semiconductors
BSS84AKM PHILIPS-BSS84AKM_15 Datasheet
859Kb / 16P
   50 V, 230 mA P-channel Trench MOSFET
Rev. 1-23 May 2011
logo
Nexperia B.V. All right...
NX3008PBKT NEXPERIA-NX3008PBKT Datasheet
1Mb / 17P
   30 V, 200 mA P-channel Trench MOSFET
Rev. 1 - 1 August 2011
logo
NXP Semiconductors
NX3008PBKW NXP-NX3008PBKW Datasheet
883Kb / 16P
   30 V, 200 mA P-channel Trench MOSFET
Rev. 1-1 August 2011
NX3008PBKT NXP-NX3008PBKT Datasheet
879Kb / 16P
   30 V, 200 mA P-channel Trench MOSFET
Rev. 1-1 August 2011
NX3008PBKW PHILIPS-NX3008PBKW_15 Datasheet
883Kb / 16P
   30 V, 200 mA P-channel Trench MOSFET
Rev. 1-1 August 2011
logo
Nexperia B.V. All right...
NX3008PBKW NEXPERIA-NX3008PBKW Datasheet
1Mb / 16P
   30 V, 200 mA P-channel Trench MOSFET
Rev. 1 - 1 August 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com