Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX3008NBKS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # NX3008NBKS
Description  30 V, 350 mA dual N-channel Trench MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3008NBKS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button NX3008NBKS_15 Datasheet HTML 5Page - NXP Semiconductors NX3008NBKS_15 Datasheet HTML 6Page - NXP Semiconductors NX3008NBKS_15 Datasheet HTML 7Page - NXP Semiconductors NX3008NBKS_15 Datasheet HTML 8Page - NXP Semiconductors NX3008NBKS_15 Datasheet HTML 9Page - NXP Semiconductors NX3008NBKS_15 Datasheet HTML 10Page - NXP Semiconductors NX3008NBKS_15 Datasheet HTML 11Page - NXP Semiconductors NX3008NBKS_15 Datasheet HTML 12Page - NXP Semiconductors NX3008NBKS_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
NX3008NBKS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 1 August 2011
9 of 17
NXP Semiconductors
NX3008NBKS
30 V, 350 mA dual N-channel Trench MOSFET
VDS > ID x RDSon
(1) Tj = 25 °C
(2) Tj = 150 °C
Fig 10. Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 11. Normalized drain-source on-state resistance as
a function of junction temperature; typical
values
ID = 0.25 mA; VDS = VGS
(1) maximum values
(2) typical values
(3) minimum values
f = 1 MHz; VGS = 0 V
(1)Ciss
(2)Coss
(3)Crss
Fig 12. Gate-source threshold voltage as a function of
junction temperature
Fig 13. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
001aao271
VGS (V)
03
2
1
0.2
0.1
0.3
0.4
ID
(A)
0.0
(2)
(1)
Tj (˚C)
-60
180
120
060
001aao272
1.0
0.5
1.5
2.0
a
0.0
Tj (˚C)
-60
180
120
060
001aao273
0.5
1.0
1.5
VGS(th)
(V)
0.0
(2)
(1)
(3)
001aao274
VDS (V)
10-1
102
10
1
10
102
C
(pF)
1
(1)
(2)
(3)


Similar Part No. - NX3008NBKS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3008NBKS NXP-NX3008NBKS Datasheet
902Kb / 17P
   30 V, 350 mA dual N-channel Trench MOSFET
Rev. 1-1 August 2011
logo
Nexperia B.V. All right...
NX3008NBKS NEXPERIA-NX3008NBKS Datasheet
277Kb / 15P
   30 V, 350 mA dual N-channel Trench MOSFET
5 November 2022
More results

Similar Description - NX3008NBKS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3008NBKS NXP-NX3008NBKS Datasheet
902Kb / 17P
   30 V, 350 mA dual N-channel Trench MOSFET
Rev. 1-1 August 2011
logo
Nexperia B.V. All right...
NX3008NBKS NEXPERIA-NX3008NBKS Datasheet
277Kb / 15P
   30 V, 350 mA dual N-channel Trench MOSFET
5 November 2022
logo
NXP Semiconductors
NX3008NBKT-115 NXP-NX3008NBKT-115 Datasheet
874Kb / 16P
   30 V, 350 mA N-channel Trench MOSFET
Rev. 1-1 August 2011
NX3008NBKW PHILIPS-NX3008NBKW_15 Datasheet
879Kb / 16P
   30 V, 350 mA N-channel Trench MOSFET
Rev. 1-2 August 2011
logo
Nexperia B.V. All right...
NX3008NBKT NEXPERIA-NX3008NBKT Datasheet
1Mb / 17P
   30 V, 350 mA N-channel Trench MOSFET
Rev. 1 - 1 August 2011
NX3008NBKW NEXPERIA-NX3008NBKW Datasheet
1Mb / 16P
   30 V, 350 mA N-channel Trench MOSFET
logo
NXP Semiconductors
NX3008CBKS PHILIPS-NX3008CBKS_15 Datasheet
1Mb / 21P
   30 / 30 V, 350 / 200 mA N/P-channel Trench MOSFET
Rev. 1-29 July 2011
logo
Nexperia B.V. All right...
2N7002PV NEXPERIA-2N7002PV Datasheet
272Kb / 14P
   60 V, 350 mA dual N-channel Trench MOSFET
28 December 2022
NX3008CBKS NEXPERIA-NX3008CBKS Datasheet
2Mb / 21P
   30 / 30 V, 350 / 200 mA N/P-channel Trench MOSFET
logo
NXP Semiconductors
2N7002BK NXP-2N7002BK Datasheet
176Kb / 16P
   60 V, 350 mA N-channel Trench MOSFET
Rev. 1-17 June 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com