Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX3008NBK Datasheet(PDF) 10 Page - NXP Semiconductors

Part # NX3008NBK
Description  30 V, 400 mA N-channel Trench MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3008NBK Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button NX3008NBK_15 Datasheet HTML 6Page - NXP Semiconductors NX3008NBK_15 Datasheet HTML 7Page - NXP Semiconductors NX3008NBK_15 Datasheet HTML 8Page - NXP Semiconductors NX3008NBK_15 Datasheet HTML 9Page - NXP Semiconductors NX3008NBK_15 Datasheet HTML 10Page - NXP Semiconductors NX3008NBK_15 Datasheet HTML 11Page - NXP Semiconductors NX3008NBK_15 Datasheet HTML 12Page - NXP Semiconductors NX3008NBK_15 Datasheet HTML 13Page - NXP Semiconductors NX3008NBK_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NX3008NBK
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 2 August 2011
10 of 16
NXP Semiconductors
NX3008NBK
30 V, 400 mA N-channel Trench MOSFET
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
Fig 17. Duty cycle definition
t1
t2
P
t
006aaa812
duty cycle
δ =
t1
t2


Similar Part No. - NX3008NBK_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3008NBKMB NXP-NX3008NBKMB Datasheet
1Mb / 15P
   30 V, single N-channel Trench MOSFET
Rev. 1-11 May 2012
NX3008NBKMB PHILIPS-NX3008NBKMB Datasheet
1Mb / 15P
   30 V, single N-channel Trench MOSFET
Rev. 1-11 May 2012
logo
Nexperia B.V. All right...
NX3008NBKMB NEXPERIA-NX3008NBKMB Datasheet
259Kb / 14P
   30 V, single N-channel Trench MOSFET
5 November 2022
logo
NXP Semiconductors
NX3008NBKMB PHILIPS-NX3008NBKMB_15 Datasheet
1Mb / 15P
   30 V, single N-channel Trench MOSFET
Rev. 1-11 May 2012
NX3008NBKS NXP-NX3008NBKS Datasheet
902Kb / 17P
   30 V, 350 mA dual N-channel Trench MOSFET
Rev. 1-1 August 2011
More results

Similar Description - NX3008NBK_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NX3008NBK NEXPERIA-NX3008NBK Datasheet
1Mb / 16P
   30 V, 400 mA N-channel Trench MOSFET
NX3008NBKV NEXPERIA-NX3008NBKV Datasheet
252Kb / 14P
   30 V, 400 mA dual N-channel Trench MOSFET
28 December 2022
logo
NXP Semiconductors
NX3008NBKV PHILIPS-NX3008NBKV_15 Datasheet
874Kb / 17P
   30 V, 400 mA dual N-channel Trench MOSFET
Rev. 1-1 August 2011
NX3008NBKV NXP-NX3008NBKV Datasheet
874Kb / 17P
   30 V, 400 mA dual N-channel Trench MOSFET
Rev. 1-1 August 2011
NX3008CBKV PHILIPS-NX3008CBKV Datasheet
1Mb / 21P
   30 / 30 V 400 / 220 mA N/P-channel Trench MOSFET
Rev. 1-29 July 2011
logo
Nexperia B.V. All right...
NX3008CBKV NEXPERIA-NX3008CBKV Datasheet
310Kb / 20P
   30 / 30 V, 400 / 220 mA N/P-channel Trench MOSFET
28 December 2022
logo
NXP Semiconductors
NX3008NBKT-115 NXP-NX3008NBKT-115 Datasheet
874Kb / 16P
   30 V, 350 mA N-channel Trench MOSFET
Rev. 1-1 August 2011
NX3008NBKW PHILIPS-NX3008NBKW_15 Datasheet
879Kb / 16P
   30 V, 350 mA N-channel Trench MOSFET
Rev. 1-2 August 2011
NX3020NAKW PHILIPS-NX3020NAKW_15 Datasheet
258Kb / 15P
   30 V, 180 mA N-channel Trench MOSFET
29 October 2013
logo
Nexperia B.V. All right...
NX3020NAKT NEXPERIA-NX3020NAKT Datasheet
358Kb / 14P
   30 V, 180 mA N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com