Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX1029X Datasheet(PDF) 3 Page - NXP Semiconductors

Part # NX1029X
Description  60 / 50 V, 330 / 170 mA N/P-channel Trench MOSFET
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX1029X Datasheet(HTML) 3 Page - NXP Semiconductors

  NX1029X_15 Datasheet HTML 1Page - NXP Semiconductors NX1029X_15 Datasheet HTML 2Page - NXP Semiconductors NX1029X_15 Datasheet HTML 3Page - NXP Semiconductors NX1029X_15 Datasheet HTML 4Page - NXP Semiconductors NX1029X_15 Datasheet HTML 5Page - NXP Semiconductors NX1029X_15 Datasheet HTML 6Page - NXP Semiconductors NX1029X_15 Datasheet HTML 7Page - NXP Semiconductors NX1029X_15 Datasheet HTML 8Page - NXP Semiconductors NX1029X_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NX1029X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 12 August 2011
3 of 20
NXP Semiconductors
NX1029X
60 / 50 V, 330 / 170 mA N/P-channel Trench MOSFET
5.
Limiting values
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and mounting pad for drain 1 cm2.
[2]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper; tin-plated and standard footprint.
[3]
Measured between all pins.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
TR2 (P-channel)
VDS
drain-source voltage
Tj =25°C
-
-50
V
VGS
gate-source voltage
-20
20
V
ID
drain current
VGS =-10 V; Tamb =25°C
[1] -
-170
mA
VGS =-10 V; Tamb =100 °C
[1] --110
mA
IDM
peak drain current
Tamb = 25 °C; single pulse; tp ≤ 10 µs
-
-0.7
A
Ptot
total power dissipation
Tamb =25 °C
[2] -
330
mW
[1] -
390
mW
Tsp = 25 °C
-
1090
mW
TR1 (N-channel)
VDS
drain-source voltage
Tj =25°C
-
60
V
VGS
gate-source voltage
-20
20
V
ID
drain current
VGS =10V; Tamb =25 °C
[1] -
330
mA
VGS =10V; Tamb = 100 °C
[1] -
210
mA
IDM
peak drain current
Tamb = 25 °C; single pulse; tp ≤ 10 µs
-
1.2
A
Ptot
total power dissipation
Tamb =25 °C
[2] -
330
mW
[1] -
390
mW
Tsp = 25 °C
-
1090
mW
Per device
Ptot
total power dissipation
Tamb =25 °C
[2] -
500
mW
Tj
junction temperature
-55
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
TR1 (N-channel), Source-drain diode
IS
source current
Tamb =25 °C
[2][1] -
330
mA
TR2 (P-channel), Source-drain diode
IS
source current
Tamb =25 °C
[1] -
-170
mA
TR1 N-channel), ESD maximum rating
VESD
electrostatic discharge voltage
HBM
[3] -
2000
V
TR2 (P-channel), ESD maximum rating
VESD
electrostatic discharge voltage
HBM
[3] -
1000
V


Similar Part No. - NX1029X_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NX1029X NEXPERIA-NX1029X Datasheet
1Mb / 20P
   60 / 50 V, 330 / 170 mA N/P-channel Trench MOSFET
More results

Similar Description - NX1029X_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NX1029X NEXPERIA-NX1029X Datasheet
1Mb / 20P
   60 / 50 V, 330 / 170 mA N/P-channel Trench MOSFET
NX6020CAKS NEXPERIA-NX6020CAKS Datasheet
312Kb / 22P
   60 V / 50 V, 170 mA / 160 mA N/P-channel Trench MOSFET
18 January 2018
logo
NXP Semiconductors
BSS84AKV NXP-BSS84AKV Datasheet
876Kb / 17P
   50 V, 170 mA dual P-channel Trench MOSFET
v
BSS84AKV PHILIPS-BSS84AKV_15 Datasheet
876Kb / 17P
   50 V, 170 mA dual P-channel Trench MOSFET
Rev. 1-19 May 2011
logo
Nexperia B.V. All right...
BSS84AKV NEXPERIA-BSS84AKV Datasheet
256Kb / 14P
   50 V, 170 mA dual P-channel Trench MOSFET
28 December 2022
logo
NXP Semiconductors
BSS84AKW NXP-BSS84AKW Datasheet
874Kb / 16P
   50 V, 150 mA P-channel Trench MOSFET
Rev. 1-23 May 2011
logo
Nexperia B.V. All right...
BSS84AKM NEXPERIA-BSS84AKM Datasheet
1Mb / 16P
   50 V, 230 mA P-channel Trench MOSFET
BSS84AKT NEXPERIA-BSS84AKT Datasheet
983Kb / 17P
   50 V, 150 mA P-channel Trench MOSFET
Rev. 1 - 23 May 2011
BSS84AKW NEXPERIA-BSS84AKW Datasheet
1Mb / 16P
   50 V, 150 mA P-channel Trench MOSFET
Rev. 1 - 23 May 2011
logo
NXP Semiconductors
BSS84AKW PHILIPS-BSS84AKW Datasheet
874Kb / 16P
   50 V, 150 mA P-channel Trench MOSFET
Rev. 1-23 May 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com